Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC4245A-EP Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LVC4245A-EP
Description  OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC4245A-EP Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC4245A-EP_15 Datasheet HTML 1Page - Texas Instruments SN74LVC4245A-EP_15 Datasheet HTML 2Page - Texas Instruments SN74LVC4245A-EP_15 Datasheet HTML 3Page - Texas Instruments SN74LVC4245A-EP_15 Datasheet HTML 4Page - Texas Instruments SN74LVC4245A-EP_15 Datasheet HTML 5Page - Texas Instruments SN74LVC4245A-EP_15 Datasheet HTML 6Page - Texas Instruments SN74LVC4245A-EP_15 Datasheet HTML 7Page - Texas Instruments SN74LVC4245A-EP_15 Datasheet HTML 8Page - Texas Instruments SN74LVC4245A-EP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.ti.com
Recommended Operating Conditions
(1)
Recommended Operating Conditions
(1)
SN74LVC4245A-EP
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER
WITH 3-STATE OUTPUTS
SCAS742 – DECEMBER 2003 – REVISED AUGUST 2005
for V
CCA = 4.5 V to 5.5 V
MIN
MAX
UNIT
VCCA
Supply voltage
4.5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
VCCA
V
VO
Output voltage
0
VCCA
V
IOH
High-level output current
–24
mA
IOL
Low-level output current
24
mA
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at the associated VCC or GND to ensure proper device operation. Refer to the TI
application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
for V
CCB = 2.7 V to 3.6 V
MIN
MAX
UNIT
VCCB
Supply voltage
2.7
3.6
V
VIH
High-level input voltage
VCCB = 2.7 V to 3.6 V
2
V
VIL
Low-level input voltage
VCCB = 2.7 V to 3.6 V
0.8
V
VI
Input voltage
0
VCCB
V
VO
Output voltage
0
VCCB
V
VCCB = 2.7 V
–12
IOH
High-level output current
mA
VCCB = 3 V
–24
VCCB = 2.7 V
12
IOL
Low-level output current
mA
VCCB = 3 V
24
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at the associated VCC or GND to ensure proper device operation. Refer to the TI
application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4


Similar Part No. - SN74LVC4245A-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC4245A-EP TI-SN74LVC4245A-EP Datasheet
201Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC4245A-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC4245A TI-SN74LVC4245A Datasheet
215Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245A TI-SN74LVC4245A_08 Datasheet
404Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245A TI-SN74LVC4245A_07 Datasheet
366Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245A-EP TI-SN74LVC4245A-EP Datasheet
201Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVC4245A RENESAS-HD74LVC4245A Datasheet
110Kb / 11P
   Octal Bus Transceiver and 3.3 V to 5 V shifters with 3-state Outputs
HD74LVC4245A RENESAS-HD74LVC4245A_05 Datasheet
92Kb / 9P
   Octal Bus Transceiver and 3.3 V to 5 V shifters with 3-state Outputs
HD74LVC4245A RENESAS-HD74LVC4245A_15 Datasheet
118Kb / 11P
   Octal Bus Transceiver and 3.3 V to 5 V shifters with 3-state Outputs
logo
Diodes Incorporated
74LVT245BB DIODES-74LVT245BB Datasheet
495Kb / 10P
   3.3 V OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS
June 2016
logo
Texas Instruments
SN74LV8T245 TI-SN74LV8T245_V02 Datasheet
1Mb / 31P
[Old version datasheet]   SN74LV8T245 1.65 V to 5 V, Octal Bus Transceiver With 3-State Outputs and Logic Level Shifter
REVISED APRIL 2023
SN74LV8T245 TI-SN74LV8T245_V01 Datasheet
1Mb / 26P
[Old version datasheet]   SN74LV8T245 1.65 V to 5 V, Octal Bus Transceiver With 3-State Outputs and Logic Level Shifter
REVISED APRIL 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com