Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9168-16CBR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RT9168-16CBR
Description  200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9168-16CBR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RT9168-16CBR Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9168-16CBR Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9168-16CBR Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9168-16CBR Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9168-16CBR Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9168-16CBR Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9168-16CBR Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9168-16CBR Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9168-16CBR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT9168/A
www.richtek-ic.com.tw
DS9168/A-03 May 2001
2
Marking Information
Part Number
Marking
RT9168-15CBR
L0
RT9168-16CBR
L1
RT9168-17CBR
L2
RT9168-18CBR
L3
RT9168-19CBR
L4
RT9168-20CBR
L5
RT9168-21CBR
L6
RT9168-22CBR
L7
RT9168-23CBR
L8
RT9168-24CBR
L9
RT9168-25CBR
LA
RT9168-26CBR
LB
RT9168-27CBR
LC
RT9168-28CBR
LD
RT9168-29CBR
LE
RT9168-30CBR
LF
RT9168-31CBR
LG
RT9168-32CBR
LH
RT9168-33CBR
LJ
RT9168-34CBR
LK
RT9168-35CBR
LL
RT9168-36CBR
LM
RT9168-37CBR
LN
RT9168-38CBR
LP
RT9168-39CBR
LQ
RT9168-40CBR
LR
RT9168-41CBR
LS
RT9168-42CBR
LT
RT9168-43CBR
LU
RT9168-44CBR
LV
RT9168-45CBR
LW
RT9168-46CBR
LX
RT9168-47CBR
LY
RT9168-48CBR
LZ
RT9168-49CBR
CL
RT9168-50CBR
CM
Part Number
Marking
RT9168A-15CBR
M0
RT9168A-16CBR
M1
RT9168A-17CBR
M2
RT9168A-18CBR
M3
RT9168A-19CBR
M4
RT9168A-20CBR
M5
RT9168A-21CBR
M6
RT9168A-22CBR
M7
RT9168A-23CBR
M8
RT9168A-24CBR
M9
RT9168A-25CBR
MA
RT9168A-26CBR
MB
RT9168A-27CBR
MC
RT9168A-28CBR
MD
RT9168A-29CBR
ME
RT9168A-30CBR
MF
RT9168A-31CBR
MG
RT9168A-32CBR
MH
RT9168A-33CBR
MJ
RT9168A-34CBR
MK
RT9168A-35CBR
ML
RT9168A-36CBR
MM
RT9168A-37CBR
MN
RT9168A-38CBR
MP
RT9168A-39CBR
MQ
RT9168A-40CBR
MR
RT9168A-41CBR
MS
RT9168A-42CBR
MT
RT9168A-43CBR
MU
RT9168A-44CBR
MV
RT9168A-45CBR
MW
RT9168A-46CBR
MX
RT9168A-47CBR
MY
RT9168A-48CBR
MZ
RT9168A-49CBR
CN
RT9168A-50CBR
CP


Similar Part No. - RT9168-16CBR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT916815GBR RICHTEK-RT916815GBR Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT916815GS RICHTEK-RT916815GS Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT916815GSH RICHTEK-RT916815GSH Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT916815PBR RICHTEK-RT916815PBR Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
More results

Similar Description - RT9168-16CBR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
RT9167 RICHTEK-RT9167 Datasheet
230Kb / 13P
   Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
logo
Asahi Kasei Microsystem...
AP1150 AKM-AP1150 Datasheet
964Kb / 28P
   200mA Output,High PSRR,Low Noise LDO Regulator Fixed Output Voltage Type
logo
Microchip Technology
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-33VAB MICROCHIP-TC1262-33VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262_13 Datasheet
231Kb / 14P
   500mA Fixed Output CMOS LDO
2002-2012 11/27/12
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
   500mA Fixed Output CMOS LDO
2002
logo
Linear Technology
LT3645 LINER-LT3645 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
   OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com