Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1U86G-W-460-12-HB4DC Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # D1U86G-W-460-12-HB4DC
Description  86mm 1U Front End AC-DC Power Supply Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U86G-W-460-12-HB4DC Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  D1U86G-W-460-12-HB4DC Datasheet HTML 1Page - Murata Power Solutions Inc. D1U86G-W-460-12-HB4DC Datasheet HTML 2Page - Murata Power Solutions Inc. D1U86G-W-460-12-HB4DC Datasheet HTML 3Page - Murata Power Solutions Inc. D1U86G-W-460-12-HB4DC Datasheet HTML 4Page - Murata Power Solutions Inc. D1U86G-W-460-12-HB4DC Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D1U86G-W-460-12-HxxDC Series
86mm 1U Front End AC-DC Power Supply Converter
D1U86G-W-460-12-HxxDC.A03 Page 1 of 5
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
 
ORDERING GUIDE
Part Number
Power Output
Main Output
Standby Output
Airflow
D1U86G-W-460-12-HB4DC
460W
12V
12V
Back to front
D1U86G-W-460-12-HB3DC
460W
12V
12V
Front to back
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Nom.
Max.
Units
Input Voltage Operating Range
90
115/230
264
Vac
Frequency
47
50/60
63
Hz
Turn-on Voltage
Ramp up
81
85
89
Vac
Turn-off Voltage
Ramp down
70.5
74.3
78
Maximum Input Current (100Vac)
460W
5.5
Arms
Inrush Current
At 264Vac at 25°C cold start
30
Apk
Power Factor
At 230Vac, full load
0.99
Efficiency (230Vac) excluding fan load
20% load
88
%
50% load
92
100% load
88
OUTPUT VOLTAGE CHARACTERISTICS
Output
Voltage
Parameter
Conditions
Min.
Typ.
Max.
Units
12V
Voltage Set Point
1A load
12.27
12.3
12.33
Vdc
Static Regulation
11.85
12.45
Ripple Voltage & Noise1
20MHz Bandwidth
120
mV p-p
Droop Regulation
0.27
0.3
0.33
V
Output Current
0
38.3
A
Load Capacitance
22,000
μF
12VSB
Voltage Set Point
11.97
12.0
12.03
Vdc
Line and Load Regulation
11.4
12.6
Ripple Voltage & Noise1
20MHz Bandwidth
120
mV p-p
Output Current
0
2.5
A
Load Capacitance
1000
μF
1
Ripple and noise are measured with 0.1 μF of ceramic capacitance and 10 μF of tantalum capacitance on each of
the power supply outputs. A short coaxial cable with 50Ω scope termination is used.
FEATURES
460W output power
Exceeds 92% efficiency at 50% load
(230Vac Input)
12V main output
12V standby output of 30W
1U height: 3.4" x 7.75" x 1.57"
11.1 Watts per cubic inch density
N+1 redundancy capable,
including hot plugging (up to 8 in parallel)
Droop current sharing on 12V main output,
ORing FET
Overvoltage, overcurrent,
overtemperature protection
Internal cooling fan (variable speed)
PMBus™ / I²C interface with status indicators
RoHS compliant
PRODUCT OVERVIEW
The D1U86G-W-460-12-HxxDC is a bulk front end power supply which meets the needs of systems requiring high
efficiency distributed power architectures. The output power of this supply is rated at 460W with one main and one
standby output. The supply provides high efficiency performance, hot plug capability, and parallel operation with droop
current sharing. Closed-loop internal fan cooling provides reliable long life operation. Industry standard PMBus™
communication protocol makes system integration with this supply seamless and straightforward. The low-profile
design and dense packaging makes this supply ideal for delivering reliable, efficient power to servers, workstations,
storage devices and other distributed power systems.
CB
Test Certificate
and Test Report
PM
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
www.murata-ps.com/en/3d/acdc.html
Available now at
www.murata-ps.com/en/3d/acdc.html


Similar Part No. - D1U86G-W-460-12-HB4DC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
D1U86G-W-460-12-HB4DC MURATA-D1U86G-W-460-12-HB4DC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U86G-W-460-12-HB4DC MURATA-PS-D1U86G-W-460-12-HB4DC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
D1U86G-W-460-12-HB4DC MURATA-PS-D1U86G-W-460-12-HB4DC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
More results

Similar Description - D1U86G-W-460-12-HB4DC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U86G-W-460-12-HXX MURATA-PS-D1U86G-W-460-12-HXX Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Manufacturing Co...
D1U86G-W-460-12-HB4DC MURATA-D1U86G-W-460-12-HB4DC Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U86G MURATA-PS-D1U86G Datasheet
141Kb / 5P
   86mm 1U Front End AC-DC Power Supply Converter
D1U86P-W-1600-12-HBXDC MURATA-PS-D1U86P-W-1600-12-HBXDC Datasheet
216Kb / 6P
   86mm 1U Front End AC-DC Power Supply
D1U86P MURATA-PS-D1U86P Datasheet
216Kb / 6P
   86mm 1U Front End AC-DC Power Supply
logo
Murata Manufacturing Co...
D1U86P-D-1600-12-HB4DC MURATA-D1U86P-D-1600-12-HB4DC Datasheet
229Kb / 5P
   86mm 1U Front End DC-DC Power Supply Converter
logo
Murata Power Solutions ...
D1U86-D-1600-12-HXXDC MURATA-PS-D1U86-D-1600-12-HXXDC Datasheet
483Kb / 7P
   86mm 1U Front End DC-DC Power Supply Converter
D1U86 MURATA-PS-D1U86 Datasheet
483Kb / 7P
   86mm 1U Front End DC-DC Power Supply Converter
D1U3CS-W-850-12-HXXC MURATA-PS-D1U3CS-W-850-12-HXXC Datasheet
273Kb / 6P
   81mm 1U Front End AC-DC Power Supply Converter
D1U2-W-400-12-HA4C MURATA-PS-D1U2-W-400-12-HA4C Datasheet
268Kb / 6P
   54mm 1U Front End AC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com