Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6442KA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6442KA
Description  Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6442KA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6442KA Datasheet HTML 1Page - Maxim Integrated Products MAX6442KA Datasheet HTML 2Page - Maxim Integrated Products MAX6442KA Datasheet HTML 3Page - Maxim Integrated Products MAX6442KA Datasheet HTML 4Page - Maxim Integrated Products MAX6442KA Datasheet HTML 5Page - Maxim Integrated Products MAX6442KA Datasheet HTML 6Page - Maxim Integrated Products MAX6442KA Datasheet HTML 7Page - Maxim Integrated Products MAX6442KA Datasheet HTML 8Page - Maxim Integrated Products MAX6442KA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Low-Power, Single-/Dual-Level Battery Monitors
with Hysteresis and Integrated µP Reset
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VBATT = 1.2V to 5.5V, VCC = 1.2V to 5.5V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LBO, LBOL, LBOH, LBOLH
Timeout Period
tLBOP
VBATT rising above threshold
150
225
300
ms
LBO, LBOL, LBOH, LBOLH
Delay Time
tLBOD
VBATT falling below threshold
100
µs
(VBATT or VCC)
≥ 1.2V, ISINK = 50µA,
asserted low
0.3
(VBATT or VCC)
≥ 1.6V, ISINK = 100µA,
asserted low
0.3
(VBATT or VCC)
≥ 2.7V, ISINK = 1.2mA,
asserted low
0.3
LBO, LBOL, LBOH, LBOLH
Output Low
(Open Drain)
VOL
(VBATT or VCC)
≥ 4.5V, ISINK = 3.2mA,
asserted low
0.3
V
LBO, LBOL, LBOH, LBOLH
Output Open-Drain Leakage
Current
ILKG
Output deasserted
500
nA
MAX64_ _ _ _ _ _ T
3.000
3.075
3.150
MAX64_ _ _ _ _ _ S
2.850
2.925
3.000
MAX64_ _ _ _ _ _ R
2.550
2.625
2.700
MAX64_ _ _ _ _ _ Z
2.250
2.313
2.375
MAX64_ _ _ _ _ _ Y
2.125
2.188
2.250
MAX64_ _ _ _ _ _ W
1.620
1.665
1.710
VCC Reset Threshold
VTH
MAX64_ _ _ _ _ _ V
1.530
1.575
1.620
V
VCC Reset Hysteresis
0.3
%
VCC to RESET Delay
VCC falling at 10mV/µs from (VTH + 100mV)
to (VTH - 100mV)
50
µs
MAX64_ _ _ _ _ _ _ D3
150
225
300
VCC to RESET Timeout Period
tRP
MAX64_ _ _ _ _ _ _ D7
1200
1800
2400
ms
VIL
0.3 x VCC
MR Input Voltage
VIH
0.7 x VCC
V
MR Minimum Pulse Width
tMPW
1µs
MR Glitch Rejection
100
ns
MR to RESET Delay
200
ns
MR Reset Timeout Period
tMRP
150
225
300
ms
MR Pullup Resistance
MR to VCC
750
1500
2250
MR Rising Debounce Period
tDEB
(Note 3)
150
225
300
ms


Similar Part No. - MAX6442KA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6442KA___D_-T MAXIM-MAX6442KA___D_-T Datasheet
256Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
More results

Similar Description - MAX6442KA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6439 MAXIM-MAX6439_V01 Datasheet
256Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
MAX6846 MAXIM-MAX6846 Datasheet
191Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated UP Reset
19-2947; Rev 0; 7/03
MAX6846 MAXIM-MAX6846_05 Datasheet
257Kb / 12P
   Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated uP Reset
19-2947; Rev 1; 11/05
MAX6427 MAXIM-MAX6427 Datasheet
319Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 1; 9/03
MAX6427 MAXIM-MAX6427_05 Datasheet
379Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 2; 12/05
logo
Shanghai Consonance Ele...
CN302 CONSONANCE-CN302 Datasheet
220Kb / 9P
   Low Power Battery Monitor with Hysteresis Control
logo
TelCom Semiconductor, I...
TCM809 TELCOM-TCM809 Datasheet
60Kb / 4P
   3-PIN UP RESET MONITORS
logo
Maxim Integrated Produc...
MAX6412 MAXIM-MAX6412 Datasheet
190Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
19-2336; Rev 1; 8/03
MAX6414UK26T MAXIM-MAX6414UK26T Datasheet
193Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com