Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WL1807MOD Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # WL1807MOD
Description  WL18x7MOD WiLink 8 Dual-Band Industrial Module Wi-Fi, Bluetooth, and Bluetooth Low Energy (LE)
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

WL1807MOD Datasheet(HTML) 4 Page - Texas Instruments

  WL1807MOD Datasheet HTML 1Page - Texas Instruments WL1807MOD Datasheet HTML 2Page - Texas Instruments WL1807MOD Datasheet HTML 3Page - Texas Instruments WL1807MOD Datasheet HTML 4Page - Texas Instruments WL1807MOD Datasheet HTML 5Page - Texas Instruments WL1807MOD Datasheet HTML 6Page - Texas Instruments WL1807MOD Datasheet HTML 7Page - Texas Instruments WL1807MOD Datasheet HTML 8Page - Texas Instruments WL1807MOD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
WL1807MOD, WL1837MOD
SWRS170H – AUGUST 2014 – REVISED OCTOBER 2015
www.ti.com
3
Device Comparison
The TI WiLink 8 module offers two footprint-compatible dual-band 2.4- and 5-GHz industrial temperature
grade variants providing stand-alone Wi-Fi and Bluetooth combo connectivity. Table 3-1 compares the
features of the module variants.
Table 3-1. TI WiLink 8 Module Variants
WLAN 2.4-GHZ
WLAN 2.4-GHZ
WLAN 2.4-GHZ
DEVICE
BLUETOOTH
WLAN 5-GHZ SISO (1)
SISO(1)
MIMO(1)
MRC(2)
WL1837MOD
WL1807MOD
(1)
SISO: single input, single output; MIMO: multiple input, multiple output.
(2)
MRC: maximum ratio combining; supported at 11 g,n only.
4
Device Comparison
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: WL1807MOD WL1837MOD


Similar Part No. - WL1807MOD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
WL1807MOD TI-WL1807MOD_15 Datasheet
1Mb / 46P
[Old version datasheet]   WL18x7MOD WiLink??8 Dual-Band Industrial Module ??Wi-Fi짰, Bluetooth짰, and Bluetooth Low Energy (BLE)
More results

Similar Description - WL1807MOD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
WL1801MOD TI1-WL1801MOD_16 Datasheet
1Mb / 46P
[Old version datasheet]   WL18xxMOD WiLink 8 Single-Band Combo Module Wi-Fi, Bluetooth, and Bluetooth Low Energy (LE)
WL1807MOD TI-WL1807MOD_15 Datasheet
1Mb / 46P
[Old version datasheet]   WL18x7MOD WiLink??8 Dual-Band Industrial Module ??Wi-Fi짰, Bluetooth짰, and Bluetooth Low Energy (BLE)
logo
Panasonic Battery Group
PAN9026 PANASONICBATTERY-PAN9026 Datasheet
2Mb / 83P
   Wi-Fi Dual Band 2.4/5 GHz and Bluetooth Module
logo
Renesas Technology Corp
DA16600MOD RENESAS-DA16600MOD Datasheet
965Kb / 28P
   Ultra-Low Power Wi-Fi Bluetooth® LE Combo Module
04-Jan-2023
logo
Abracon Corporation
APAMBJ-145 ABRACON-APAMBJ-145 Datasheet
3Mb / 3P
   Bluetooth/Wi-Fi Antenna Module
02.09.16
logo
Texas Instruments
WL1801MOD TI-WL1801MOD_15 Datasheet
1Mb / 42P
[Old version datasheet]   WL18xxMOD WiLink??8 Single-Band Combo Module ?밯i-Fi짰, Bluetooth짰, and Bluetooth Low Energy (BLE)
logo
Panasonic Semiconductor
PAN9026 PANASONIC-PAN9026 Datasheet
2Mb / 99P
   PAN9026 Wi-Fi Dual Band 2.4 GHz and 5 GHz and Bluetooth Module
logo
List of Unclassifed Man...
V200Z-R ETC-V200Z-R Datasheet
4Mb / 22P
   AIOT Wi-Fi/Bluetooth Combo Module
Version: v1.4
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-S3 ESPRESSIF-ESP32-S3 Datasheet
889Kb / 69P
   2.4 GHz Wi-Fi Bluetooth® LE SoC Supporting IEEE 802.11 b/g/n (2.4 GHz Wi-Fi) and Bluetooth® 5 (LE)
Version 1.3
logo
NXP Semiconductors
IW416 NXP-IW416_V01 Datasheet
1Mb / 117P
   Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.2 Combo SoC
Rev. 6 - 3 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com