Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC21521CDWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC21521CDWR
Description  UCC21521 4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Enable
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC21521CDWR Datasheet(HTML) 1 Page - Texas Instruments

  UCC21521CDWR Datasheet HTML 1Page - Texas Instruments UCC21521CDWR Datasheet HTML 2Page - Texas Instruments UCC21521CDWR Datasheet HTML 3Page - Texas Instruments UCC21521CDWR Datasheet HTML 4Page - Texas Instruments UCC21521CDWR Datasheet HTML 5Page - Texas Instruments UCC21521CDWR Datasheet HTML 6Page - Texas Instruments UCC21521CDWR Datasheet HTML 7Page - Texas Instruments UCC21521CDWR Datasheet HTML 8Page - Texas Instruments UCC21521CDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
10
9
11
Driver
VDDB
OUTB
VSSB
12
13
NC
NC
UVLO
DEMOD
MOD
15
14
16
Driver
VDDA
OUTA
VSSA
UVLO
DEMOD
MOD
Functional Isolation
EN,
UVLO
and
Deadtime
2
1
3,8
4
6
5
7
GND
INB
DT
NC
EN
INA
VCCI
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
UCC21521
SLUSCO3 – OCTOBER 2016
UCC21521 4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Enable
1
1 Features
1
Universal: Dual Low-Side, Dual High-Side or Half-
Bridge Driver
Operating Temperature Range –40 to +125°C
Switching Parameters:
19-ns Typical Propagation Delay
10-ns Minimum Pulse Width
5-ns Maximum Delay Matching
5-ns Maximum Pulse-Width Distortion
Common-Mode Transient Immunity (CMTI)
Greater than 100 V/ns
Surge Immunity up to 12.8 kV
Isolation Barrier Life >40 Years
4-A Peak Source, 6-A Peak Sink Output
TTL and CMOS Compatible Inputs
3-V to 18-V Input VCCI Range to Interface with
Both Digital and Analog Controllers
Up to 25-V VDD Output Drive Supply
5-V, 8-V, 12-V VDD UVLO Options
Programmable Overlap and Dead Time
Rejects Input Pulses and Noise Transients
Shorter than 5 ns
Fast Enable for Power Sequencing
Wide Body SOIC-16 (DW) Package
Safety-Related and Regulatory Approvals:
8000-VPK Isolation per DIN V VDE V 0884-10
(VDE V0884-10):2006-12
5700-VRMS Isolation for 1 Minute per UL 1577
CSA Component Acceptance Notice 5A, IEC
60950-1 and IEC 60601-1 End Equipment
Standards (Planned)
CQC Certification per GB4943.1-2011
(Planned)
2 Applications
Isolated Converters in Offline AC-to-DC Power
Supplies
Server, Telecom, IT and Industrial Infrastructures
Motor Drive and DC-to-AC Solar Inverters
LED Lighting
Inductive Heating
Uninterruptible Power Supply (UPS)
HEV and BEV Battery Chargers
3 Description
The UCC21521 is an isolated dual-channel gate
driver with 4-A source and 6-A sink peak current. It is
designed to drive power MOSFETs, IGBTs, and SiC
MOSFETs
up
to
5-MHz
with
best-in-class
propagation delay and pulse-width distortion.
The input side is isolated from the two output drivers
by a 5.7-kVRMS reinforced isolation barrier, with a
minimum
of
100-V/ns
common-mode
transient
immunity (CMTI). Internal functional isolation between
the two secondary-side drivers allows a working
voltage of up to 1500 VDC.
This driver can be configured as two low-side drivers,
two high-side drivers, or a half-bridge driver with
programmable dead time (DT). The EN pin pulled low
shuts down both outputs simultaneously and allows
for normal operation when left open or pulled high. As
a fail-safe measure, primary-side logic failures force
both outputs low.
The device accepts VDD supply voltages up to 25 V.
A wide input VCCI range from 3 V to 18 V makes the
driver suitable for interfacing with both analog and
digital controllers. All the supply voltage pins have
under voltage lock-out (UVLO) protection.
With all these advanced features, the UCC21521
enables high efficiency, high power density, and
robustness in a wide variety of power applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
UCC21521ADW
DW SOIC (16)
10.30 mm × 7.50 mm
UCC21521DW
DW SOIC (16)
10.30 mm × 7.50 mm
UCC21521CDW
DW SOIC (16)
10.30 mm × 7.50 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Functional Block Diagram


Similar Part No. - UCC21521CDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21520 TI1-UCC21520 Datasheet
1Mb / 45P
[Old version datasheet]   Isolated Dual-Channel Gate Driver
UCC21520 TI1-UCC21520 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520 TI1-UCC21520 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520-Q1 TI1-UCC21520-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520-Q1 TI1-UCC21520-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
More results

Similar Description - UCC21521CDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC20520 TI1-UCC20520 Datasheet
977Kb / 42P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Single Input
UCC21520-Q1 TI1-UCC21520-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520-Q1 TI1-UCC21520-Q1_18 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21530 TI1-UCC21530 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with 3.3-mm Channel-to-Channel Spacing
UCC21530-Q1 TI1-UCC21530-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with 3.3-mm Channel-to-Channel Spacing
UCC21220 TI1-UCC21220 Datasheet
724Kb / 39P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21220 TI1-UCC21220_18 Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21222 TI1-UCC21222 Datasheet
1Mb / 43P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
UCC21530-Q1 TI-UCC21530-Q1_V01 Datasheet
2Mb / 46P
[Old version datasheet]   UCC21530-Q1 4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with 3.3-mm Channel-to-Channel Spacing
UCC21225A TI1-UCC21225A Datasheet
1Mb / 45P
[Old version datasheet]   4-A, 6-A, 2.5-kVRMS Isolated Dual-Channel Gate Driver in LGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com