Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC21521ADWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCC21521ADWR
Description  UCC21521 4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Enable
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC21521ADWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC21521ADWR Datasheet HTML 7Page - Texas Instruments UCC21521ADWR Datasheet HTML 8Page - Texas Instruments UCC21521ADWR Datasheet HTML 9Page - Texas Instruments UCC21521ADWR Datasheet HTML 10Page - Texas Instruments UCC21521ADWR Datasheet HTML 11Page - Texas Instruments UCC21521ADWR Datasheet HTML 12Page - Texas Instruments UCC21521ADWR Datasheet HTML 13Page - Texas Instruments UCC21521ADWR Datasheet HTML 14Page - Texas Instruments UCC21521ADWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0
0.4
0.8
1.2
1.6
2
D001
VDD= 12V
VDD= 25V
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
1
1.2
1.4
1.6
1.8
2
D001
VCCI= 3.3V
VCCI= 5V
Frequency (kHz)
10
25
40
55
70
85
100
0
6
12
18
24
30
D001
VDD= 12V
VDD= 25V
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
D001
50kHz
250kHz
500kHz
1MHz
Frequency (kHz)
0
800
1600
2400
3200
4000
4800
5600
0
4
8
12
16
20
D001
VDD=12v
VDD=25v
Frequency (kHz)
0
500
1000
1500
2000
2500
3000
0
10
20
30
40
50
D001
VDD= 12V
VDD= 25V
11
UCC21521
www.ti.com
SLUSCO3 – OCTOBER 2016
Product Folder Links: UCC21521
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.12 Typical Characteristics
VDD = 12 V for 5V and 8V UVLO, VDDA = 15 V for 12V UVLO, VCCI = 3.3 V, TA = 25°C, No load. (unless otherwise noted)
Figure 4. Per Channel Current Consumption vs. Frequency
(No Load, VDD = 12 V or 25 V)
Figure 5. Per Channel Current Consumption (IVDDA/B) vs.
Frequency (1-nF Load, VDD = 12 V or 25 V)
Figure 6. Per Channel Current Consumption (IVDDA/B) vs.
Frequency (10-nF Load, VDD = 12 V or 25 V)
Figure 7. Per Channel (IVDDA/B) Supply Current Vs.
Temperature (VDD=12V, No Load, Different Switching
Frequencies)
Figure 8. Per Channel (IVDDA/B) Quiescent Supply Current vs
Temperature (No Load, Input Low, No Switching)
Figure 9. IVCCI Quiescent Supply Current vs Temperature
(No Load, Input Low, No Switching)


Similar Part No. - UCC21521ADWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21520 TI1-UCC21520 Datasheet
1Mb / 45P
[Old version datasheet]   Isolated Dual-Channel Gate Driver
UCC21520 TI1-UCC21520 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520 TI1-UCC21520 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520-Q1 TI1-UCC21520-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520-Q1 TI1-UCC21520-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
More results

Similar Description - UCC21521ADWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC20520 TI1-UCC20520 Datasheet
977Kb / 42P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Single Input
UCC21520-Q1 TI1-UCC21520-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520-Q1 TI1-UCC21520-Q1_18 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21530 TI1-UCC21530 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with 3.3-mm Channel-to-Channel Spacing
UCC21530-Q1 TI1-UCC21530-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with 3.3-mm Channel-to-Channel Spacing
UCC21220 TI1-UCC21220 Datasheet
724Kb / 39P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21220 TI1-UCC21220_18 Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21222 TI1-UCC21222 Datasheet
1Mb / 43P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
UCC21530-Q1 TI-UCC21530-Q1_V01 Datasheet
2Mb / 46P
[Old version datasheet]   UCC21530-Q1 4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with 3.3-mm Channel-to-Channel Spacing
UCC21225A TI1-UCC21225A Datasheet
1Mb / 45P
[Old version datasheet]   4-A, 6-A, 2.5-kVRMS Isolated Dual-Channel Gate Driver in LGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com