Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS31 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS31
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS31 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LVDS31 Datasheet HTML 2Page - Texas Instruments SN65LVDS31 Datasheet HTML 3Page - Texas Instruments SN65LVDS31 Datasheet HTML 4Page - Texas Instruments SN65LVDS31 Datasheet HTML 5Page - Texas Instruments SN65LVDS31 Datasheet HTML 6Page - Texas Instruments SN65LVDS31 Datasheet HTML 7Page - Texas Instruments SN65LVDS31 Datasheet HTML 8Page - Texas Instruments SN65LVDS31 Datasheet HTML 9Page - Texas Instruments SN65LVDS31 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Y
Z
Input
(see Note A)
CL = 10 pF
(2 Places)
(see Note B)
49.9
Ω ± 1% (2 Places)
VOC
A
A
VOC
VOC(PP)
(see Note C)
VOC(SS)
0
3 V
NOTES: A. All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, pulse repetition rate (PRR) = 50 Mpps,
pulse width = 10
± 0.2 ns.
B. CL includes instrumentation and fixture capacitance within 6 mm of the D.U.T.
C. The measurement of VOC(PP) is made on test equipment with a –3-dB bandwidth of at least 300 MHz.
Y
Z
Inputs
(see Note A)
CL = 10 pF
(2 Places)
(see Note B)
49.9
Ω ± 1% (2 Places)
G
G
1.2 V
tPZH
tPHZ
tPZL
tPLZ
2 V
1.4 V
0.8 V
100%,
≅1.4 V
1.4 V
2 V
0.8 V
50%
0%, 1.2 V
0%,
≅1 V
100%, 1.2 V
50%
G, 1,2EN,
OR 3,4EN
G
VOY
or
VOZ
VOZ
or
VOY
A at 2 V, G at VCC and Input to G
or
G at GND and Input to G for ’LVDS31 Only
A at 0.8 V, G at VCC and Input to G
or
G at GND and Input to G for ’LVDS31 Only
VOY
VOZ
0.8 V or 2 V
1,2EN or 3,4EN
NOTES: A. All input pulses are supplied by a generator having the following characteristics: tr or tf < 1 ns, pulse repetition rate (PRR) = 0.5 Mpps,
pulse width = 500
± 10 ns.
B. CL includes instrumentation and fixture capacitance within 6 mm of the D.U.T.
SN65LVDS31-EP
SLLSE91
– SEPTEMBER 2011
www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 3. Test Circuit and Definitions for the Driver Common-Mode Output Voltage
Figure 4. Enable-/Disable-Time Circuit and Definitions
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): SN65LVDS31-EP


Similar Part No. - SN65LVDS31

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
277Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN65LVDS31

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI-SN65LVDM31_06 Datasheet
130Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
PTN3341 PHILIPS-PTN3341 Datasheet
256Kb / 14P
   High speed differential line driver
Rev. 01-6 August 2002
logo
Texas Instruments
SN55LVDS31-SP TI1-SN55LVDS31-SP Datasheet
229Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS31-EP TI1-SN65LVDS31-EP Datasheet
203Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI1-SN65LVDM31_08 Datasheet
133Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
PTN3331 PHILIPS-PTN3331 Datasheet
228Kb / 14P
   High speed differential line driver
Rev. 01-06 August 2002
logo
Texas Instruments
UA9638C TI-UA9638C Datasheet
78Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS1_091 TI-SN65LVDS1_091 Datasheet
522Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
UA9638C-EP TI1-UA9638C-EP Datasheet
517Kb / 10P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com