Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9B400MUV Datasheet(PDF) 2 Page - Rohm

Part # BD9B400MUV
Description  Integrated MOSFET Single Synchronous Buck DC/DC Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9B400MUV Datasheet(HTML) 2 Page - Rohm

  BD9B400MUV Datasheet HTML 1Page - Rohm BD9B400MUV Datasheet HTML 2Page - Rohm BD9B400MUV Datasheet HTML 3Page - Rohm BD9B400MUV Datasheet HTML 4Page - Rohm BD9B400MUV Datasheet HTML 5Page - Rohm BD9B400MUV Datasheet HTML 6Page - Rohm BD9B400MUV Datasheet HTML 7Page - Rohm BD9B400MUV Datasheet HTML 8Page - Rohm BD9B400MUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
2/30
© 2016 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111
• 15 • 001
BD9B400MUV
TSZ02201-0J3J0AJ01200-1-2
22.Apr.2016 Rev.002
Pin Configuration(s)
Pin Description(s)
Pin No.
Pin Name
Function
1, 2
PVIN
Power supply terminals for the switching regulator.
These terminals supply power to the output stage of the switching regulator.
Connecting a 22µF ceramic capacitor is recommended.
3, 4
PGND
Ground terminals for the output stage of the switching regulator.
5
AGND
Ground terminal for the control circuit.
6
FB
An inverting input node for the error amplifier and main comparator.
See page 22 for how to calculate the resistance of the output voltage setting.
7
FREQ
Terminal for setting switching frequency. Connecting this terminal to ground makes
switching to operate constant on-time corresponding to 2.0MHz. Connecting this
terminal to AVIN makes switching to operate constant on-time corresponding to
1.0MHz. Please fix this terminal to AVIN or ground in operation.
8
MODE
Terminal for setting switching control mode. Connecting this terminal to AVIN forces
the device to operate in the fixed frequency PWM mode. Connecting this terminal to
ground enables the Deep-SLLM control and the mode is automatically switched
between the Deep-SLLM control and fixed frequency PWM mode. Please fix this
terminal to AVIN or ground in operation.
9
SS
Terminal for setting the soft start time. The rise time of the output voltage can be
specified by connecting a capacitor to this terminal. See page 23 for how to calculate
the capacitance.
10, 11, 12
SW
Switch nodes. These terminals are connected to the source of the High-Side
MOSFET and drain of the Low-Side MOSFET. Connect a bootstrap capacitor of 0.1
µF between these terminals and BOOT terminal. In addition, connect an inductor of
0.47µH to 1µH (FREQ=L),
1μH to 1.5μH (FREQ=H) considering the direct current
superimposition characteristic.
13
BOOT
Terminal for bootstrap. Connect a bootstrap capacitor of 0.1 µF between this terminal
and SW terminals. The voltage of this terminal is the gate drive voltage of the
High-Side MOSFET.
14
PGD
A
“Power Good” terminal, an open drain output. Use of pull up resistor is needed. See
page 17 for how to specify the resistance. When the FB terminal voltage reaches
more than 80% of 0.8 V, the internal Nch MOSFET turns off and the output turns High.
15
EN
Enable terminal. Turning this terminal signal Low (0.8V or lower) forces the device to
enter the shutdown mode. Turning this terminal signal High (2.0V or higher) enables
the device. This terminal must be terminated.
16
AVIN
Terminal for supplying power to the control circuit of the switching regulator.
Connecting a 0.1µF ceramic capacitor is recommended.
This terminal must be connected to PVIN.
-
E-Pad
A backside heat dissipation exposed pad. Connecting to the internal PCB ground
plane by using multiple vias provides excellent heat dissipation characteristics.
Figure 2. Pin Assignment
(TOP VIEW)
PGND
4
1
2
3
PVIN
PGND
SS
9
12
11
10
SW
13
16
15
14
5
6
7
8
SW
SW
PVIN
E-Pad


Similar Part No. - BD9B400MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9B406NF-Z ROHM-BD9B406NF-Z Datasheet
3Mb / 45P
   2.7 V to 5.5 V Input, 4.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
01.Apr.2023 Rev.001
BD9B406NF-ZTR ROHM-BD9B406NF-ZTR Datasheet
3Mb / 45P
   2.7 V to 5.5 V Input, 4.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
01.Apr.2023 Rev.001
More results

Similar Description - BD9B400MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9E302EFJ ROHM-BD9E302EFJ Datasheet
2Mb / 44P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD91364AMUU ROHM-BD91364AMUU Datasheet
926Kb / 31P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B500MUV ROHM-BD9B500MUV Datasheet
2Mb / 34P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD91364BMUU ROHM-BD91364BMUU Datasheet
1Mb / 31P
   5A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B100MUV ROHM-BD9B100MUV Datasheet
1Mb / 33P
   2.7V to 5.5V Input, 1.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9D322QWZ ROHM-BD9D322QWZ Datasheet
3Mb / 40P
   4.5V to 18V Input, 3.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BDF9A101MUV-LB ROHM-BDF9A101MUV-LB Datasheet
2Mb / 35P
   2.7V to 5.5V Input, 1A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9A302QWZ ROHM-BD9A302QWZ Datasheet
3Mb / 40P
   2.7V to 5.5V Input, 3A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B600MUV ROHM-BD9B600MUV Datasheet
1Mb / 33P
   2.7V to 5.5V Input, 6.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B200MUV ROHM-BD9B200MUV Datasheet
1Mb / 33P
   2.7V to 5.5V Input, 2.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com