Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4761ETX Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4761ETX
Description  High-Bandwidth, Quad DPDT Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4761ETX Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4761ETX Datasheet HTML 3Page - Maxim Integrated Products MAX4761ETX Datasheet HTML 4Page - Maxim Integrated Products MAX4761ETX Datasheet HTML 5Page - Maxim Integrated Products MAX4761ETX Datasheet HTML 6Page - Maxim Integrated Products MAX4761ETX Datasheet HTML 7Page - Maxim Integrated Products MAX4761ETX Datasheet HTML 8Page - Maxim Integrated Products MAX4761ETX Datasheet HTML 9Page - Maxim Integrated Products MAX4761ETX Datasheet HTML 10Page - Maxim Integrated Products MAX4761ETX Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
High-Bandwidth, Quad DPDT Switches
_______________________________________________________________________________________
7
Detailed Description
The MAX4760 quad double-pole/double-throw (DPDT)
and the MAX4761 octal single-pole/double-throw
(SPDT) analog switches operate from a single +1.8V to
+5.5V supply. These devices are fully specified for +3V
applications.
The MAX4760/MAX4761 have a guaranteed 3.5Ω (max)
on-resistance to switch data or audio signals. The low
25pF capacitance and 0.2ns change in skew makes
them ideal for data switching applications. The MAX4760
has 4 logic inputs to control two switches in pairs and the
MAX4761 has one logic control input and an enable input
(
EN) to disable the switches.
Applications Information
Digital Control Inputs
The MAX4760/MAX4761 logic inputs accept up to
+5.5V regardless of the supply voltage. For example,
with a +3.3V supply, IN_ can be driven low to GND and
high to +5.5V, which allows mixed logic levels in a sys-
tem. Driving the control logic inputs rail-to-rail also mini-
mizes power consumption. For a +3V supply voltage,
the logic thresholds are 0.5V (low) and 1.4V (high).
For the MAX4761, drive
EN low to enable. When EN is
high, COM_ is high impedance.
Analog Signal Levels
Analog signal inputs over the full voltage range (0V to V+)
are passed through the switch with minimal change in on-
resistance (see the Typical Operating Characteristics).
The switches are bidirectional so NO_, NC_, and COM_
can be either inputs or outputs.
Power-Supply Bypassing
Power-supply bypassing improves noise margin and
prevents switching noise from propagating from the V+
supply to other components. A 0.1µF capacitor connect-
ed from V+ to GND is adequate for most applications.
Power-Supply Sequencing
CMOS devices require proper power-supply sequenc-
ing. Always apply V+ before the analog signals, espe-
cially if the input signal is not current limited. If
sequencing is not possible, and the input signal is not
current limited to less than 20mA, add a small-signal
diode (Figure 1). Adding the diode reduces the analog
range to a diode drop (0.7V) below V+ and increases
the on-resistance slightly. The maximum supply voltage
must not exceed +6V at any time.
UCSP Applications Information
For the latest application details on UCSP construction,
dimensions, tape carrier information, printed circuit
board techniques, bump-pad layout, and recommend-
ed reflow temperature profile, as well as the latest infor-
mation on reliability testing results, go to the Maxim
website at www.maxim-ic.com/ucsp for the Application
Note, “UCSP—A Wafer-Level Chip-Scale Package.”
POSITIVE SUPPLY
COM
NO
D1
GND
V+
MAX4760
MAX4761
Figure 1. Overvoltage Protection Using an External Blocking
Diode


Similar Part No. - MAX4761ETX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4761ETX+T MAXIM-MAX4761ETX+T Datasheet
178Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 5; 4/09
More results

Similar Description - MAX4761ETX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4760 MAXIM-MAX4760_09 Datasheet
178Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 5; 4/09
MAX4760 MAXIM-MAX4760_07 Datasheet
272Kb / 14P
   High-Bandwidth, Quad DPDT Switches
Rev 3; 7/07
logo
STMicroelectronics
STG3820 STMICROELECTRONICS-STG3820 Datasheet
485Kb / 20P
   Low voltage high bandwidth quad DPDT switch
August 2013 Rev 4
logo
Pericom Semiconductor C...
PI5A391 PERICOM-PI5A391 Datasheet
311Kb / 8P
   Bandwidth Quad Analog Switches
logo
Maxim Integrated Produc...
MAX4758 MAXIM-MAX4758_V01 Datasheet
506Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
2005
MAX4758 MAXIM-MAX4758 Datasheet
343Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
Rev 0; 10/03
logo
Pericom Semiconductor C...
PI5A392AQEX PERICOM-PI5A392AQEX Datasheet
121Kb / 9P
   Precision Wide Bandwidth Quad Analog Switches
logo
Vishay Siliconix
DG2018DN-T1-E4 VISHAY-DG2018DN-T1-E4 Datasheet
141Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
DG2018 VISHAY-DG2018 Datasheet
81Kb / 8P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. A, 01-Aug-03
72342 VISHAY-72342 Datasheet
141Kb / 10P
   Low Voltage, Dual DPDT and Quad SPDT Analog Switches
Rev. C, 03-Nov-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com