Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV3541IDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3541IDR
Description  TLV354x 200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3541IDR Datasheet(HTML) 1 Page - Texas Instruments

  TLV3541IDR Datasheet HTML 1Page - Texas Instruments TLV3541IDR Datasheet HTML 2Page - Texas Instruments TLV3541IDR Datasheet HTML 3Page - Texas Instruments TLV3541IDR Datasheet HTML 4Page - Texas Instruments TLV3541IDR Datasheet HTML 5Page - Texas Instruments TLV3541IDR Datasheet HTML 6Page - Texas Instruments TLV3541IDR Datasheet HTML 7Page - Texas Instruments TLV3541IDR Datasheet HTML 8Page - Texas Instruments TLV3541IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
TLV3541
-
In
+In
V
OUT
V+
V
-
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV3541, TLV3542, TLV3544
SBOS756 – OCTOBER 2016
TLV354x 200-MHz, Rail-to-Rail I/O,
CMOS Operational Amplifiers for Cost-Sensitive Systems
1
1 Features
1
Wide-Bandwidth Amplifier for Cost-Sensitive
Systems
Unity-Gain Bandwidth: 200 MHz
High Slew Rate: 150 V/μs
Low Noise: 7.5 nV/
√Hz
Rail-to-Rail I/O
High Output Current: > 100 mA
Excellent Video Performance:
Diff Gain: 0.02%, Diff Phase: 0.09°
0.1-dB Gain Flatness: 40 MHz
Low Input Bias Current: 3 pA
Quiescent Current: 5.2 mA
Thermal Shutdown
Supply Range: 2.5 V to 5.5 V
2 Applications
High-Resolution ADC Driver Amplifiers
IR Touch
Low-Voltage, High-Frequency Signal Processing
Video Processing
Base Transceiver Stations
Optical Networking, Tunable Lasers
Photodiode Transimpedance Amplifiers
Barcode Scanners
Fast Current-Sensing Amplifiers
Ultrasound Imaging
Figure 1. Simplified Schematic
3 Description
The TLV3541, TLV3542 and TLV3544 are single-,
dual-, and quad-channel, low-power (5.2-mA per
channel), high-speed, unity-gain stable, rail-to-rail
input/output
operational
amplifiers
(op
amps)
designed for video and other applications that require
wide bandwidth.
Consuming only 6.5 mA (maximum) of supply current,
these
devices
feature
200-MHz
gain-bandwidth
product, 150-V/μs slew rate, and a low 7.5 nV/√Hz of
input noise at f = 1 MHz. The combination of high
bandwidth, high slew rate, and low noise make the
TLV354x family suitable for low voltage, high-speed
signal conditioning systems.
The TLV354x series of op amps are optimized for
operation on single or dual supplies as low as 2.5 V
(±1.25 V) and up to 5.5 V (±2.75 V). Common-mode
input range extends beyond the supplies. The output
swing is within 100 mV of the rails, and supports a
wide dynamic range.
The TLV354x devices are specified from –40°C to
+125°C. The TLV354x family can be used as a plug-
in replacement for many commercially available wide
bandwidth op amps.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV3541
SOIC (8)
3.91 mm × 4.90 mm
SOT-23 (5)
2.90 mm × 1.60 mm
TLV3542
SOIC (8)
3.91 mm × 4.90 mm
VSSOP (8)
3.00 mm × 3.00 mm
TLV3544
SOIC (14)
8.65 mm × 3.91 mm
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Part No. - TLV3541IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3541IDR TI1-TLV3541IDR Datasheet
1Mb / 31P
[Old version datasheet]   200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
More results

Similar Description - TLV3541IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3541 TI1-TLV3541 Datasheet
1Mb / 31P
[Old version datasheet]   200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA705 TI1-OPA705 Datasheet
837Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com