Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV3542 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3542
Description  TLV354x 200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3542 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV3542 Datasheet HTML 3Page - Texas Instruments TLV3542 Datasheet HTML 4Page - Texas Instruments TLV3542 Datasheet HTML 5Page - Texas Instruments TLV3542 Datasheet HTML 6Page - Texas Instruments TLV3542 Datasheet HTML 7Page - Texas Instruments TLV3542 Datasheet HTML 8Page - Texas Instruments TLV3542 Datasheet HTML 9Page - Texas Instruments TLV3542 Datasheet HTML 10Page - Texas Instruments TLV3542 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7
TLV3541, TLV3542, TLV3544
www.ti.com
SBOS756 – OCTOBER 2016
Product Folder Links: TLV3541 TLV3542 TLV3544
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.7 Electrical Characteristics: VS = 2.7 V to 5.5 V Single-Supply
at TA = 25°C, RF = 0 Ω, RL = 1 kΩ, and connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = 5 V, at TA = 25°C
±2
±10
mV
dVOS/dT
Input offset voltage vs temperature
VS = 5 V, at TA = −40°C to +125°C
±4.5
μV/°C
PSRR
Input offset voltage vs power supply
VS = 2.7 V to 5.5 V,
VCM = (VS / 2) − 0.55 V
60
70
dB
INPUT BIAS CURRENT
IB
Input bias current
3
pA
IOS
Input offset current
±1
pA
NOISE
en
Input voltage noise density
f = 1 MHz
7.5
nV/
√Hz
in
Current noise density
f = 1 MHz
50
fA/
√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
(V
−) − 0.1
(V+) + 0.1
V
CMRR
Common-mode rejection ratio
VS = 5.5 V, –0.1 V < VCM < 3.5 V,
at TA = 25°C
66
80
dB
VS = 5.5 V, –0.1 V < VCM < 5.6 V,
at TA = 25°C
56
68
dB
INPUT IMPEDANCE
Differential
1013 || 2
Ω || pF
Common-mode
1013 || 2
Ω || pF
OPEN-LOOP GAIN
AOL
Open-loop gain
VS = 5 V, 0.3 V < VO < 4.7 V,
at TA = 25°C
92
108
dB
FREQUENCY RESPONSE
f−3dB
Small-signal bandwidth
At G = +1, VO = 10 mV
RF = 25 Ω
200
MHz
At G = +2, VO = 10 mV
90
MHz
GBW
Gain-bandwidth product
G = +10
100
MHz
f0.1dB
Bandwidth for 0.1-dB gain flatness
At G = +2, VO = 10 mV
40
MHz
SR
Slew rate
VS = 5 V, G = +1, 4-V step
150
V / μs
VS = 5 V, G = +1, 2-V step
130
V / μs
Rise-and-fall time
At G = +1, VO = 200 mVPP,
10% to 90%
2
ns
At G = +1, VO = 2 VPP, 10% to 90%
11
ns
Settling time
0.1%, VS = 5 V, G = +1,
2-V output step
30
ns
0.01%, VS = 5 V, G = +1,
2-V output step
60
ns
Overload recovery time
VIN × Gain = VS
5
ns


Similar Part No. - TLV3542

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3542 TI1-TLV3542 Datasheet
1Mb / 31P
[Old version datasheet]   200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
TLV3542IDR TI1-TLV3542IDR Datasheet
1Mb / 31P
[Old version datasheet]   200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
More results

Similar Description - TLV3542

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3541 TI1-TLV3541 Datasheet
1Mb / 31P
[Old version datasheet]   200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA705 TI1-OPA705 Datasheet
837Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com