Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REG113NA-3.33K Datasheet(PDF) 9 Page - Texas Instruments

Part # REG113NA-3.33K
Description  DMOS 400mA Low-Dropout Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG113NA-3.33K Datasheet(HTML) 9 Page - Texas Instruments

Back Button REG113NA-3.33K Datasheet HTML 5Page - Texas Instruments REG113NA-3.33K Datasheet HTML 6Page - Texas Instruments REG113NA-3.33K Datasheet HTML 7Page - Texas Instruments REG113NA-3.33K Datasheet HTML 8Page - Texas Instruments REG113NA-3.33K Datasheet HTML 9Page - Texas Instruments REG113NA-3.33K Datasheet HTML 10Page - Texas Instruments REG113NA-3.33K Datasheet HTML 11Page - Texas Instruments REG113NA-3.33K Datasheet HTML 12Page - Texas Instruments REG113NA-3.33K Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REG113
9
SBVS031D
www.ti.com
OUTPUT NOISE
A precision bandgap reference is used to generate the
internal reference voltage, VREF. This reference is the domi-
nant noise source within the REG113 and generates approxi-
mately 29
µVrms in the 10Hz to 100kHz bandwidth at the
reference output. The regulator control loop gains up the
reference noise, so that the noise voltage of the regulator is
approximately given by:
V
Vrms
RR
R
Vrms
V
V
N
OUT
REF
+
29
2
29
12
(1)
Since the value of VREF is 1.26V, this relationship reduces to:
V
Vrms
V
V
N
OUT
=
µ
23
(2)
Connecting a capacitor, CNR, from the Noise Reduction (NR)
pin to ground (as shown in Figure 3) forms a low-pass filter
for the voltage reference. For CNR = 10nF, the total noise in
the 10Hz to 100kHz bandwidth is reduced by approximately
a factor of 2.8 for VOUT = 3.3V. This noise reduction effect is
shown in Figure 4, and as
RMS Noise Voltage vs CNR in the
Typical Characteristics section.
Noise can be further reduced by carefully choosing an output
capacitor, COUT. Best overall noise performance is achieved
with very low (< 0.22
µF) or very high (> 2.2µF) values of C
OUT
(see the
RMS Noise Voltage vs COUT typical characteristic).
The REG113 uses an internal charge pump to develop an
internal supply voltage sufficient to drive the gate of the
DMOS pass element above VIN. The charge-pump switching
noise (nominal switching frequency = 2MHz) is not measur-
able at the output of the regulator over most values of IOUT
and COUT.
DROPOUT VOLTAGE
The REG113 uses an N-channel DMOS as the pass ele-
ment. When (VIN – VOUT) is less than the dropout voltage
(VDROP), the DMOS pass device behaves like a resistor;
therefore, for low values of (VIN – VOUT), the regulator input-
to-output resistance is the RdsON of the DMOS pass element
(typically 600m
Ω). For static (DC) loads, the REG113 will
FIGURE 4. Output Noise versus Noise Reduction Capacitor.
0.1
100
1k
10
10k
110
100
90
80
70
60
50
40
30
20
C
NR (pF)
RMS NOISE VOLTAGE vs C
NR
REG113-5.0
REG113-3.3
REG113-2.5
C
OUT = 0µF
10Hz < BW < 100kHz
FIGURE 3. Block Diagram.
Over-Current
Over Temp
Protection
V
REF
(1.26V)
Low-Noise
Charge Pump
DMOS
Output
V
OUT
NR
GND
Enable
REG113
V
IN
C
NR
(optional)
typically maintain regulation down to a (VIN – VOUT) voltage
drop of 250mV at full rated output current. In Figure 5, the
bottom line (DC dropout) shows the minimum VIN to VOUT
voltage drop required to prevent dropout under DC load
conditions.
FIGURE 5. Transient and DC Dropout.
0
50
100
150
200
250
350
300
400
600
500
400
300
200
100
0
I
OUT (mA)
DROPOUT VOLTAGE vs I
OUT
Dropout for 0mA to I
OUT Transient
DC Dropout


Similar Part No. - REG113NA-3.33K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG113NA-3.3/250 TI-REG113NA-3.3/250 Datasheet
520Kb / 20P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
REG113NA-3.3/250 TI-REG113NA-3.3/250 Datasheet
551Kb / 20P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
REG113NA-3.3/250 TI1-REG113NA-3.3/250 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
REG113NA-3.3/250G4 TI-REG113NA-3.3/250G4 Datasheet
520Kb / 20P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
REG113NA-3.3/250G4 TI-REG113NA-3.3/250G4 Datasheet
551Kb / 20P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
More results

Similar Description - REG113NA-3.33K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG113 TI-REG113_07 Datasheet
520Kb / 20P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
REG113 TI-REG113_08 Datasheet
551Kb / 20P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
logo
Global Mixed-mode Techn...
G940T21 GMT-G940T21 Datasheet
185Kb / 8P
   3.7V 400mA Low Dropout Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
logo
Global Mixed-mode Techn...
G930 GMT-G930 Datasheet
196Kb / 8P
   3.5V 400mA Low Dropout Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Global Mixed-mode Techn...
G930 GMT-G930_07 Datasheet
142Kb / 5P
   3.5V 400mA Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com