Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4028-MAX4029 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4028-MAX4029
Description  Triple/Quad, 2:1 Video Multiplexer-Amplifiers with Input Clamps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4028-MAX4029 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4028-MAX4029 Datasheet HTML 4Page - Maxim Integrated Products MAX4028-MAX4029 Datasheet HTML 5Page - Maxim Integrated Products MAX4028-MAX4029 Datasheet HTML 6Page - Maxim Integrated Products MAX4028-MAX4029 Datasheet HTML 7Page - Maxim Integrated Products MAX4028-MAX4029 Datasheet HTML 8Page - Maxim Integrated Products MAX4028-MAX4029 Datasheet HTML 9Page - Maxim Integrated Products MAX4028-MAX4029 Datasheet HTML 10Page - Maxim Integrated Products MAX4028-MAX4029 Datasheet HTML 11Page - Maxim Integrated Products MAX4028-MAX4029 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Therefore, a 6k
Ω resistor will produce a 1.13V key-
clamp voltage as shown in Figure 2. The clamp voltage
(VCLAMP) is measured at the output; the voltage at the
input is VCLAMP (sync tip or key clamp) divided by the
gain (+2V/V) + VBE.
In order for these clamps (sync tip or key) to work proper-
ly, the input must be coupled with a 0.1µF capacitor (typ)
with low leakage (<1µA to 2µA, max). Without proper cou-
pling, the clamp voltage will change during the horizontal
line time causing the “black level” to vary, changing the
image brightness from left to right on the display. In addi-
tion to the capacitor, a low resistance (
≤75Ω) is required
on the source side to return the capacitor to ground. The
clamps used here are active devices with the coupling
capacitor serving two functions; first, as a charge reser-
voir to maintain the clamp voltage, and second, as the
compensation capacitor for the clamp itself. If an input is
not used, it must be terminated to avoid causing oscilla-
tions that could couple with another input.
In general, a sync-tip clamp is used for composite video
(Cvbs), gamma corrected primaries (R’G’B’), and the
luma signal (Y) in S-video. A key clamp is preferred for
component color difference signals (Pb and Pr), linear
primaries (RGB in PCs), and chroma (C) in S-video. The
rule is to sync tip clamp a signal if sync is present and
key clamp all others. Several examples are given in the
Clamp/Key-Clamp Settings for Video Formats section.
Clamp/Key-Clamp Settings for Video Formats
Tables 1 and 2 provide the clamp settings on the
MAX4028/MAX4029 to interface with various video formats.
Low-Power, High-Impedance Disable Mode
All parts feature a low-power, high-impedance disable
mode that is activated by driving the DISABLE input
low. Placing the amplifier in disable mode reduces the
quiescent supply current and places the output imped-
ance at 2k
Ω typically. Multiple devices can be paral-
leled to construct larger switch matrices by connecting
the outputs of several devices together and disabling
all but one of the paralleled amplifiers’ outputs.
Triple/Quad, 2:1 Video
Multiplexer-Amplifiers with Input Clamps
8
_______________________________________________________________________________________
KEY-CLAMP REFERENCE VOLTAGE
vs. RKEYREF
RKEYREF (k
Ω)
11
9
7
5
3
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
113
Figure 2. Key-Clamp Reference Voltage vs. RKEYREF
Table 1. MAX4028 Clamp Settings for Video Formats
INPUT
FORMAT
CLAMP/KEY
1
Cvbs1
Clamp
2
Cvbs2
Clamp
3
Cvbs3
Clamp
INPUT
FORMAT
CLAMP/KEY
1G’
Clamp
2B’
Clamp
3R’
Clamp
R, G, B have sync on all.
INPUT
FORMAT
CLAMP/KEY
1
Gs
Clamp
2
B
Key
3
R
Key
Gs, B, R have sync only on Green.
INPUT
FORMAT
CLAMP/KEY
1
Y
Clamp
2
C
Key
3
Cvbs
Clamp
INPUT
FORMAT
CLAMP/KEY
1
Y
Clamp
2
Pb
Key
3
Pr
Key


Similar Part No. - MAX4028-MAX4029

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4020 MAXIM-MAX4020 Datasheet
196Kb / 16P
   Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
MAX40200 MAXIM-MAX40200 Datasheet
566Kb / 14P
   Ultra-Tiny Micropower, 1A Ideal Diode
Rev 0; 12/16
MAX40200ANS++ MAXIM-MAX40200ANS+ Datasheet
566Kb / 14P
   Ultra-Tiny Micropower, 1A Ideal Diode
Rev 0; 12/16
MAX40200ANS++ MAXIM-MAX40200ANS+ Datasheet
488Kb / 14P
   Ultra-Tiny Micropower, 1A Ideal Diode with Ultra-Low Voltage Drop
2020
MAX40200AUK++ MAXIM-MAX40200AUK+ Datasheet
488Kb / 14P
   Ultra-Tiny Micropower, 1A Ideal Diode with Ultra-Low Voltage Drop
2020
More results

Similar Description - MAX4028-MAX4029

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9657 MAXIM-MAX9657 Datasheet
278Kb / 15P
   Quad Video (Filter) Amplifiers with Input Sync-Tip Clamps
Rev 0; 2/09
MAX4023 MAXIM-MAX4023 Datasheet
470Kb / 22P
   Triple and Quad, 2:1 Video Multiplexer- Amplifiers with Fixed and Settable Gain
Rev 0; 1/03
MAX4023 MAXIM-MAX4023_09 Datasheet
410Kb / 23P
   Triple and Quad, 2:1 Video Multiplexer- Amplifiers with Fixed and Settable Gain
Rev 1; 11/09
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
614Kb / 22P
   Triple 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
NXP Semiconductors
NX5DV330 PHILIPS-NX5DV330 Datasheet
105Kb / 15P
   Quad 1-of-2 video multiplexer/demultiplexer
Rev. 03-5 August 2009
NX5DV330 NXP-NX5DV330 Datasheet
105Kb / 15P
   Quad 1-of-2 video multiplexer/demultiplexer
Rev. 03-5 August 2009
logo
Texas Instruments
LMH6572 TI1-LMH6572 Datasheet
1Mb / 20P
[Old version datasheet]   LMH6572 Triple 2:1 High Speed Video Multiplexer
logo
Linear Technology
LT6550 LINER-LT6550_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com