Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV70212DBVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70212DBVR
Description  TLV702 300-mA, Low-IQ, Low-Dropout Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70212DBVR Datasheet(HTML) 5 Page - Texas Instruments

  TLV70212DBVR Datasheet HTML 1Page - Texas Instruments TLV70212DBVR Datasheet HTML 2Page - Texas Instruments TLV70212DBVR Datasheet HTML 3Page - Texas Instruments TLV70212DBVR Datasheet HTML 4Page - Texas Instruments TLV70212DBVR Datasheet HTML 5Page - Texas Instruments TLV70212DBVR Datasheet HTML 6Page - Texas Instruments TLV70212DBVR Datasheet HTML 7Page - Texas Instruments TLV70212DBVR Datasheet HTML 8Page - Texas Instruments TLV70212DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
TLV702
www.ti.com
SLVSAG6C – SEPTEMBER 2010 – REVISED MARCH 2015
6.5 Electrical Characteristics
At VIN = VOUT(nom) + 0.5 V or 2 V (whichever is greater); IOUT = 10 mA, VEN = 0.9 V, COUT = 1 μF, and TJ = –40°C to +125°C,
unless otherwise noted. Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2
5.5
V
VOUT
DC output accuracy
–40°C
≤ TJ ≤ 125°C
–2%
0.5%
2%
VOUT(nom) + 0.5 V ≤ VIN ≤ 5.5 V,
ΔVOUT(ΔVIN)
Line regulation
1
5
mV
IOUT = 10 mA
ΔVOUT(ΔIOUT)
Load regulation
0 mA
≤ IOUT ≤ 300 mA
1
15
mV
VDO
Dropout voltage(1)
VIN = 0.98 × VOUT(nom), IOUT = 300 mA
260
375
mV
ICL
Output current limit
VOUT = 0.9 × VOUT(nom)
320
500
860
mA
IOUT = 0 mA
35
55
μA
IGND
Ground pin current
IOUT = 300 mA, VIN = VOUT + 0.5 V
370
μA
VEN ≤ 0.4 V, VIN = 2 V
400
nA
ISHDN
Ground pin current (shutdown)
VEN ≤ 0.4 V, 2 V ≤ VIN ≤ 4.5 V,
1
2
μA
TJ = –40°C to +85°C
VIN = 2.3 V, VOUT = 1.8 V,
PSRR
Power-supply rejection ratio
68
dB
IOUT = 10 mA, f = 1 kHz
BW = 100 Hz to 100 kHz,
Vn
Output noise voltage
48
μVRMS
VIN = 2.3 V, VOUT = 1.8 V, IOUT = 10 mA
tSTR
Start-up time(2)
COUT = 1 μF, IOUT = 300 mA
100
μs
VEN(high)
Enable pin high (enabled)
0.9
VIN
V
VEN(low)
Enable pin low (disabled)
0
0.4
V
IEN
Enable pin current
VIN = VEN = 5.5 V
0.04
μA
UVLO
Undervoltage lockout
VIN rising
1.9
V
Active pulldown resistance
RDISCHARGE
VEN = 0 V
120
Ω
(TLV702P only)
Shutdown, temperature increasing
165
°C
Tsd
Thermal shutdown temperature
Reset, temperature decreasing
145
°C
TJ
Operating junction temperature
–40
125
°C
(1)
VDO is measured for devices with VOUT(nom) ≥ 2.35 V.
(2)
Start-up time = time from EN assertion to 0.98 × VOUT(nom).
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TLV702


Similar Part No. - TLV70212DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70212DBVR TI1-TLV70212DBVR Datasheet
710Kb / 26P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator High PSRR: 68 dB at 1 kHz
FEBRUARY2011
TLV70212DBVR TI1-TLV70212DBVR Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70212DBVR TI1-TLV70212DBVR Datasheet
1Mb / 28P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70212DBVR TI1-TLV70212DBVR Datasheet
1Mb / 31P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
TLV70212DBVR TI1-TLV70212DBVR Datasheet
1Mb / 33P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
More results

Similar Description - TLV70212DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV704 TI-TLV704 Datasheet
890Kb / 22P
[Old version datasheet]   TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV702 TI-TLV702 Datasheet
1Mb / 31P
[Old version datasheet]   TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV702P TI-TLV702P Datasheet
1Mb / 31P
[Old version datasheet]   TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI-TLV702-Q1_15 Datasheet
953Kb / 25P
[Old version datasheet]   TLV702-Q1 300-mA, Low-IQ, Low-Dropout Regulator
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_17 Datasheet
862Kb / 22P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com