Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2376IDGKR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2376IDGKR
Description  TLVx376 Low Offset and Drift, Low-Noise, Precision Operational Amplifiers for Cost-Sensitive Systems
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2376IDGKR Datasheet(HTML) 3 Page - Texas Instruments

  TLV2376IDGKR Datasheet HTML 1Page - Texas Instruments TLV2376IDGKR Datasheet HTML 2Page - Texas Instruments TLV2376IDGKR Datasheet HTML 3Page - Texas Instruments TLV2376IDGKR Datasheet HTML 4Page - Texas Instruments TLV2376IDGKR Datasheet HTML 5Page - Texas Instruments TLV2376IDGKR Datasheet HTML 6Page - Texas Instruments TLV2376IDGKR Datasheet HTML 7Page - Texas Instruments TLV2376IDGKR Datasheet HTML 8Page - Texas Instruments TLV2376IDGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
1
2
3
4
8
7
6
5
V+
OUTB
-
INB
+INB
OUTA
-
INA
+INA
V
-
1
2
3
4
8
7
6
5
NC
V+
OUT
NC
NC
-
IN
+IN
V
-
-
+
1
2
3
5
4
V+
-
IN
OUT
V
-
+IN
3
TLV376, TLV2376, TLV4376
www.ti.com
SBOS755 – OCTOBER 2016
Product Folder Links: TLV376 TLV2376 TLV4376
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
TLV376: DBV Package
5-Pin SOT23
Top View
TLV376: D Package
8-Pin SOIC
Top View
Pin Functions: TLV376
PIN
I/O
DESCRIPTION
NAME
DBV
D
–IN
4
2
I
Negative input signal
+IN
3
3
I
Positive input signal
NC
1, 5, 8
No connection
OUT
1
6
O
Output signal
V–
2
4
Negative supply voltage
V+
5
7
Positive supply voltage
TLV2376: D and DGK Packages
8-Pin SOIC and 8-Pin VSSOP
Top View
Pin Functions: TLV2376
PIN
I/O
DESCRIPTION
NAME
D, DGK
–IN A
2
I
Inverting input, channel A
–IN B
6
I
Inverting input, channel B
+IN A
3
I
Noninverting input, channel A
+IN B
5
I
Noninverting input, channel B
OUT A
1
O
Output, channel A
OUT B
7
O
Output, channel B
V–
4
Negative supply voltage
V+
8
Positive supply voltage


Similar Part No. - TLV2376IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI1-TLV2370 Datasheet
2Mb / 58P
[Old version datasheet]   500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
TLV2370ID TI-TLV2370ID Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370ID TI-TLV2370ID Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2376IDGKR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4238 MAXIM-MAX4238 Datasheet
363Kb / 10P
   Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
Rev 1; 12/02
MAX4238 MAXIM-MAX4238_V01 Datasheet
1Mb / 11P
   Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
2020
MAX4238 MAXIM-MAX4238_11 Datasheet
292Kb / 9P
   Ultra-Low Offset/Drift, Low-Noise,Precision SOT23 Amplifiers
Rev 3; 8/11
logo
Texas Instruments
TLV171 TI1-TLV171_16 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV171 TI1-TLV171 Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV172 TI1-TLV172 Datasheet
2Mb / 42P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
logo
Analog Devices
OP113 AD-OP113 Datasheet
328Kb / 16P
   Low Noise, Low Drift Single-Supply Operational Amplifiers
REV. C
OP213 AD-OP213_15 Datasheet
486Kb / 24P
   Low Noise, Low Drift Single-Supply Operational Amplifiers
OP113 AD-OP113_07 Datasheet
485Kb / 24P
   Low Noise, Low Drift Single-Supply Operational Amplifiers
Rev. F
logo
National Semiconductor ...
LH0044 NSC-LH0044 Datasheet
220Kb / 8P
   PRECISION LOW NOISE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com