Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2325 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2325
Description  Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2325 Datasheet(HTML) 2 Page - Texas Instruments

  OPA2325 Datasheet HTML 1Page - Texas Instruments OPA2325 Datasheet HTML 2Page - Texas Instruments OPA2325 Datasheet HTML 3Page - Texas Instruments OPA2325 Datasheet HTML 4Page - Texas Instruments OPA2325 Datasheet HTML 5Page - Texas Instruments OPA2325 Datasheet HTML 6Page - Texas Instruments OPA2325 Datasheet HTML 7Page - Texas Instruments OPA2325 Datasheet HTML 8Page - Texas Instruments OPA2325 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
OPA2325
SBOS637 – OCTOBER 2016
www.ti.com
Product Folder Links: OPA2325
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configurations and Functions ....................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics: VS = 2.2 V to 5.5 V or
±1.1 V to ±2.75 V ....................................................... 5
6.6
Typical Characteristics .............................................. 7
7
Detailed Description ............................................ 14
7.1
Overview ................................................................. 14
7.2
Functional Block Diagram ....................................... 14
7.3
Feature Description................................................. 15
7.4
Device Functional Modes........................................ 16
8
Application and Implementation ........................ 17
8.1
Application Information............................................ 17
8.2
Typical Application .................................................. 18
9
Power Supply Recommendations ...................... 23
10
Layout................................................................... 23
10.1
Layout Guidelines ................................................. 23
10.2
Layout Example .................................................... 24
11
Device and Documentation Support ................. 25
11.1
Documentation Support ........................................ 25
11.2
Receiving Notification of Documentation Updates 25
11.3
Community Resources.......................................... 25
11.4
Trademarks ........................................................... 25
11.5
Electrostatic Discharge Caution ............................ 25
11.6
Glossary ................................................................ 25
12
Mechanical, Packaging, and Orderable
Information ........................................................... 25
4 Revision History
DATE
REVISION
NOTES
October 2016
*
Initial release.


Similar Part No. - OPA2325

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2325 TI1-OPA2325 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA2325 TI1-OPA2325 Datasheet
2Mb / 38P
[Old version datasheet]   Precision, 10-MHz, low-noise, low-power, RRIO, CMOS operational amplifiers
OPA2325 TI1-OPA2325 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA2325 TI1-OPA2325 Datasheet
3Mb / 42P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA2325ID TI1-OPA2325ID Datasheet
2Mb / 34P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
More results

Similar Description - OPA2325

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA325 TI1-OPA325 Datasheet
3Mb / 42P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA2325 TI1-OPA2325_19 Datasheet
2Mb / 38P
[Old version datasheet]   Precision, 10-MHz, low-noise, low-power, RRIO, CMOS operational amplifiers
OPA2325_1905 TI1-OPA2325_1905 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
[Old version datasheet]   10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI-OPA316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316 TI-OPA2316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316 TI-OPA4316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA320-Q1 TI1-OPA320-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
OPA2320-Q1 TI-OPA2320-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO,CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com