Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC400-1124Q0001KI1T Datasheet(PDF) 10 Page - Microchip Technology

Part # DSC400-1124Q0001KI1T
Description  Configurable Four Output, Low Jitter Crystal-less??Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC400-1124Q0001KI1T Datasheet(HTML) 10 Page - Microchip Technology

Back Button DSC400-1124Q0001KI1T Datasheet HTML 6Page - Microchip Technology DSC400-1124Q0001KI1T Datasheet HTML 7Page - Microchip Technology DSC400-1124Q0001KI1T Datasheet HTML 8Page - Microchip Technology DSC400-1124Q0001KI1T Datasheet HTML 9Page - Microchip Technology DSC400-1124Q0001KI1T Datasheet HTML 10Page - Microchip Technology DSC400-1124Q0001KI1T Datasheet HTML 11Page - Microchip Technology DSC400-1124Q0001KI1T Datasheet HTML 12Page - Microchip Technology DSC400-1124Q0001KI1T Datasheet HTML 13Page - Microchip Technology DSC400-1124Q0001KI1T Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
DSC400
DS20005612A-page 10
 2016 Microchip Technology Inc.
5.0
OUTPUT WAVEFORM
FIGURE 5-1:
Differential Output (LVDS, LVPECL, HCSL).
FIGURE 5-2:
LVCMOS Output.
OE
tR
tF
1/f0
tDA
tEN
Clk
Clk
VIL
VIH
50%
20%
80%
OE
tR
tF
1/f0
tDA
tEN
Clk
VIL
VIH
VOL
VOH


Similar Part No. - DSC400-1124Q0001KI1T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC400-1124Q0001KI1T MICREL-DSC400-1124Q0001KI1T Datasheet
456Kb / 15P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
More results

Similar Description - DSC400-1124Q0001KI1T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC400 MICREL-DSC400 Datasheet
456Kb / 15P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
logo
Microchip Technology
DSA400 MICROCHIP-DSA400 Datasheet
889Kb / 20P
   Configurable Four Output, Low Jitter Clock Generator for Automotive
02/28/20
logo
Micrel Semiconductor
DSC2311 MICREL-DSC2311 Datasheet
632Kb / 5P
   Crystal-less??Configurable Two Output Clock Generator
logo
Microchip Technology
DSC2311 MICROCHIP-DSC2311 Datasheet
228Kb / 18P
   Crystal-less??Configurable Two-Output Clock Generator
06/23/16
logo
Micrel Semiconductor
DSC2311KM1-R0036 MICREL-DSC2311KM1-R0036 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
DSC2011FI2-F0016 MICREL-DSC2011FI2-F0016 Datasheet
594Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0008 MICREL-DSC2010FE2-B0008 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0003 MICREL-DSC2010FE2-B0003 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2311KI2-R0045 MICREL-DSC2311KI2-R0045 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC2123FI2-E0024 MICROCHIP-DSC2123FI2-E0024 Datasheet
1Mb / 7P
   Crystal-less??Configurable Clock Generator
November 01, 2017 Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com