Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W1138A Datasheet(PDF) 7 Page - Keysight Technologies

Part # W1138A
Description  GPIB, USB and Instrument Control for easy PC-to-Instrument Connections
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

W1138A Datasheet(HTML) 7 Page - Keysight Technologies

Back Button W1138A Datasheet HTML 3Page - Keysight Technologies W1138A Datasheet HTML 4Page - Keysight Technologies W1138A Datasheet HTML 5Page - Keysight Technologies W1138A Datasheet HTML 6Page - Keysight Technologies W1138A Datasheet HTML 7Page - Keysight Technologies W1138A Datasheet HTML 8Page - Keysight Technologies W1138A Datasheet HTML 9Page - Keysight Technologies W1138A Datasheet HTML 10Page - Keysight Technologies W1138A Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
07 | Keysight | GPIB, USB and Instrument Control for easy PC-to-Instrument Connections - Data Sheet
Features
– High transfer rate of 1.4 MB/s
– High flexibility via up-plugging (to x4
or x8 PCIe slots)
– 3.3 V signal level for lower power
consumption
Best for
– Bandwidth-intensive test
applications
– Standard and low-profile brackets
allow flexible connection
Faster data transfer speed for
high-throughput test
application
The 82351B PCIe-GPIB interface
card offers the fast data transfer rate
associated with PCIe to support high-
bandwidth PC applications, ensuring
that data is consistently retained without
being overwritten during the transfer to
memory.
PCIe is the next generation of PCI
and offers unsurpassed speed and
performance, making PCIe cards an ideal
choice for many computer platforms
and automation applications. It is
full backward compatible with PCI-
configured software or coding, removing
the need to reconfigure any code. The
82351B is highly flexible with plug-and-
play configuration and enables usage in a
low-profile PC with a bracket change.
82351B technical specifications
General requirements
Minimum system
requirements
Refer to page 4 for requirements in using the Keysight IO Libraries
software (included with the instrument control hardware)
Software requirements
Keysight IO Libraries Suite version 17.0 onwards
PCI bus slot
3.3 V PCI slot, 32 bits
Supported standards
– PCIe rev 1.0a
– IEEE-488.1 and IEEE-488.2 compatible
General characteristics
Power
Backplane +3.3 V PCIe
Connectors
– Standard 24-pin IEEE-488 (GPIB)
– +3.3 V PCIe
PCIe Slot
PCIe 1x and above
Maximum data rate
1.4 MB/s
Maximum instrument
connection
14 instruments - daisy chain via GPIB
Buffering
Built-in
Configuration
Plug and play
EMC
IEC 61326-1:2005/EN61326-1:2006
Warranty
1 year
Dimension
Length, width and height
156 mm (L) X 121 mm (W) X 21.6 mm (H)
Weight
0.074 kg
Environmental specifications
Operating environment
–5 °C to 60 °C
Operating humidity
Up to 90% at 40°C non condensing
Storage environment
–40 °C to 70 °C
Storage humidity
Up to 90% at 65 °C non condensing
Ordering information
Includes
Keysight Instrument Control DVD, Low profile bracket, Quick start
poster
Keysight 82351B High Performance PCIe-GPIB Interface Card
[NEW]
82351B with standard profile bracket
82351B with low-profile bracket


Similar Part No. - W1138A

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
W11-V23101 TEC-W11-V23101 Datasheet
1Mb / 4P
   Small size permitting high packing density
logo
Lumins Inc.
W110 LUMINIS-W110 Datasheet
491Kb / 2P
   Heavy cast aluminum top cover with embedded heat sink.
logo
Bourns Electronic Solut...
W11000J BOURNS-W11000J Datasheet
422Kb / 3P
   Wirewound Power Resistor
W11200J BOURNS-W11200J Datasheet
422Kb / 3P
   Wirewound Power Resistor
logo
Keysight Technologies
W1141B-EXP-UP8 KEYSIGHT-W1141B-EXP-UP8 Datasheet
852Kb / 6P
   Agilent VEE Express 8.5
More results

Similar Description - W1138A

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
USB-232 NI-USB-232 Datasheet
99Kb / 2P
   Serial Instrument Control Interfaces for USB
logo
List of Unclassifed Man...
450-2518 ETC2-450-2518 Datasheet
90Kb / 1P
   Instrument Control Knobs
450-1755 ETC2-450-1755 Datasheet
182Kb / 1P
   Instrument Control Knob
450-4660 ETC2-450-4660 Datasheet
80Kb / 1P
   Instrument Control Knobs
450-1425 ETC2-450-1425 Datasheet
125Kb / 1P
   Instrument Control Knobs
450-AE181 ETC2-450-AE181 Datasheet
201Kb / 2P
   Instrument Control Knobs
450-3618 ETC2-450-3618 Datasheet
132Kb / 1P
   Instrument Control Knobs
450-MPN71 ETC2-450-MPN71 Datasheet
192Kb / 2P
   Instrument Control Knobs
logo
Toshiba Semiconductor
TLP206G TOSHIBA-TLP206G_07 Datasheet
174Kb / 6P
   Measurement Instrument
TLP206A TOSHIBA-TLP206A_07 Datasheet
176Kb / 6P
   Measurement Instrument
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com