Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC22705YML Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC22705YML
Description  1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22705YML Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC22705YML Datasheet HTML 2Page - Micrel Semiconductor MIC22705YML Datasheet HTML 3Page - Micrel Semiconductor MIC22705YML Datasheet HTML 4Page - Micrel Semiconductor MIC22705YML Datasheet HTML 5Page - Micrel Semiconductor MIC22705YML Datasheet HTML 6Page - Micrel Semiconductor MIC22705YML Datasheet HTML 7Page - Micrel Semiconductor MIC22705YML Datasheet HTML 8Page - Micrel Semiconductor MIC22705YML Datasheet HTML 9Page - Micrel Semiconductor MIC22705YML Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Micrel, Inc.
MIC22705
November 12, 2013
6
111213-1.1
Typical Characteristics
VIN Operating Supply Current
vs. Input Voltage
0
5
10
15
20
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
VOUT = 1.8V
IOUT = 0A
SWITCHING
VIN Shutdown Current
vs. Input Voltage
0
4
8
12
16
20
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
VEN/DLY = 0V
Feedback Voltage
vs. Input Voltage
0.693
0.697
0.700
0.704
0.707
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
VOUT = 1.8V
Load Regulation
vs. Input Voltage
0.0%
0.2%
0.4%
0.6%
0.8%
1.0%
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
VOUT = 1.8V
IOUT = 0A to 7A
Current Limit
vs. Input Voltage
0
5
10
15
20
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
VOUT = 1.8V
Switching Frequency
vs. Input Voltage
800
900
1000
1100
1200
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
VOUT = 1.8V
IOUT = 0A
Enable Threshold
vs. Input Voltage
1.0
1.1
1.2
1.3
1.4
1.5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
RISING
Enable Input Current
vs. Input Voltage
0
1
2
3
4
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
VEN/DLY = 0V
Power Good Threshold/VREF Ratio
vs. Input Voltage
80%
85%
90%
95%
100%
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
VREF = 0.7V


Similar Part No. - MIC22705YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22705YML MICREL-MIC22705YML Datasheet
1Mb / 28P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705YML MICREL-MIC22705YML Datasheet
1Mb / 29P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
More results

Similar Description - MIC22705YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22700 MICREL-MIC22700_10 Datasheet
1Mb / 21P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705 Datasheet
1Mb / 28P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22700 MICREL-MIC22700 Datasheet
1Mb / 21P
   1MHz, 7A Integrated Switch High Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705_11 Datasheet
1Mb / 29P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22602 MICREL-MIC22602 Datasheet
855Kb / 24P
   1MHz, 6A Integrated Switch High Efficiency Synchronous Buck Regulator
MIC2203 MICREL-MIC2203 Datasheet
2Mb / 13P
   High Efficiency 1MHz Synchronous Buck Regulator
MIC22600 MICREL-MIC22600 Datasheet
541Kb / 17P
   1MHz 6A Integrated Switch Synchronous Buck Regulator
MIC22600 MICREL-MIC22600_11 Datasheet
1Mb / 32P
   1MHz, 6A Integrated Switch Synchronous Buck Regulator
MIC22600 MICREL-MIC22600_09 Datasheet
647Kb / 29P
   1MHz, 6A Integrated Switch Synchronous Buck Regulator
MIC22405 MICREL-MIC22405 Datasheet
1Mb / 30P
   4A Integrated Switch High-Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com