Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3985IM5X-3.0 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP3985IM5X-3.0
Description  Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3985IM5X-3.0 Datasheet(HTML) 2 Page - Texas Instruments

  LP3985IM5X-3.0 Datasheet HTML 1Page - Texas Instruments LP3985IM5X-3.0 Datasheet HTML 2Page - Texas Instruments LP3985IM5X-3.0 Datasheet HTML 3Page - Texas Instruments LP3985IM5X-3.0 Datasheet HTML 4Page - Texas Instruments LP3985IM5X-3.0 Datasheet HTML 5Page - Texas Instruments LP3985IM5X-3.0 Datasheet HTML 6Page - Texas Instruments LP3985IM5X-3.0 Datasheet HTML 7Page - Texas Instruments LP3985IM5X-3.0 Datasheet HTML 8Page - Texas Instruments LP3985IM5X-3.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LP3985
SNVS087AE – OCTOBER 2000 – REVISED MAY 2015
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 14
1
Features .................................................................. 1
8
Application and Implementation ........................ 15
2
Applications ........................................................... 1
8.1
Application Information............................................ 15
3
Description ............................................................. 1
8.2
Typical Application ................................................. 15
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 18
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 19
6
Specifications......................................................... 4
10.1
Layout Guidelines ................................................. 19
6.1
Absolute Maximum Ratings ...................................... 4
10.2
Layout Examples................................................... 19
6.2
ESD Ratings.............................................................. 4
10.3
DSBGA Mounting.................................................. 19
6.3
Recommended Operating Conditions ....................... 4
10.4
DSBGA Light Sensitivity ....................................... 19
6.4
Thermal Information .................................................. 4
11
Device and Documentation Support ................. 21
6.5
Electrical Characteristics........................................... 5
11.1
Documentation Support ....................................... 21
6.6
Typical Performance Characteristics ........................ 7
11.2
Trademarks ........................................................... 21
7
Detailed Description ............................................ 13
11.3
Electrostatic Discharge Caution ............................ 21
7.1
Overview ................................................................. 13
11.4
Glossary ................................................................ 21
7.2
Functional Block Diagram ....................................... 13
12
Mechanical, Packaging, and Orderable
7.3
Feature Description................................................. 13
Information ........................................................... 21
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision AD (October 2014) to Revision AE
Page
Changed update pin names to TI nomenclature; replace Handling Ratings with ESD Ratings ........................................... 1
Deleted Voltage Options table - information in POA ............................................................................................................. 1
Added GND as type for ground pins ..................................................................................................................................... 3
Added Thermal Considerations sub-section ........................................................................................................................ 17
Changes from Revision AC (May 2013) to Revision AD
Page
Added Device Information and Handling Rating tables, Feature Description, Device Functional Modes, Application
and Implementation, Power Supply Recommendations, Layout, Device and Documentation Support, and
Mechanical, Packaging, and Orderable Information sections; moved some curves to Application Curves section; add
new Thermal Information ........................................................................................................................................................ 1
Changes from Revision AB (May 2013) to Revision AC
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 20
2
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LP3985


Similar Part No. - LP3985IM5X-3.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3985IM5X-3.0 NSC-LP3985IM5X-3.0 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP3985IM5X-3.0 TI-LP3985IM5X-3.0 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP3985IM5X-3.0 TI-LP3985IM5X-3.0 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
More results

Similar Description - LP3985IM5X-3.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
[Old version datasheet]   LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
[Old version datasheet]   Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
ON Semiconductor
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
NCP500 ONSEMI-NCP500_15 Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Texas Instruments
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3984 TI1-LP3984 Datasheet
1Mb / 19P
[Old version datasheet]   Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com