Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3988 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP3988
Description  Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3988 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3988 Datasheet HTML 6Page - Texas Instruments LP3988 Datasheet HTML 7Page - Texas Instruments LP3988 Datasheet HTML 8Page - Texas Instruments LP3988 Datasheet HTML 9Page - Texas Instruments LP3988 Datasheet HTML 10Page - Texas Instruments LP3988 Datasheet HTML 11Page - Texas Instruments LP3988 Datasheet HTML 12Page - Texas Instruments LP3988 Datasheet HTML 13Page - Texas Instruments LP3988 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
LP3988-Q1
SLAS928A – MARCH 2013 – REVISED JULY 2013
www.ti.com
REVISION HISTORY
Changes from Original (March 2013) to Revision A
Page
Deleted other voltages and left only 2.5 V ............................................................................................................................ 1
Added TI sales note for additional voltages .......................................................................................................................... 1
Changed
θJA temp from 220°C/W to 175°C/W in Absolute Maxium Ratings table note ...................................................... 3
Changed voltage in the title of the first two Typical Characteristics graphs (Ripple Rejection Ratio) from 2.6 to 2.85 ....... 6
Changed LP3988Q to correct device name of LP3988-Q1 .................................................................................................. 9
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LP3988-Q1


Similar Part No. - LP3988

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
   Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
logo
Texas Instruments
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3988-Q1 TI-LP3988-Q1_15 Datasheet
952Kb / 17P
[Old version datasheet]   Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
logo
National Semiconductor ...
LP3988IMF-2.5 NSC-LP3988IMF-2.5 Datasheet
292Kb / 11P
   Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
logo
Texas Instruments
LP3988IMF-2.5/NOPB TI1-LP3988IMF-2.5/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
More results

Similar Description - LP3988

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3988-Q1 TI-LP3988-Q1_15 Datasheet
952Kb / 17P
[Old version datasheet]   Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
LP3988 TI-LP3988_15 Datasheet
1,010Kb / 25P
[Old version datasheet]   LP3988 Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator With Power Good
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP2981-N TI1-LP2981-N_16 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower 100-mA Ultralow Dropout Regulator
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
[Old version datasheet]   Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
   Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
logo
Texas Instruments
LP3995 TI1-LP3995 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
LP3984 TI1-LP3984 Datasheet
1Mb / 19P
[Old version datasheet]   Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com