Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2491 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2491
Description  6.4-GHz Low Noise RF PLL With Ramp/Chirp Generation
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2491 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMX2491 Datasheet HTML 3Page - Texas Instruments LMX2491 Datasheet HTML 4Page - Texas Instruments LMX2491 Datasheet HTML 5Page - Texas Instruments LMX2491 Datasheet HTML 6Page - Texas Instruments LMX2491 Datasheet HTML 7Page - Texas Instruments LMX2491 Datasheet HTML 8Page - Texas Instruments LMX2491 Datasheet HTML 9Page - Texas Instruments LMX2491 Datasheet HTML 10Page - Texas Instruments LMX2491 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Vcc (x5)
MUX
MUXout
Phase
Comp
GND
(x3)
Fin
Fin*
û
Compensation
(24 bit)
N Divider
(18 bit)
OSCin
R Divider
(16 bit)
Lock
Detect
Charge
Pump
CPout
MICROWIRE
Interface
CLK
LE
DATA
CE
GND/OSCin*
MOD
Modulation
Generator
TRIG1
TRIG2
2X
Vcp
4/5
Prescaler
Copyright © 2016, Texas Instruments Incorporated
7
LMX2491
www.ti.com
SNAS711 – OCTOBER 2016
Product Folder Links: LMX2491
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LMX2491 is a microwave PLL, consisting of a reference input and divider, high frequency input and divider,
charge pump, ramp generator, and other digital logic. The Vcc power supply pins run at a nominal 3.3 volts,
while the charge pump supply pin, Vcp, operates anywhere from Vcc to 5 volts. The device is designed to
operate with an external loop filter and VCO. Modulation is achieved by manipulating the MASH engine.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 OSCin Input
The reference can be applied in several ways. If using a differential input, this must be terminated differentially
with a 100-Ω resistance and AC-coupled to the OSCin and GND/OSCin* terminals. If driving this single-ended,
then the GND/OSCin* terminal may be grounded, although better performance is attained by connecting the
GND/OSCin* terminal through a series resistance and capacitance to ground to match the OSCin terminal
impedance.
7.3.2 OSCin Doubler
The OSCin doubler allows the input signal to the OSCin to be doubled to have higher phase detector
frequencies. This works by clocking on both the rising and falling edges of the input signal, so it therefore
requires a 50% input duty cycle.
7.3.3 R Divider
The R counter is 16 bits divides the OSCin signal from 1 to 65535. If DIFF_R = 0, then any value can be chosen
in this range. If DIFF_R=1, then the divide is restricted to 2,4,8, and 16, but allows for higher OSCin frequencies.
7.3.4 PLL N Divider
The 16-bit N divider divides the signal at the Fin terminal down to the phase detector frequency. It contains a 4/5
prescaler that creates minimum divide restrictions, but allows the N value to increment in values of one.
Table 1. Allowable Minimum N Divide for Delta Sigma
Modulation Order
MODULATOR ORDER
MINIMUM N DIVIDE
Integer Mode, 1st-Order Modulator
16
2nd-Order Modulator
17
3rd-Order Modulator
19
4th-Order Modulator
25


Similar Part No. - LMX2491

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2492 TI1-LMX2492 Datasheet
1Mb / 41P
[Old version datasheet]   -227 dBc/Hz Normalized PLL Noise
LMX2492 TI1-LMX2492 Datasheet
1Mb / 42P
[Old version datasheet]   Low Noise Fractional N PLL
LMX2492-Q1 TI1-LMX2492-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   Low Noise Fractional N PLL
LMX2492-Q1RTW TI-LMX2492-Q1RTW Datasheet
1Mb / 42P
[Old version datasheet]   LMX2492/LMX2492-Q1 14 GHz Low Noise Fractional N PLL with Ramp/Chirp Generation
LMX2492-Q1 TI-LMX2492-Q1_15 Datasheet
1Mb / 42P
[Old version datasheet]   LMX2492/LMX2492-Q1 14 GHz Low Noise Fractional N PLL with Ramp/Chirp Generation
More results

Similar Description - LMX2491

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2492-Q1 TI-LMX2492-Q1_15 Datasheet
1Mb / 42P
[Old version datasheet]   LMX2492/LMX2492-Q1 14 GHz Low Noise Fractional N PLL with Ramp/Chirp Generation
LMX2572 TI1-LMX2572 Datasheet
997Kb / 26P
[Old version datasheet]   6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2572 TI1-LMX2572_17 Datasheet
1Mb / 87P
[Old version datasheet]   6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
logo
Integrated Device Techn...
ICS670-04 IDT-ICS670-04 Datasheet
198Kb / 7P
   Patented PLL with low phase noise
logo
Peregrine Semiconductor...
PE3340 PEREGRINE-PE3340 Datasheet
141Kb / 12P
   3.0 GHz Integer-N PLL for Low Phase Noise Applications
PE3339 PEREGRINE-PE3339 Datasheet
143Kb / 12P
   3.0 GHz Integer-N PLL for Low Phase Noise Applications
PE3239 PEREGRINE-PE3239 Datasheet
214Kb / 12P
   2.2 GHz Integer-N PLL for Low Phase Noise Applications
logo
Analog Devices
ADF4196 AD-ADF4196_15 Datasheet
665Kb / 28P
   Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
logo
Peregrine Semiconductor...
PE83336 PEREGRINE-PE83336 Datasheet
277Kb / 14P
   3.0 GHz Integer-N PLL for Low Phase Noise Applications
logo
Texas Instruments
LMX2492 TI1-LMX2492_15 Datasheet
1Mb / 42P
[Old version datasheet]   Low Noise Fractional N PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com