Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5161 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM5161
Description  Wide Input 100-V, 1-A Synchronous Buck/Fly-Buck Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5161 Datasheet(HTML) 2 Page - Texas Instruments

  LM5161 Datasheet HTML 1Page - Texas Instruments LM5161 Datasheet HTML 2Page - Texas Instruments LM5161 Datasheet HTML 3Page - Texas Instruments LM5161 Datasheet HTML 4Page - Texas Instruments LM5161 Datasheet HTML 5Page - Texas Instruments LM5161 Datasheet HTML 6Page - Texas Instruments LM5161 Datasheet HTML 7Page - Texas Instruments LM5161 Datasheet HTML 8Page - Texas Instruments LM5161 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
LM5161-Q1
SNVSAF9 – AUGUST 2016
www.ti.com
Product Folder Links: LM5161-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ..................................... 4
6.2
ESD Ratings: LM5161-Q1 ....................................... 4
6.3
Recommended Operating Conditions ...................... 4
6.4
Thermal Information ................................................. 5
6.5
Electrical Characteristics........................................... 5
6.6
Switching Characteristics ......................................... 6
6.7
Typical Characteristics ............................................. 7
7
Detailed Description ............................................ 11
7.1
Overview ................................................................ 11
7.2
Functional Block Diagram ...................................... 11
7.3
Feature Description ................................................ 12
7.4
Device Functional Modes........................................ 15
8
Applications and Implementation ...................... 16
8.1
Application Information .......................................... 16
8.2
Typical Application .................................................. 16
8.3
Do's and Don'ts ...................................................... 28
9
Power Supply Recommendations ...................... 29
10
Layout................................................................... 29
10.1
Layout Guidelines ................................................ 29
10.2
Layout Example ................................................... 30
11
Device and Documentation Support ................. 31
11.1
Related Documentation ....................................... 31
11.2
Trademarks ........................................................... 31
11.3
Receiving Notification of Documentation Updates 31
11.4
Community Resources.......................................... 31
11.5
Electrostatic Discharge Caution ............................ 31
11.6
Glossary ................................................................ 31
12
Mechanical, Packaging, and Orderable
Information ........................................................... 31
4 Revision History
DATE
REVISION
NOTES
August 2016
*
Initial release.


Similar Part No. - LM5161

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5161 TI1-LM5161 Datasheet
175Kb / 6P
[Old version datasheet]   Wide Input 100V, 1A Synchronous Buck/Fly-Buck Converter
LM5161PWP TI1-LM5161PWP Datasheet
175Kb / 6P
[Old version datasheet]   Wide Input 100V, 1A Synchronous Buck/Fly-Buck Converter
LM5161PWPR TI1-LM5161PWPR Datasheet
175Kb / 6P
[Old version datasheet]   Wide Input 100V, 1A Synchronous Buck/Fly-Buck Converter
LM5161PWPT TI1-LM5161PWPT Datasheet
175Kb / 6P
[Old version datasheet]   Wide Input 100V, 1A Synchronous Buck/Fly-Buck Converter
More results

Similar Description - LM5161

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5161 TI1-LM5161 Datasheet
175Kb / 6P
[Old version datasheet]   Wide Input 100V, 1A Synchronous Buck/Fly-Buck Converter
LM5160-Q1 TI1-LM5160-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input 65V 1.5A Synchronous Buck / Fly-Buck Converter
LM5160A TI1-LM5160A Datasheet
1Mb / 28P
[Old version datasheet]   Wide Input 65V 2A Synchronous Buck / Fly-Buck Converter
LM5160-Q1 TI-LM5160-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   LM5160-Q1 Wide Input 65-V, 1.5-A Synchronous Buck / Fly-Buck??Converter
LM5160A TI-LM5160A_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM5160A, LM5160 Wide Input 65-V, 1.5-A Synchronous Buck / Fly-Buck??Converter
logo
ON Semiconductor
NCP3102 ONSEMI-NCP3102 Datasheet
1Mb / 18P
   Wide Input Voltage Synchronous Buck Converter
November, 2007 - Rev. 2
NCP3101BMNTXG ONSEMI-NCP3101BMNTXG Datasheet
291Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
NCP3102C ONSEMI-NCP3102C Datasheet
487Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
February, 2011 -- Rev. 0
NCP3101 ONSEMI-NCP3101 Datasheet
595Kb / 18P
   Wide Input Voltage Synchronous Buck Converter
November, 2007 - Rev. P0
NCP3101CMNTXG ONSEMI-NCP3101CMNTXG Datasheet
280Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com