Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC24046-HYFL Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC24046-HYFL
Description  Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC24046-HYFL Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC24046-HYFL Datasheet HTML 1Page - Micrel Semiconductor MIC24046-HYFL Datasheet HTML 2Page - Micrel Semiconductor MIC24046-HYFL Datasheet HTML 3Page - Micrel Semiconductor MIC24046-HYFL Datasheet HTML 4Page - Micrel Semiconductor MIC24046-HYFL Datasheet HTML 5Page - Micrel Semiconductor MIC24046-HYFL Datasheet HTML 6Page - Micrel Semiconductor MIC24046-HYFL Datasheet HTML 7Page - Micrel Semiconductor MIC24046-HYFL Datasheet HTML 8Page - Micrel Semiconductor MIC24046-HYFL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MIC24046-H
Pin-Programmable, 4.5V
− 19V, 5A
Step-Down Converter
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
July 7, 2015
Revision 1.1.
General Description
Micrel’s
MIC24046-H
is
a
pin-programmable,
high-
efficiency, wide-input range, 5A, synchronous step-down
regulator. The MIC24046-H is perfectly suited for multiple-
voltage rail application environments typically found in
computing and telecommunication systems. It can be
programmed by pin strapping various parameters, such as
output voltage, switching frequency, and current-limit
values. The pin-selectable switching frequency, valley-
current-mode control technique, high-performance error
amplifier, and external compensation allow for the best
tradeoffs
between
high-efficiency
and
the
smallest
possible solution size.
The MIC24046-H is pin-out compatible with its I
2C-
programmable counterparts from the same family.
The MIC24046-H is available in a thermally-efficient,
space-saving, 20-pin 3mm × 3mm QFN package with an
operating junction temperature range of –40
°C to +125°C.
Datasheets and support documentation are available on
Micrel’s website at: www.micrel.com.
Features
• 4.5V to 19V input voltage range
• 5A (maximum) output current
• High efficiency (>90%)
• Pin-selectable output voltages:
− 0.7V, 0.8V, 0.9V, 1.0V, 1.2V, 1.5V, 1.8V,
2.5V, and 3.3V
• ±1% output voltage accuracy
• Supports safe start-up with pre-biased output
• Pin-selectable current limit and switching frequency
• Internal soft-start and thermal shutdown protection
• Hiccup-mode short-circuit protection
• Available in a 20-pin 3mm × 3mm QFN package
• –40°C to +125°C junction temperature range
Applications
• Servers, data storage, routers, and base stations
• FPGAs, DSP, and low-voltage ASIC power
Typical Application
MIC24046-H 12VIN 5A DC-to-DC Converter


Similar Part No. - MIC24046-HYFL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC24046 MICREL-MIC24046 Datasheet
2Mb / 27P
   Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
logo
Microchip Technology
MIC24046 MICROCHIP-MIC24046 Datasheet
4Mb / 38P
   Pin-Programmable, 19V Input, 5A Step-Down Converter
Revision A (May 2022)
logo
Micrel Semiconductor
MIC24046YFL MICREL-MIC24046YFL Datasheet
2Mb / 27P
   Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
logo
Microchip Technology
MIC24046YFL-TR MICROCHIP-MIC24046YFL-TR Datasheet
4Mb / 38P
   Pin-Programmable, 19V Input, 5A Step-Down Converter
Revision A (May 2022)
More results

Similar Description - MIC24046-HYFL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC24046 MICREL-MIC24046 Datasheet
2Mb / 27P
   Pin-Programmable, 4.5V ??19V, 5A Step-Down Converter
logo
Microchip Technology
MIC24045 MICROCHIP-MIC24045 Datasheet
979Kb / 46P
   I2C Programmable, 4.5V-19V Input, 5A Step-Down Converter
07/14/15
MIC24046 MICROCHIP-MIC24046 Datasheet
4Mb / 38P
   Pin-Programmable, 19V Input, 5A Step-Down Converter
Revision A (May 2022)
logo
Richtek Technology Corp...
RT2825 RICHTEK-RT2825 Datasheet
434Kb / 22P
   4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter
May 2017
logo
Monolithic Power System...
MP4575 MPS-MP4575 Datasheet
1Mb / 22P
   5A, 4.5V - 55V Input, Frequency-Programmable, Fully Integrated, Synchronous, Step-Down Converter
logo
Texas Instruments
TPS54521 TI-TPS54521_15 Datasheet
1Mb / 41P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down Converter
TPS54521 TI1-TPS54521_17 Datasheet
1Mb / 41P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down Converter
TPS54521 TI-TPS54521_1 Datasheet
893Kb / 35P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521 Datasheet
1Mb / 33P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
logo
Monolithic Power System...
MP2380 MPS-MP2380 Datasheet
371Kb / 11P
   5A, 21V, 600KHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com