Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC45212-2YMP Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC45212-2YMP
Description  26V/14A DC-to-DC Power Module
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC45212-2YMP Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC45212-2YMP Datasheet HTML 4Page - Micrel Semiconductor MIC45212-2YMP Datasheet HTML 5Page - Micrel Semiconductor MIC45212-2YMP Datasheet HTML 6Page - Micrel Semiconductor MIC45212-2YMP Datasheet HTML 7Page - Micrel Semiconductor MIC45212-2YMP Datasheet HTML 8Page - Micrel Semiconductor MIC45212-2YMP Datasheet HTML 9Page - Micrel Semiconductor MIC45212-2YMP Datasheet HTML 10Page - Micrel Semiconductor MIC45212-2YMP Datasheet HTML 11Page - Micrel Semiconductor MIC45212-2YMP Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Micrel, Inc.
MIC45212
Typical Characteristics (Continued)
0
1
2
3
4
5
6
7
8
9
10
11
0
2
4
6
8
10
12
14
OUTPUT CURRENT (A)
IC Power Dissipation
vs. Output Current
VIN = 24V
f
SW = 600kHz
3.3V
OUT
2.5V
OUT
1.8V
OUT
1.5V
OUT
1.0V
OUT
0.8V
OUT
1.2V
OUT
5.0V
OUT
1.5
1.6
1.7
1.8
1.9
2.0
2.1
4.5
8.8
13.1
17.4
21.7
26.0
INPUT VOLTAGE (V)
Line Regulation
V
OUT = 1.8V
I
OUT = 14A
1.780
1.785
1.790
1.795
1.800
1.805
1.810
0
5
10
15
OUTPUT CURRENT (A)
Load Regulation
(MIC45212-1)
V
OUT = 1.8V
f
SW = 600kHz
March 5, 2015
8
Revision 1.1


Similar Part No. - MIC45212-2YMP

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC45212-2YMP MICREL-MIC45212-2YMP Datasheet
2Mb / 31P
   26V/14A DC-to-DC Power Module
More results

Similar Description - MIC45212-2YMP

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC45212 MICREL-MIC45212 Datasheet
2Mb / 31P
   26V/14A DC-to-DC Power Module
logo
Microchip Technology
MIC45212-1 MICROCHIP-MIC45212-1 Datasheet
1Mb / 37P
   26V, 14A DC-to-DC Power Module
10/25/17
logo
Micrel Semiconductor
MIC45208 MICREL-MIC45208 Datasheet
2Mb / 31P
   26V 10A DC-to-DC Power Module
MIC45208-1 MICREL-MIC45208-1 Datasheet
2Mb / 35P
   26V 10A DC-to-DC Power Module
MIC45205 MICREL-MIC45205 Datasheet
3Mb / 31P
   26V/6A DC-to-DC Power Module
logo
Microchip Technology
MIC45208-1 MICROCHIP-MIC45208-1 Datasheet
5Mb / 36P
   26V, 10A DC-to-DC Power Module
09/14/21
logo
Micrel Semiconductor
MIC45205 MICREL-MIC45205_15 Datasheet
2Mb / 35P
   26V/6A DC-to-DC Power Module
logo
Microchip Technology
MIC45205 MICROCHIP-MIC45205 Datasheet
3Mb / 40P
   26V/6A DC/DC Power Module
Revision B (May 2022)
logo
Micrel Semiconductor
MIC45116 MICREL-MIC45116 Datasheet
726Kb / 8P
   20V/6A/DC-to-DC Power Module
logo
List of Unclassifed Man...
EFRD-S257 ETC2-EFRD-S257 Datasheet
294Kb / 2P
   DC To DC 250W ERP1U Redundant Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com