Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29DW640D70ZA1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M29DW640D70ZA1
Description  FLASH NOR HIGH DENSITY & CONSUMER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW640D70ZA1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M29DW640D70ZA1 Datasheet HTML 3Page - STMicroelectronics M29DW640D70ZA1 Datasheet HTML 4Page - STMicroelectronics M29DW640D70ZA1 Datasheet HTML 5Page - STMicroelectronics M29DW640D70ZA1 Datasheet HTML 6Page - STMicroelectronics M29DW640D70ZA1 Datasheet HTML 7Page - STMicroelectronics M29DW640D70ZA1 Datasheet HTML 8Page - STMicroelectronics M29DW640D70ZA1 Datasheet HTML 9Page - STMicroelectronics M29DW640D70ZA1 Datasheet HTML 10Page - STMicroelectronics M29DW640D70ZA1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
page 7
www.st.com/flash
HD & Cons. Division - May, 2004
M29DW.ppt – release 1.0 –ptfl0402-504-
Main Features
M29DW640
Supply Voltage
Vcc = 2.7V to 3.6V for Program, Erase and Read
Vpp = 12V for fast Program (optional)
Programming Time
10µs per Byte/Word typical
4 word / 8Bytes at-a-time Program
Asynchronous Page Read Mode
Page Width 4 Words
Page Access 25,30ns
Random Access 70,90ns
64Mb (8Mbx8 / 4Mbx16), Page, Boot Block
Access Time
70, 90ns


Similar Part No. - M29DW640D70ZA1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW640D70ZA1 STMICROELECTRONICS-M29DW640D70ZA1 Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70ZA1E STMICROELECTRONICS-M29DW640D70ZA1E Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70ZA1F STMICROELECTRONICS-M29DW640D70ZA1F Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70ZA1T STMICROELECTRONICS-M29DW640D70ZA1T Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
More results

Similar Description - M29DW640D70ZA1

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25AC200G ACE-ACE25AC200G Datasheet
1Mb / 24P
   SPI NOR FLASH
VER 1.2
ACE25AC400GL ACE-ACE25AC400GL Datasheet
1Mb / 23P
   SPI NOR FLASH
VER 1.1
ACE25AC100G ACE-ACE25AC100G Datasheet
1Mb / 23P
   SPI NOR FLASH
VER 1.1
ACE25AC512G ACE-ACE25AC512G Datasheet
1Mb / 23P
   SPI NOR FLASH
VER 1.1
ACE25AC400NLX ACE-ACE25AC400NLX Datasheet
912Kb / 20P
   SPI NOR FLASH
VER 1.1
ACE25AC100NLX ACE-ACE25AC100NLX Datasheet
902Kb / 20P
   SPI NOR FLASH
VER 1.1
ACE25AC400G ACE-ACE25AC400G Datasheet
1Mb / 25P
   SPI NOR FLASH
VER 1.3
ACE25AC200GL ACE-ACE25AC200GL Datasheet
1Mb / 23P
   2M SPI NOR FLASH
VER 1.2
logo
Samsung semiconductor
K8A2815ETE SAMSUNG-K8A2815ETE Datasheet
984Kb / 51P
   128Mb E-die NOR FLASH
K8S1215ETC SAMSUNG-K8S1215ETC Datasheet
1Mb / 83P
   512Mb C-die NOR FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com