Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP3910 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 3 Page - Microchip Technology

  MCP3910 Datasheet HTML 1Page - Microchip Technology MCP3910 Datasheet HTML 2Page - Microchip Technology MCP3910 Datasheet HTML 3Page - Microchip Technology MCP3910 Datasheet HTML 4Page - Microchip Technology MCP3910 Datasheet HTML 5Page - Microchip Technology MCP3910 Datasheet HTML 6Page - Microchip Technology MCP3910 Datasheet HTML 7Page - Microchip Technology MCP3910 Datasheet HTML 8Page - Microchip Technology MCP3910 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 86 page
background image
 2012-2014 Microchip Technology Inc.
DS20005116B-page 3
MCP3910
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD..................................................................... -0.3V to 4.0V
Digital inputs and outputs w.r.t. AGND................--0.3V to 4.0V
Analog input w.r.t. AGND..................................... ....-2V to +2V
VREF input w.r.t. AGND............................... -0.6V to VDD +0.6V
Storage temperature .....................................-65°C to +150°C
Ambient temp. with power applied ................-65°C to +125°C
Soldering temperature of leads (10 seconds) ............. +300°C
ESD on the analog inputs (HBM,MM) ................. 4.0 kV, 200V
ESD on all other pins (HBM,MM) ........................4.0 kV, 200V
† Notice
: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at those or any other
conditions, above those indicated in the operational
listings of this specification, is not implied. Exposure to
maximum rating conditions for extended periods may
affect device reliability.
1.1
Electrical Specifications
TABLE 1-1:
ANALOG SPECIFICATIONS
Electrical Specifications:
Unless otherwise indicated, all parameters apply at AVDD = DVDD = 3V, MCLK = 4 MHz;
PRE<1:0> = 00; OSR = 256; GAIN = 1; VREFEXT = 0, CLKEXT = 1, DITHER<1:0> = 11; BOOST<1:0> = 10, VCM =0V;
TA = -40°C to +125°C (Note 1); VIN =1.2 VPP = -0.5 dBFS @ 50/60 Hz on all channels.
Characteristic
Sym.
Min.
Typ.
Max.
Units
Conditions
ADC Performance
Resolution
(No Missing Codes)
24
bits
OSR = 256 or greater
Sampling Frequency
fS(DMCLK)
1
4
MHz
For maximum condition,
BOOST<1:0> = 11
Output Data Rate
fD(DRCLK)
4
125
ksps
For maximum condition,
BOOST<1:0> = 11,
OSR = 32
Analog Input Absolute
Voltage on CHn+/-,
n between 0 and 1 pins
CHn+/-
-1
+1
V
All analog input channels,
measured to AGND
Analog Input
Leakage Current
IIN
+/-1
nA
RESET<1:0> = 11,
MCLK running continuously
Differential Input
Voltage Range
(CHn+-CHn-) -600/GAIN
+600/GAIN
mV
VREF = 1.2V,
proportional to VREF
Offset Error
VOS
-1
0.2
1
mV
Note 5
Offset Error Drift
0.5
µV/°C
Gain Error
GE
-4
+4
%
Note 5
Note
1:
All specifications are valid down to -45°C operation.
2:
This specification implies that the ADC output is valid over this entire differential range and that there is no distortion or
instability across this input range. Dynamic Performance specified at -0.5 dB below the maximum signal range,
VIN =1.2 VPP = 424 mVRMS, VREF = 1.2V @ 50/60 Hz. See Section 4.0 “Terminology And Formulas” for definition.
This parameter is established by characterization and not 100% tested.
3:
For these operating currents, the following configuration bit settings apply: SHUTDOWN<1:0> = 00, RESET<1:0> =
00
, VREFEXT = 0, CLKEXT = 0.
4:
For these operating currents, the following configuration bit settings apply: SHUTDOWN<1:0> = 11, VREFEXT = 1,
CLKEXT = 1.
5:
Applies to all gains. Offset and gain errors depend on PGA gain setting. See Section 2.0 “Typical Performance
Curves”
for typical performance.
6:
Outside this range, the ADC accuracy is not specified. An extended input range of +/-2V can be applied continuously to
the part, with no damage.
7:
For proper operation and for optimizing the ADC accuracy, AMCLK should be limited to the maximum frequency
defined in Table 5-2, as a function of the BOOST and PGA setting chosen. MCLK can take larger values as long as the
prescaler settings (PRE<1:0>) limit AMCLK = MCLK/PRESCALE within the defined range in Table 5-2.


Similar Part No. - MCP3910

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3910 MICROCHIP-MCP3910 Datasheet
6Mb / 90P
   3V Two-Channel Analog Front End
Revision D January 2020
MCP3910A1 MICROCHIP-MCP3910A1 Datasheet
6Mb / 90P
   3V Two-Channel Analog Front End
Revision D January 2020
MCP3910A1-E/ML MICROCHIP-MCP3910A1-E/ML Datasheet
6Mb / 90P
   3V Two-Channel Analog Front End
Revision D January 2020
MCP3910A1-E/SS MICROCHIP-MCP3910A1-E/SS Datasheet
6Mb / 90P
   3V Two-Channel Analog Front End
Revision D January 2020
MCP3910A1T-E/ML MICROCHIP-MCP3910A1T-E/ML Datasheet
6Mb / 90P
   3V Two-Channel Analog Front End
Revision D January 2020
More results

Similar Description - MCP3910

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3910 MICROCHIP-MCP3910_V01 Datasheet
6Mb / 90P
   3V Two-Channel Analog Front End
Revision D January 2020
MCP3901 MICROCHIP-MCP3901_10 Datasheet
1Mb / 60P
   Two-Channel Analog Front End
2010
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 60P
   Two Channel Analog Front End
2009
MCP3912 MICROCHIP-MCP3912 Datasheet
5Mb / 82P
   3V Four-Channel Analog Front End
03/25/14
MCP3913 MICROCHIP-MCP3913 Datasheet
2Mb / 82P
   3V Six-Channel Analog Front End
08/20/13
MCP3919 MICROCHIP-MCP3919 Datasheet
5Mb / 88P
   3V Three-Channel Analog Front End
03/25/14
MCP3918 MICROCHIP-MCP3918 Datasheet
6Mb / 88P
   3V Single-Channel Analog Front End
03/25/14
MCP3914 MICROCHIP-MCP3914 Datasheet
2Mb / 80P
   3V Eight-Channel Analog Front End
11/29/12
MCP3901 MICROCHIP-MCP3901_11 Datasheet
1Mb / 62P
   Two-Channel Analog Front End Portable Instrumentation
2011
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com