Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC400-2423Q0001KI1T Datasheet(PDF) 7 Page - Microchip Technology

Part # DSC400-2423Q0001KI1T
Description  Configurable Four Output, Low Jitter Crystal-less??Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC400-2423Q0001KI1T Datasheet(HTML) 7 Page - Microchip Technology

Back Button DSC400-2423Q0001KI1T Datasheet HTML 3Page - Microchip Technology DSC400-2423Q0001KI1T Datasheet HTML 4Page - Microchip Technology DSC400-2423Q0001KI1T Datasheet HTML 5Page - Microchip Technology DSC400-2423Q0001KI1T Datasheet HTML 6Page - Microchip Technology DSC400-2423Q0001KI1T Datasheet HTML 7Page - Microchip Technology DSC400-2423Q0001KI1T Datasheet HTML 8Page - Microchip Technology DSC400-2423Q0001KI1T Datasheet HTML 9Page - Microchip Technology DSC400-2423Q0001KI1T Datasheet HTML 10Page - Microchip Technology DSC400-2423Q0001KI1T Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
 2016 Microchip Technology Inc.
DS20005612A-page 7
DSC400
4.2
LVDS
FIGURE 4-2:
Typical LVDS Termination Scheme.
If the 100Ω clamping resistor does not exist inside the receiving device, it should be added externally on the PCB and
placed as close as possible to the receiver.
Note 1:
See the Output Waveform section for more information.
2:
The addition of IDDCORE and IDDIO provides the total current consumption of the device.
TABLE 4-2:
LVDS OUTPUTS
Parameter
Symbol
Min.
Typ.
Max.
Units
Condition
Output Offset
Voltage
VOS
1.125
1.4
V
R = 100Ω Differential
Delta Offset
Voltage
∆VOS
——
50
mV
Peak-to-Peak
Output Swing
VPP
350
mV
Single-Ended
Output
Transition Time
(Note 1)
tR
200
ps
Rise Time, 20% to 80%, RL= 50Ω,
CL= 2 pF
tF
200
Fall Time, 20% to 80%, RL= 50Ω,
CL= 2 pF
Frequency
f0
2.3
460
MHz
Single Frequency
Output Duty
Cycle
SYM
48
52
%
Differential
IO Supply
Current (Note 2)
IDDIO
9
12
mA
Per Output at 125 MHz.
Period Jitter
JPER
—2.5
psRMS
Integrated
Phase Noise
JPH
—0.28—
psRMS 200 kHz to 20 MHz @ 156.25 MHz
0.4
100 kHz to 20 MHz @ 156.25 MHz
1.7
2.0
12 kHz to 20 MHz @156.25 MHz
100 Ω
100 Ω
Load (receiver IC)


Similar Part No. - DSC400-2423Q0001KI1T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC400-2423Q0001KI1T MICREL-DSC400-2423Q0001KI1T Datasheet
456Kb / 15P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
More results

Similar Description - DSC400-2423Q0001KI1T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC400 MICREL-DSC400 Datasheet
456Kb / 15P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
logo
Microchip Technology
DSA400 MICROCHIP-DSA400 Datasheet
889Kb / 20P
   Configurable Four Output, Low Jitter Clock Generator for Automotive
02/28/20
logo
Micrel Semiconductor
DSC2311 MICREL-DSC2311 Datasheet
632Kb / 5P
   Crystal-less??Configurable Two Output Clock Generator
logo
Microchip Technology
DSC2311 MICROCHIP-DSC2311 Datasheet
228Kb / 18P
   Crystal-less??Configurable Two-Output Clock Generator
06/23/16
logo
Micrel Semiconductor
DSC2311KM1-R0036 MICREL-DSC2311KM1-R0036 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
DSC2011FI2-F0016 MICREL-DSC2011FI2-F0016 Datasheet
594Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0008 MICREL-DSC2010FE2-B0008 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0003 MICREL-DSC2010FE2-B0003 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2311KI2-R0045 MICREL-DSC2311KI2-R0045 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC2123FI2-E0024 MICROCHIP-DSC2123FI2-E0024 Datasheet
1Mb / 7P
   Crystal-less??Configurable Clock Generator
November 01, 2017 Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com