Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD90620HFP-TR Datasheet(PDF) 7 Page - Rohm

Part # BD90620HFP-TR
Description  1ch Step-Down Switching Regulator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD90620HFP-TR Datasheet(HTML) 7 Page - Rohm

Back Button BD90620HFP-TR Datasheet HTML 3Page - Rohm BD90620HFP-TR Datasheet HTML 4Page - Rohm BD90620HFP-TR Datasheet HTML 5Page - Rohm BD90620HFP-TR Datasheet HTML 6Page - Rohm BD90620HFP-TR Datasheet HTML 7Page - Rohm BD90620HFP-TR Datasheet HTML 8Page - Rohm BD90620HFP-TR Datasheet HTML 9Page - Rohm BD90620HFP-TR Datasheet HTML 10Page - Rohm BD90620HFP-TR Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
7/40
BD906xx-C series
TSZ02201-0T1T0AL00130-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
15.Sep.2015 Rev.005
Typical Performance Curves
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
5
10
15
20
25
30
35
40
Input Voltage : V
IN [V]
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
Input Voltage : V
IN [V]
Figure 1. Shutdown Circuit Current vs Input Voltage
Figure 2. Circuit Current vs Input Voltage
Figure 3. POWER MOSFET ON Resistance vs
Ambient Temperature
Figure 4. Switch Current Limit vs Input Voltage
From Top
BD90640HFP / EFJ-C
BD90620HFP / EFJ-C
BD90610EFJ-C
Ta = 25 °C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
5
10
15
20
25
30
35
40
Input Voltage : V
IN [V]
0.00
0.05
0.10
0.15
0.20
0.25
0.30
-40
-20
0
20
40
60
80
100 120
Ambient Temperature : Ta [
˚C]
From Top
V
IN = 3.5 V
V
IN = 13.2 V
From Top
Ta = 125 °C
Ta = 25 °C
Ta = -40 °C
From Top
Ta = 125 °C
Ta = 25 °C
Ta = -40 °C


Similar Part No. - BD90620HFP-TR

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD906 MOSPEC-BD906 Datasheet
143Kb / 3P
   POWER TRANSISTORS(15A,90W)
logo
Boca Semiconductor Corp...
BD906 BOCA-BD906 Datasheet
149Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD906 ISC-BD906 Datasheet
249Kb / 2P
   isc Silicon PNP Power Transistor
logo
Continental Device Indi...
BD906 CDIL-BD906 Datasheet
127Kb / 4P
   PLASTIC POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BD906 NJSEMI-BD906 Datasheet
133Kb / 2P
   Silicon PNP Power Transistor
More results

Similar Description - BD90620HFP-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9E151NUX ROHM-BD9E151NUX Datasheet
872Kb / 22P
   1ch Step-Down Switching Regulator
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com