Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD91501MUV-E2 Datasheet(PDF) 10 Page - Rohm

Part # BD91501MUV-E2
Description  Synchronous Buck Converter Integrated FET
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD91501MUV-E2 Datasheet(HTML) 10 Page - Rohm

Back Button BD91501MUV-E2 Datasheet HTML 6Page - Rohm BD91501MUV-E2 Datasheet HTML 7Page - Rohm BD91501MUV-E2 Datasheet HTML 8Page - Rohm BD91501MUV-E2 Datasheet HTML 9Page - Rohm BD91501MUV-E2 Datasheet HTML 10Page - Rohm BD91501MUV-E2 Datasheet HTML 11Page - Rohm BD91501MUV-E2 Datasheet HTML 12Page - Rohm BD91501MUV-E2 Datasheet HTML 13Page - Rohm BD91501MUV-E2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
www.rohm.com
TSZ02201-0J3J0A900260-1-2
©2012 ROHM Co., Ltd. All rights reserved.
10/22
31.Aug.2012 Rev.001
TSZ22111・15・001
BD91501MUV
Datasheet
●Operation
BD91501MUV is a synchronous Buck Converter that achieves faster transient response by employing current mode PWM
control system.
It utilizes switching operation in PWM (Pulse Width Modulation) mode for heavier load, while it utilizes
SLLM
TM (Simple Light Load Mode) operation for lighter load to improve efficiency.
○Synchronous rectifier
It does not require the power to be dissipated by a rectifier externally connected to a conventional DC/DC converter IC, and
its P.N junction shoot-through protection circuit limits the shoot-through current during operation, by which the power
dissipation of the set is reduced.
○Current mode PWM control
Synthesizes a PWM control signal with the inductor current feedback loop added to the voltage feedback. Offers fast
transient response with current mode control system. Improves output voltage drop of
load rapid change.
Figure.25 Transient response
・PWM (Pulse Width Modulation) control
The oscillation frequency for PWM is 1.65 MHz.
SET signal form OSC turns ON a highside MOS FET (while a lowside
MOS FET is turned OFF), and an inductor current IL increases.
The current comparator (Current Comp) receives two
signals, a current feedback control signal (SENSE: Voltage converted from IL) and a voltage feedback control signal (FB),
and issues a RESET signal if both input signals are identical to each other, and turns OFF the highside MOS FET (while a
lowside MOS FET is turned ON) for the rest of the fixed period.
The PWM control repeat this operation.
・SLLM
TM (Simple Light Load Mode) control
When the control mode is shifted from PWM for heavier load to the one for lighter load or vise versa, the switching pulse is
designed to turn OFF with the device held operated in normal PWM control loop, which allows linear operation without
voltage drop or deterioration in transient response during the mode switching from light load to heavy load or vise versa.
Although the PWM control loop continues to operate with a SET signal from OSC and a RESET signal from Current Comp,
it is so designed that the RESET signal is held issued if shifted to the light load mode, with which the switching is tuned
OFF and the switching pulses are thinned out under control.
Activating the switching intermittently reduces the switching
dissipation and improves the efficiency.
Load response IO=10mA→250mA
Transient response IO=250mA→10mA
Vo
0.5[V/DIV]
Io
100[mA/DIV]
Vo
0.5[V/DIV]
Io
100[mA/DIV]
Figure.26 Efficiency characteristics
Output current Io[A]
0.001
0.01
0.1
1
0
50
100
PWM
SLLM
①Improvements by
SLLM control


Similar Part No. - BD91501MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9150MUV ROHM-BD9150MUV Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV Datasheet
427Kb / 17P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV-E2 ROHM-BD9150MUV-E2 Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV-E2 ROHM-BD9150MUV-E2 Datasheet
427Kb / 17P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD91501MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD91361MUV-E2 ROHM-BD91361MUV-E2 Datasheet
1Mb / 23P
   Synchronous Buck Converter Integrated FET
BU90002GWXEVK-101 ROHM-BU90002GWXEVK-101 Datasheet
797Kb / 7P
   Synchronous Buck Converter Integrated FET
BD9328EFJ-LB ROHM-BD9328EFJ-LB Datasheet
1Mb / 22P
   Synchronous Buck Converter Integrated FET
BD9106FVM ROHM-BD9106FVM_12 Datasheet
2Mb / 42P
   Synchronous Buck Converter Integrated FET
BD9329AEFJ-LB ROHM-BD9329AEFJ-LB_15 Datasheet
1Mb / 22P
   Synchronous Buck Converter integrated FET
BD89630EFJ ROHM-BD89630EFJ_12 Datasheet
630Kb / 25P
   Synchronous Buck Converter integrated FET
BD9102FVM ROHM-BD9102FVM_13 Datasheet
2Mb / 29P
   Synchronous Buck Converter Integrated FET
BD9106FVM-LB ROHM-BD9106FVM-LB Datasheet
2Mb / 23P
   Synchronous Buck Converter Integrated FET
BD9109FVM-LB ROHM-BD9109FVM-LB Datasheet
2Mb / 23P
   Synchronous Buck Converter Integrated FET
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com