Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD91364BMUU Datasheet(PDF) 9 Page - Rohm

Part # BD91364BMUU
Description  5A Integrated MOSFET Single Synchronous Buck DC/DC Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD91364BMUU Datasheet(HTML) 9 Page - Rohm

Back Button BD91364BMUU Datasheet HTML 5Page - Rohm BD91364BMUU Datasheet HTML 6Page - Rohm BD91364BMUU Datasheet HTML 7Page - Rohm BD91364BMUU Datasheet HTML 8Page - Rohm BD91364BMUU Datasheet HTML 9Page - Rohm BD91364BMUU Datasheet HTML 10Page - Rohm BD91364BMUU Datasheet HTML 11Page - Rohm BD91364BMUU Datasheet HTML 12Page - Rohm BD91364BMUU Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Datasheet
Datasheet
9/27
TSZ02201-0J2J0AJ00930-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
27.Jul.2015 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BD91364BMUU
Typical Performance Curves
- continued
Figure 20. Output ground fault
100µs/div
VOUT
1.0V/div
PVCC=5V
VOUT=1.0V
L=0.47µH
SW pin
5.0V/div
Output
Current
5.0A/div


Similar Part No. - BD91364BMUU

ManufacturerPart #DatasheetDescription
logo
Rohm
BD91364AMUU ROHM-BD91364AMUU Datasheet
926Kb / 31P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD91364AMUU-ZE2 ROHM-BD91364AMUU-ZE2 Datasheet
926Kb / 31P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
More results

Similar Description - BD91364BMUU

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9E302EFJ ROHM-BD9E302EFJ Datasheet
2Mb / 44P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B400MUV ROHM-BD9B400MUV Datasheet
1Mb / 34P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD91364AMUU ROHM-BD91364AMUU Datasheet
926Kb / 31P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B500MUV ROHM-BD9B500MUV Datasheet
2Mb / 34P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
logo
Linear Technology
LTC3119 LINER-LTC3119 Datasheet
2Mb / 36P
   18V, 5A Synchronous Buck-Boost DC/DC Converter
LTC3119UFD LINER-LTC3119UFD Datasheet
657Kb / 8P
   18V, 5A Synchronous Buck-Boost DC/DC Converter
logo
Fitipower Integrated Te...
FR9809 FITIPOWER-FR9809 Datasheet
1Mb / 13P
   21V, 5A, 500KHz Synchronous PWM-Buck DC/DC Converter
logo
Rohm
BD9B100MUV ROHM-BD9B100MUV Datasheet
1Mb / 33P
   2.7V to 5.5V Input, 1.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9D322QWZ ROHM-BD9D322QWZ Datasheet
3Mb / 40P
   4.5V to 18V Input, 3.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BDF9A101MUV-LB ROHM-BDF9A101MUV-LB Datasheet
2Mb / 35P
   2.7V to 5.5V Input, 1A Integrated MOSFET Single Synchronous Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com