Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD90610HFP-C Datasheet(PDF) 6 Page - Rohm

Part # BD90610HFP-C
Description  1ch Step-Down Switching Regulator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD90610HFP-C Datasheet(HTML) 6 Page - Rohm

Back Button BD90610HFP-C Datasheet HTML 2Page - Rohm BD90610HFP-C Datasheet HTML 3Page - Rohm BD90610HFP-C Datasheet HTML 4Page - Rohm BD90610HFP-C Datasheet HTML 5Page - Rohm BD90610HFP-C Datasheet HTML 6Page - Rohm BD90610HFP-C Datasheet HTML 7Page - Rohm BD90610HFP-C Datasheet HTML 8Page - Rohm BD90610HFP-C Datasheet HTML 9Page - Rohm BD90610HFP-C Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6/40
BD906xx-C series
TSZ02201-0T1T0AL00130-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
15.Sep.2015 Rev.005
Electrical Characteristics (Unless otherwise specified, Ta = - 40 °C to +125 °C, VIN = 13.2 V, VEN / SYNC = 5 V)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Whole chip
Shutdown Circuit Current
ISDN
-
0
5
μA
VEN / SYNC = 0 V,
Ta < 105 °C
Circuit Current
IIN
-
2.2
3.3
mA
Io = 0 A, VFB = 2 V
SW Block
POWER MOSFET ON Resistance
RON
-
0.16
0.32
Ω
ISW = 30 mA
Operating Output
Switch Current Of
Overcurrent
Protection
(Note 1)
BD90640HFP / EFJ-C
ISWLIMIT40
4.0
6.4
-
A
BD90620HFP / EFJ-C
ISWLIMIT20
2.5
4.3
-
A
BD90610EFJ-C
ISWLIMIT10
1.25
2.20
-
A
Output Leak Current
IOLK
-
0
5
μA
VIN = 36 V,
VEN / SYNC = 0 V,
Ta < 105 °C
Error Amp Block
Reference Voltage 1
VREF1
0.792
0.800
0.808
V
VVC = VFB, Ta = 25 °C
Reference Voltage 2
VREF2
0.784
0.800
0.816
V
VVC = VFB
Reference Voltage Input
Regulation
ΔVREF
-
0.5
-
%
3.5
V ≤ VIN ≤ 36 V
Input Bias Current
IB
-1.0
-
+1.0
μA
VC Sink Current
IVCSINK
-76.5
-54.0
-31.5
μA
VVC = 1.25 V,
VFB = 1.3 V
VC Source Current
IVCSOURCE
31.5
54.0
76.5
μA
VVC = 1.25 V,
VFB = 0.3 V
Trans Conductance
GEA
135
270
540
μA / V
IVC = ±10 μA,
VVC = 1.25 V
Soft Start Time
TSS
1.13
1.38
1.63
ms
RRT = 27 kΩ
Current Sense Part
Trans Conductance
GCS
-
5.2
-
A / V
OSC Block
Switching Frequency
fSW
450
500
550
kHz
RRT = 27 kΩ
Frequency Input Regulation
ΔfSW
-
1
-
%
3.5
V ≤ VIN ≤ 36 V
Enable / Sync Input Block
Threshold Voltage
VEN / SYNC
0.8
1.9
2.6
V
SYNC Current
IEN / SYNC
-
23
50
μA
VEN / SYNC = 5 V
UVLO
UVLO ON Mode Voltage
VUVLO_ON
-
3.24
3.50
V
UVLO OFF Mode Voltage
VUVLO_OFF
-
3.52
3.90
V
UVLO Hysteresis
VUVLO_HYS
-
280
-
mV
(Note 1) The Limit include output DC current and output ripple current.


Similar Part No. - BD90610HFP-C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD906 MOSPEC-BD906 Datasheet
143Kb / 3P
   POWER TRANSISTORS(15A,90W)
logo
Boca Semiconductor Corp...
BD906 BOCA-BD906 Datasheet
149Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD906 ISC-BD906 Datasheet
249Kb / 2P
   isc Silicon PNP Power Transistor
logo
Continental Device Indi...
BD906 CDIL-BD906 Datasheet
127Kb / 4P
   PLASTIC POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BD906 NJSEMI-BD906 Datasheet
133Kb / 2P
   Silicon PNP Power Transistor
More results

Similar Description - BD90610HFP-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9E151NUX ROHM-BD9E151NUX Datasheet
872Kb / 22P
   1ch Step-Down Switching Regulator
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com