Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD90521EFV-CE2 Datasheet(PDF) 6 Page - Rohm

Part # BD90521EFV-CE2
Description  Synchronous Step-Down Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD90521EFV-CE2 Datasheet(HTML) 6 Page - Rohm

Back Button BD90521EFV-CE2 Datasheet HTML 2Page - Rohm BD90521EFV-CE2 Datasheet HTML 3Page - Rohm BD90521EFV-CE2 Datasheet HTML 4Page - Rohm BD90521EFV-CE2 Datasheet HTML 5Page - Rohm BD90521EFV-CE2 Datasheet HTML 6Page - Rohm BD90521EFV-CE2 Datasheet HTML 7Page - Rohm BD90521EFV-CE2 Datasheet HTML 8Page - Rohm BD90521EFV-CE2 Datasheet HTML 9Page - Rohm BD90521EFV-CE2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Datasheet
Datasheet
6/38
TSZ02201-0J3J0AL01130-1-2
21.Apr.2016 Rev.001
BD90521MUV-C / BD90521EFV-C
© 2016 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111 • 15 • 001
Absolute Maximum Ratings (Ta = 25°C)
Parameter
Symbol
Rating
Unit
Supply Voltage
VIN, PVIN
-0.3 to 7
V
EN Pin Voltage
VEN
-0.3 to 7
V
SYNC Pin Voltage
VSYNC
-0.3 to VIN
V
SEL Pin Voltage
VSEL
-0.3 to 7
V
FB Pin Voltage
VFB
-0.3 to VIN
V
COMP Pin Voltage
VCOMP
-0.3 to VIN
V
SS Pin Voltage
VSS
-0.3 to VIN
V
RT Pin Voltage
VRT
-0.3 to VIN
V
PGOOD Pin Voltage
VPGOOD
-0.3 to 7
V
Maximum Junction Temperature
Tjmax
+150
°C
Storage Temperature Range
Tstg
-55 to +150
°C
ESD Rating (HBM)
VESD, HBM
±2000
V
Caution:
Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Thermal Resistance(Note 1)
項目
Symbol
Thermal Resistance (Typ)
Unit
1s(Note 3)
2s2p(Note 4)
VQFN20SV4040
Junction to Ambient
θJA
153.9
37.4
°C / W
Junction to Top Characterization Parameter(Note 2)
ΨJT
13
7
°C / W
HTSSOP-B20
Junction to Ambient
θJA
143.0
26.8
°C / W
Junction to Top Characterization Parameter(Note 2)
ΨJT
8
4
°C / W
(Note 1) Based on JESD51-2A(Still-Air)
(Note 2) The thermal characterization parameter to report the difference between junction temperature and the temperature at the top center of the outside surface
of the component package.
(Note 3) Using a PCB board based on JESD51-3.
Layer Number of
Measurement Board
Material
Board Size
Single
FR-4
114.3mm x 76.2mm x 1.57mmt
Top
Copper Pattern
Thickness
Footprints and Traces
70μm
(Note 4) Using a PCB board based on JESD51-5,7.
Layer Number of
Measurement Board
Material
Board Size
Thermal Via (Note 5)
Pitch
Diameter
4 Layers
FR-4
114.3mm x 76.2mm x 1.6mmt
1.20mm
Φ0.30mm
Top
2 Internal Layers
Bottom
Copper Pattern
Thickness
Copper Pattern
Thickness
Copper Pattern
Thickness
Footprints and Traces
70
μm
74.2mm x 74.2mm
35
μm
74.2mm x 74.2mm
70
μm
(Note 5) This thermal via connects with the copper pattern of all layers.


Similar Part No. - BD90521EFV-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD90522EFJ-C ROHM-BD90522EFJ-C Datasheet
901Kb / 23P
   2.69 to 5.5V, Fixed Output, 2.25MHz Synchronous Step-Down Converter
BD90525EFJ-C ROHM-BD90525EFJ-C Datasheet
901Kb / 23P
   2.69 to 5.5V, Fixed Output, 2.25MHz Synchronous Step-Down Converter
BD90528EFJ-C ROHM-BD90528EFJ-C Datasheet
901Kb / 23P
   2.69 to 5.5V, Fixed Output, 2.25MHz Synchronous Step-Down Converter
More results

Similar Description - BD90521EFV-CE2

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3506QA UNIONSEMI-UM3506QA Datasheet
369Kb / 9P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
   Synchronous Step-Down Converter
RT2875A RICHTEK-RT2875A Datasheet
295Kb / 16P
   Synchronous Step-Down Converter
RT7249 RICHTEK-RT7249 Datasheet
275Kb / 17P
   Synchronous Step-Down Converter
logo
Rohm
BD90541MUV-C ROHM-BD90541MUV-C Datasheet
2Mb / 40P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2856 RICHTEK-RT2856 Datasheet
308Kb / 19P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS548D22 TI1-TPS548D22 Datasheet
304Kb / 10P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM3413D HMSEMI-HM3413D Datasheet
1Mb / 14P
   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com