Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD90521MUV-C Datasheet(PDF) 1 Page - Rohm

Part # BD90521MUV-C
Description  Synchronous Step-Down Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD90521MUV-C Datasheet(HTML) 1 Page - Rohm

  BD90521MUV-C Datasheet HTML 1Page - Rohm BD90521MUV-C Datasheet HTML 2Page - Rohm BD90521MUV-C Datasheet HTML 3Page - Rohm BD90521MUV-C Datasheet HTML 4Page - Rohm BD90521MUV-C Datasheet HTML 5Page - Rohm BD90521MUV-C Datasheet HTML 6Page - Rohm BD90521MUV-C Datasheet HTML 7Page - Rohm BD90521MUV-C Datasheet HTML 8Page - Rohm BD90521MUV-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
.
1/38
TSZ02201-0J3J0AL01130-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
21.Apr.2016 Rev.001
TSZ22111 • 14 • 001
www.rohm.com
Secondary power supply series for automotive
2.6V to 5.5V, 2A, 0.3MHz to 2.4MHz
Synchronous Step-Down Converter
BD90521MUV-C / BD90521EFV-C
General Description
The BD90521MUV/EFV -C is a synchronous step-down
converter which operates in current mode. It can operate
with maximum frequency of 2.4 MHz, and can downsize
external parts such as inductor. It can supply a maximum
output current of 2A with built-in Pch and Nch output
MOSFET. Output voltage and oscillation frequency can
be adjusted by external resistors and can also be
synchronized with an external clock.
Features
AEC-Q100 Qualified (Note 1)
Up to 2.4MHz movement
Excellent Load Response by Current Mode Control
Built-in Pch/Nch Output MOSFET.
Frequency Synchronization with External Clock.
Output Error Monitor Terminal (PGOOD Terminal)
Adjustable Output Voltage and Oscillation Frequency
by External Resistors.
Built-in Self-Reset Type Overcurrent Protection.
Built-in Output Overvoltage/Short Circuit Detection.
Built-in Temperature Protection (TSD) and UVLO.
(Note 1: Grade 1)
Applications
Automotive Battery-Powered Supplies
(Cluster Panels, Car Multimedia)
Industrial / Consumer Supplies
Other electronic equipment
Key Specifications
Operating Temperature Range(Ta): -40°C to +125°C
Input Voltage Range:
2.6V to 5.5V
Output Current:
2.0A(Max)
Reference Voltage Accuracy:
±1.5 %
Output Voltage Range:
0.6V to 5.0V
Switching Frequency:
0.3MHz to 2.4MHz
Package
W(Typ) x D(Typ) x H(Max)
VQFP20SV4040
4.00mm x 4.00mm x 1.00mm
HTSSOP-B20
6.50mm x 6.40mm x 1.00mm
Typical Application Circuit
VQFN20SV4040
HTSSOP-B20
Datasheet


Similar Part No. - BD90521MUV-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD90522EFJ-C ROHM-BD90522EFJ-C Datasheet
901Kb / 23P
   2.69 to 5.5V, Fixed Output, 2.25MHz Synchronous Step-Down Converter
BD90525EFJ-C ROHM-BD90525EFJ-C Datasheet
901Kb / 23P
   2.69 to 5.5V, Fixed Output, 2.25MHz Synchronous Step-Down Converter
BD90528EFJ-C ROHM-BD90528EFJ-C Datasheet
901Kb / 23P
   2.69 to 5.5V, Fixed Output, 2.25MHz Synchronous Step-Down Converter
More results

Similar Description - BD90521MUV-C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3506QA UNIONSEMI-UM3506QA Datasheet
369Kb / 9P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
   Synchronous Step-Down Converter
RT2875A RICHTEK-RT2875A Datasheet
295Kb / 16P
   Synchronous Step-Down Converter
RT7249 RICHTEK-RT7249 Datasheet
275Kb / 17P
   Synchronous Step-Down Converter
logo
Rohm
BD90541MUV-C ROHM-BD90541MUV-C Datasheet
2Mb / 40P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2856 RICHTEK-RT2856 Datasheet
308Kb / 19P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS548D22 TI1-TPS548D22 Datasheet
304Kb / 10P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM3413D HMSEMI-HM3413D Datasheet
1Mb / 14P
   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com