Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD49101AEFS-ME2 Datasheet(PDF) 4 Page - Rohm

Part # BD49101AEFS-ME2
Description  Multi-channel Power Supply IC for Car Audio Systems
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD49101AEFS-ME2 Datasheet(HTML) 4 Page - Rohm

  BD49101AEFS-ME2 Datasheet HTML 1Page - Rohm BD49101AEFS-ME2 Datasheet HTML 2Page - Rohm BD49101AEFS-ME2 Datasheet HTML 3Page - Rohm BD49101AEFS-ME2 Datasheet HTML 4Page - Rohm BD49101AEFS-ME2 Datasheet HTML 5Page - Rohm BD49101AEFS-ME2 Datasheet HTML 6Page - Rohm BD49101AEFS-ME2 Datasheet HTML 7Page - Rohm BD49101AEFS-ME2 Datasheet HTML 8Page - Rohm BD49101AEFS-ME2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
4/41
TSZ02201-0V3V0AP00060-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
23.Jun.2016 Rev.002
www.rohm.com
TSZ22111・15・001
BD49101AEFS-M
Description of Blocks
・DCDC2
– STBREG Switch Function
The ECO input is used to switch between operating mode and low power standby mode.
(This function is for a 3.3V I/O microcomputer because of the 3.3V fixed STBREG output)
The function of the ECO input is as follows:
ECO = H
– Normal Operating Mode
(DCDC2 operating).
ECO = L
– Low Power Standby Mode
(STBREG operating).
・Sequence of VIN0 start up, Low Power Standby mode
Figure 3. Timing Chart of VIN0 start up, Low Power Standby Mode
When BD49101AEFS starts up, it starts in the normal operation mode (DCDC2 operation), independent of ECO
setting. An internal regulator, the reference voltage circuit, and the OSC circuit start up when the voltage of the
BCAP pin exceeds low voltage protection release voltage (4.7V).
Following the first access to the I
2C interface, the ECO input is able to control the operating mode (normal or low
power standby).
ECO must be set to the desired operating mode prior to accessing the I
2C interface for the first
time.
The conditions of independent of ECO setting is shown below.
Input power supply for VIN0 at the first time
BCAP voltage becomes under 4.5V
DCDC2 detects over current and DCDC2 restarts
At each condition ECO setting become effective after you send I
2C command and receive ACK.
DCDC2
VIN0
BCAP
ECO
REG1
4.7V
Soft start
Max 5ms
SCL
SDA
DCDC2/
STBREG
=VIN1
BSENS
EN
STBREG
1.25V
1.25V
ACK
A
Slave Address
DCDC2
STBREG
8.3V


Similar Part No. - BD49101AEFS-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD49101AEFS-M ROHM-BD49101AEFS-M Datasheet
1Mb / 44P
   1 High Side Switch channel
More results

Similar Description - BD49101AEFS-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD49101ARFS-M ROHM-BD49101ARFS-M Datasheet
2Mb / 45P
   Multi-channel Power Supply IC for Car Audio Systems
logo
Sanyo Semicon Device
LV5696P SANYO-LV5696P Datasheet
190Kb / 14P
   For Car Audio Systems Multi-Power Supply IC
LV5684PVD SANYO-LV5684PVD Datasheet
208Kb / 12P
   For Car Audio Systems Multi-Power Supply IC
LV5686PVC SANYO-LV5686PVC Datasheet
186Kb / 14P
   For Car Audio Systems Multi-Power Supply IC
logo
ON Semiconductor
LV5684PVD ONSEMI-LV5684PVD Datasheet
256Kb / 12P
   Multi-Power Supply IC for Car Audio Systems
August, 2013
LV5686PVC ONSEMI-LV5686PVC Datasheet
188Kb / 14P
   Multi-Power Supply IC for Car Audio Systems
August, 2013
LV56841PVD ONSEMI-LV56841PVD Datasheet
331Kb / 15P
   For Car Audio Systems Multi-Power Supply IC
August, 2014
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
   Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com