Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9325FJ-LBE2 Datasheet(PDF) 10 Page - Rohm

Part # BD9325FJ-LBE2
Description  Buck Converter with Integrated FET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9325FJ-LBE2 Datasheet(HTML) 10 Page - Rohm

Back Button BD9325FJ-LBE2 Datasheet HTML 6Page - Rohm BD9325FJ-LBE2 Datasheet HTML 7Page - Rohm BD9325FJ-LBE2 Datasheet HTML 8Page - Rohm BD9325FJ-LBE2 Datasheet HTML 9Page - Rohm BD9325FJ-LBE2 Datasheet HTML 10Page - Rohm BD9325FJ-LBE2 Datasheet HTML 11Page - Rohm BD9325FJ-LBE2 Datasheet HTML 12Page - Rohm BD9325FJ-LBE2 Datasheet HTML 13Page - Rohm BD9325FJ-LBE2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
BD9325FJ-LB
BD9326EFJ-LB
BD9327EFJ-LB
(a) Choosing Phase Compensation Resistor R3
Please decide the compensation resistor R3 by following the formula below.
Compensation Resister
Where
COUT is the Output capacitor connected to DC/DC output
VOUT is the Output voltage
fC is the Desired cross over frequency (38kHz)
The larger value of R3, value of fc increases (response better and stability worse).
The smaller value of R3, value of fc decreases (response worse and stability better).
(b) Choosing Phase Compensation Capacitor C1
The phase delay which is from output LC filter, needs to be cancelled to stabilize the DC/DC converter, this is
done by inserting the phase lead.
The phase lead can be added by the zero introduced by the compensation resistor and capacitor.
The LC resonant frequency FLC and the zero on compensation resistor and capacitor are expressed below.
LC Resonant Frequency
Zero C1 and R3
Please choose C1 to make fZ to 1 / 3 of fLC .
Compensation Capacitor
(c) The Condition of the Loop Compensation Stability
The stability of the DC/DC converter is important. To ensure the operating stability, please check the loop
compensation if it has enough phase-margin. For the condition of loop compensation stability, the phase-lag must
be less than 150 degrees when gain is 0 dB. Namely over 30 degrees phase-margin is needed.
Lastly, after the calculation above, find measures to adjust the phase-margin to more than 30 degrees.
Figure 20
Figure 21
(3) Design of Feedback Resistance Constant
Set the feedback resistance as shown below.
Reference Voltage
[V]
Figure 22
PHASE MARGIN
-180°
-90°
-180
-90
0
0
A
(a)
GBW(b)
F
F
Gain [dB]
PHASE
FC
VOUT
R1
R2
C1
COMP
R3
FB
[ ]
Z
OUT
LC
H
LC
f
π
2
1
=
[ ]
Z
Z
H
R
C
f
3
1
2
1
π
=
[ ]
F
R
f
C
LC
3
2
3
1
π
=
×
+
=
2
2
1
R
R
R
V
OUT
Phase Margin
VOUT
R1
R2
ERR
Reference Voltage
FB
[ ]
×
×
×
=
OUT
OUT
V
fc
C
R
5800
3
10/19
09.Sep.2014 Rev.003
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0323AAJ00440-1-2


Similar Part No. - BD9325FJ-LBE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9325FJ-E2 ROHM-BD9325FJ-E2 Datasheet
464Kb / 15P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9325FJ-E2 ROHM-BD9325FJ-E2 Datasheet
1Mb / 23P
   Buck Converter with Integrated FET
More results

Similar Description - BD9325FJ-LBE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9325FJ ROHM-BD9325FJ_14 Datasheet
1Mb / 23P
   Buck Converter with Integrated FET
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
BD8967FVM ROHM-BD8967FVM_15 Datasheet
745Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9122GUL ROHM-BD9122GUL_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9134MUV ROHM-BD9134MUV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD8961NV ROHM-BD8961NV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9106FVM ROHM-BD9106FVM_14 Datasheet
3Mb / 50P
   Synchronous Buck Converter with Integrated FET
BD9123MUV ROHM-BD9123MUV_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
BD9137MUV ROHM-BD9137MUV_14 Datasheet
2Mb / 26P
   Synchronous Buck Converter with Integrated FET
BD8964FVM ROHM-BD8964FVM_15 Datasheet
795Kb / 25P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com