Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9227F Datasheet(PDF) 1 Page - Rohm

Part # BD9227F
Description  PWM Buck Converter Integrated FET
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9227F Datasheet(HTML) 1 Page - Rohm

  BD9227F Datasheet HTML 1Page - Rohm BD9227F Datasheet HTML 2Page - Rohm BD9227F Datasheet HTML 3Page - Rohm BD9227F Datasheet HTML 4Page - Rohm BD9227F Datasheet HTML 5Page - Rohm BD9227F Datasheet HTML 6Page - Rohm BD9227F Datasheet HTML 7Page - Rohm BD9227F Datasheet HTML 8Page - Rohm BD9227F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product is not designed for protection against radioactive rays
.
1/25
TSZ02201-0252AAJ00010-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
8.Jun.2016 Rev.001
TSZ22111
・14・001
www.rohm.com
6V to 20V, 1A 1ch
PWM Buck Converter Integrated FET
BD9227F
General Description
The BD9227F is a 20V, 1A non-synchronous PWM duty
control buck converter with integrated internal high-side
20V Power MOSFET. Operating frequency is 1.0MHz
fixed by inner circuit. Current mode control with internal
slope compensation simplifies the external compensation
calculation and reduces component count while allowing
the
use
of
ceramic
output
capacitors.
Additional
protection features are included such as Over Current
Protection, Thermal Shutdown and Under Voltage
Lockout. The under voltage lockout and hysteresis can
be set by external resistor. The BD9227F is available in
SOP8.
Features
■ Wide Operating Input Range 6V to 20V
■ 20V/20
0mΩ Internal Power MOSFET
1.0MHz Fixed Operating Frequency
Current Mode
Over Current Hiccup Period Protection
Under Voltage Locked Out(UVLO), Over Voltage
Protection(OVP), Thermal Shut Down(TSD)
Available in SOP8 Package.
Key Specifications
Input Voltage Range:
6V to 20 V
Ref. Precision: PWM=H: ±2.0 %(±1.0 %@Ta=25°C)
Max Output Current:
1A (Max.)
Switching Frequency:
1.0MHz (Typ.)
Operating Temperature Range:
-40
℃ to +85°C
Packages
W(Typ) x D(Typ) x H(Max)
SOP8
5.00mm x 6.20mm x 1.71mm
Applications
Home Appliance
VM Motor
Typical Application Circuits
NON
PWM
FB
COMP
BD9227F
VB
VCC
LX
GND
VCC
PWM
CVCC:
10uF
CVB:
0.1uF
CNON:
1uF
VOUT
D1
L1:10uH
COUT:
10uF
R1:
110k
R2:
10k
C2:
1.5nF
R3:
33k
Figure 1. Typical Application Circuit
SOP8
Datasheet


Similar Part No. - BD9227F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9221F ROHM-BD9221F Datasheet
111Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD9227F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD91361MUV-E2 ROHM-BD91361MUV-E2 Datasheet
1Mb / 23P
   Synchronous Buck Converter Integrated FET
BD9G341AEFJ-LB ROHM-BD9G341AEFJ-LB Datasheet
2Mb / 30P
   1ch Buck Converter Integrated FET
BD9325FJ-LB ROHM-BD9325FJ-LB Datasheet
1Mb / 23P
   Buck Converter with Integrated FET
BU90002GWXEVK-101 ROHM-BU90002GWXEVK-101 Datasheet
797Kb / 7P
   Synchronous Buck Converter Integrated FET
BD9328EFJ-LB ROHM-BD9328EFJ-LB Datasheet
1Mb / 22P
   Synchronous Buck Converter Integrated FET
BD9106FVM ROHM-BD9106FVM_12 Datasheet
2Mb / 42P
   Synchronous Buck Converter Integrated FET
BD89630EFJ ROHM-BD89630EFJ_12 Datasheet
630Kb / 25P
   Synchronous Buck Converter integrated FET
BD9102FVM ROHM-BD9102FVM_13 Datasheet
2Mb / 29P
   Synchronous Buck Converter Integrated FET
BD91501MUV ROHM-BD91501MUV Datasheet
570Kb / 26P
   Synchronous Buck Converter Integrated FET
BD9106FVM-LB ROHM-BD9106FVM-LB Datasheet
2Mb / 23P
   Synchronous Buck Converter Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com