Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9132MUV Datasheet(PDF) 7 Page - Rohm

Part # BD9132MUV
Description  Synchronous Buck Converter with Integrated FET
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9132MUV Datasheet(HTML) 7 Page - Rohm

Back Button BD9132MUV Datasheet HTML 3Page - Rohm BD9132MUV Datasheet HTML 4Page - Rohm BD9132MUV Datasheet HTML 5Page - Rohm BD9132MUV Datasheet HTML 6Page - Rohm BD9132MUV Datasheet HTML 7Page - Rohm BD9132MUV Datasheet HTML 8Page - Rohm BD9132MUV Datasheet HTML 9Page - Rohm BD9132MUV Datasheet HTML 10Page - Rohm BD9132MUV Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7/22
TSZ02201-0J3J0AJ00140-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
03.Oct.2014 Rev.002
www.rohm.com
TSZ22111・15・001
BD9132MUV
Typical Waveforms - continued
Figure 18. Transient Response
(Io=3A to 1A, 10µs)
VCC=5V
Ta=25°C
[VOUT=1.2V]
Figure 17. Transient Response
(Io=1A to 3A, 10µs)
VCC=5V
Ta=25°C
[VOUT=1.2V]
VOUT
IOUT
Figure 16. SW Waveform
(Io=3A)
VOUT
VCC=5V
Ta=25°C
VOUT=1.2V]
[PWM
SW


Similar Part No. - BD9132MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9132MUV ROHM-BD9132MUV Datasheet
525Kb / 17P
   Output 2A or More High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9132MUV ROHM-BD9132MUV Datasheet
970Kb / 20P
   2.7V to 5.5V, 3.0A 1ch Synchronous Buck Converter integrated FET
BD9132MUV ROHM-BD9132MUV_12 Datasheet
970Kb / 20P
   2.7V to 5.5V, 3.0A 1ch Synchronous Buck Converter integrated FET
More results

Similar Description - BD9132MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
BD8967FVM ROHM-BD8967FVM_15 Datasheet
745Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9122GUL ROHM-BD9122GUL_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9134MUV ROHM-BD9134MUV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD8961NV ROHM-BD8961NV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9106FVM ROHM-BD9106FVM_14 Datasheet
3Mb / 50P
   Synchronous Buck Converter with Integrated FET
BD9123MUV ROHM-BD9123MUV_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
BD9137MUV ROHM-BD9137MUV_14 Datasheet
2Mb / 26P
   Synchronous Buck Converter with Integrated FET
BD8964FVM ROHM-BD8964FVM_15 Datasheet
795Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9141MUV ROHM-BD9141MUV_15 Datasheet
958Kb / 26P
   Synchronous Buck Converter with Integrated FET
BD91361MUV ROHM-BD91361MUV_14 Datasheet
2Mb / 27P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com