Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9106HFN-E2 Datasheet(PDF) 1 Page - Rohm

Part # BD9106HFN-E2
Description  Synchronous Buck Converter with Integrated FET
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9106HFN-E2 Datasheet(HTML) 1 Page - Rohm

  BD9106HFN-E2 Datasheet HTML 1Page - Rohm BD9106HFN-E2 Datasheet HTML 2Page - Rohm BD9106HFN-E2 Datasheet HTML 3Page - Rohm BD9106HFN-E2 Datasheet HTML 4Page - Rohm BD9106HFN-E2 Datasheet HTML 5Page - Rohm BD9106HFN-E2 Datasheet HTML 6Page - Rohm BD9106HFN-E2 Datasheet HTML 7Page - Rohm BD9106HFN-E2 Datasheet HTML 8Page - Rohm BD9106HFN-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
○Product structure:Silicon monolithic integrated circuit ○ This product has no designed protection against radioactive rays
1/46
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
TSZ02201-0J3J0AJ00090-1-2
02.Oct.2014 Rev.003
Synchronous Buck Converter with
Integrated FET
BD9106FVM BD9107FVM BD9109FVM BD9110NV BD9120HFN
General Description
The
(BD9106FVM,
BD9107FVM,
BD9109FVM,
BD9110NV,
and
BD9120HFN
) are ROHM’s high
efficiency step-down switching regulators designed to
produce a voltage as low as 1V from a supply voltage of
3.3V or 5.0V. It offers high efficiency by using
synchronous switches and provides fast transient
response to sudden load changes by implementing
current mode control.
Features
 Fast Transient Response because of Current Mode
Control System
 High Efficiency for All Load Ranges because of
Synchronous Switches (Nch and Pch FET) and
SLLMTM (Simple Light Load Mode)
 Soft-Start Function
 Thermal Shutdown and ULVO Functions
 Short-Circuit Protection with Time Delay Function
 Shutdown Function
Application
Power Supply for LSI including DSP, Microcomputer
and ASIC
Typical Application Circuit
Key Specifications
 Input Voltage Range
BD9120HFN:
2.7V to 4.5V
BD9106FVM, BD9107FVM:
4.0V to 5.5V
BD9109FVM, BD9110NV:
4.5V to 5.5V
 Output Voltage Range
BD9109FVM:
3.30V ± 2%
BD9120HFN:
1.0V to 1.5V
BD9107FVM:
1.0V to 1.8V
BD9106FVM, BD9110NV:
1.0V to 2.5V
 Output Current
BD9106FVM, BD9109FVM,
BD9120HFN:
0.8A(Max)
BD9107FVM:
1.2A(Max)
BD9110NV:
2.0A(Max)
 Switching Frequency:
1MHz(Typ)
 FET ON-Resistance
Pch(Typ)/Nch(Typ)
BD9110NV:
200m
Ω
/ 150mΩ
BD9106FVM, BD9107FVM:
350m
Ω / 250mΩ
BD9120HFN, BD9109FVM:
350m
Ω / 250mΩ
 Standby Current:
0
μA(Typ)
 Operating Temperature Range
BD9110NV:
-25°C to +105°C
BD9120HFN, BD9106FVM:
-25°C to +85°C
BD9107FVM, BD9109FVM:
-25°C to +85°C
Packages
W(Typ) x D(Typ) x H(Max)
Figure 1. Typical Application Circuit
HSON8
2.90mm x 3.00mm x 0.60mm
MSOP8
2.90mm x 4.00mm x 0.90mm
SON008V5060
5.00mm x 6.00mm x 1.00mm
GND,PGND
SW
VCC,PVCC
EN
VOUT
ITH
VCC
CIN
RITH
CITH
L
CO
R2
VOUT
R1
Datasheet


Similar Part No. - BD9106HFN-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9106FVM ROHM-BD9106FVM Datasheet
309Kb / 5P
   1ch DC/DC Converter Controller IC built in synchronous rectifier
BD9106FVM ROHM-BD9106FVM Datasheet
651Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulators with Built-in Power MOSFET
BD9106FVM ROHM-BD9106FVM Datasheet
672Kb / 29P
   High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
BD9106FVM ROHM-BD9106FVM Datasheet
1Mb / 29P
   4.0V(or 4.5V) to 5.5V, 0.8A 1ch Synchronous Buck Converter Integrated FET
BD9106FVM ROHM-BD9106FVM Datasheet
2Mb / 42P
   Synchronous Buck Converter Integrated FET
More results

Similar Description - BD9106HFN-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
BD8967FVM ROHM-BD8967FVM_15 Datasheet
745Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9122GUL ROHM-BD9122GUL_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9134MUV ROHM-BD9134MUV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD8961NV ROHM-BD8961NV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9123MUV ROHM-BD9123MUV_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
BD9137MUV ROHM-BD9137MUV_14 Datasheet
2Mb / 26P
   Synchronous Buck Converter with Integrated FET
BD8964FVM ROHM-BD8964FVM_15 Datasheet
795Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9141MUV ROHM-BD9141MUV_15 Datasheet
958Kb / 26P
   Synchronous Buck Converter with Integrated FET
BD91361MUV ROHM-BD91361MUV_14 Datasheet
2Mb / 27P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com