Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9130NV Datasheet(PDF) 9 Page - Rohm

Part # BD9130NV
Description  Synchronous Buck Converter with Integrated FET
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9130NV Datasheet(HTML) 9 Page - Rohm

Back Button BD9130NV_14 Datasheet HTML 5Page - Rohm BD9130NV_14 Datasheet HTML 6Page - Rohm BD9130NV_14 Datasheet HTML 7Page - Rohm BD9130NV_14 Datasheet HTML 8Page - Rohm BD9130NV_14 Datasheet HTML 9Page - Rohm BD9130NV_14 Datasheet HTML 10Page - Rohm BD9130NV_14 Datasheet HTML 11Page - Rohm BD9130NV_14 Datasheet HTML 12Page - Rohm BD9130NV_14 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9/21
BD9130NV
TSZ02201-0J3J0AJ00130-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
02.Oct.2014 Rev.002
www.rohm.com
TSZ22111・15・001
2. Description of Functions
(1) Soft-Start Function
During start-up, the soft-start circuit gradually establishes the output voltage to limit the input current. This prevents the
overshoot in the output voltage and inrush current.
(2) Shutdown Function
When EN terminal is “Low”, the device operate in Standby Mode, and all the functional blocks such as reference
voltage circuit,
internal oscillator and drivers are turned OFF. Standby current is 0μA (Typ).
(3) UVLO Function
This circuit detects whether the supplied input voltage is sufficient to obtain the output voltage of this IC. It provides a
hysteresis of 50mV (Typ) to prevent the output from chattering.
Figure 22. Soft-Start, Shutdown, UVLO Timing Chart
(4) Short-Circuit Protection with Time Delay Function
To protect the IC from breakdown, the short-circuit turns the output OFF when the internal current limiter is activated
continuously for a fixed time (tLATCH) or more. The output that is kept OFF may be turned ON again by restarting EN or
by resetting UVLO.
Figure 23. Short-Circuit Protection with Time Delay Diagram
t2=tLATCH
Output OFF
Latch
EN
VOUT
Output Short circuit
Threshold Voltage
IL
Output OFF
Operating mode
Operating mode
EN
Timer Latch
EN
Output OFF
IL Limit
t1<tLATCH
Hysteresis 50mV
tSS
tSS
tSS
Soft start
Standby mode
Operating mode
Standby
mode
Operating mode
Standby
mode
Operating mode
Standby mode
UVLO
EN
UVLO
UVLO
VCC
EN
VOUT


Similar Part No. - BD9130NV_14

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9130NV ROHM-BD9130NV_12 Datasheet
931Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
More results

Similar Description - BD9130NV_14

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
BD8967FVM ROHM-BD8967FVM_15 Datasheet
745Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9122GUL ROHM-BD9122GUL_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9134MUV ROHM-BD9134MUV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD8961NV ROHM-BD8961NV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9106FVM ROHM-BD9106FVM_14 Datasheet
3Mb / 50P
   Synchronous Buck Converter with Integrated FET
BD9123MUV ROHM-BD9123MUV_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
BD9137MUV ROHM-BD9137MUV_14 Datasheet
2Mb / 26P
   Synchronous Buck Converter with Integrated FET
BD8964FVM ROHM-BD8964FVM_15 Datasheet
795Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9141MUV ROHM-BD9141MUV_15 Datasheet
958Kb / 26P
   Synchronous Buck Converter with Integrated FET
BD91361MUV ROHM-BD91361MUV_14 Datasheet
2Mb / 27P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com