Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9106NV-E2 Datasheet(PDF) 10 Page - Rohm

Part # BD9106NV-E2
Description  Synchronous Buck Converter with Integrated FET
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9106NV-E2 Datasheet(HTML) 10 Page - Rohm

Back Button BD9106NV-E2 Datasheet HTML 6Page - Rohm BD9106NV-E2 Datasheet HTML 7Page - Rohm BD9106NV-E2 Datasheet HTML 8Page - Rohm BD9106NV-E2 Datasheet HTML 9Page - Rohm BD9106NV-E2 Datasheet HTML 10Page - Rohm BD9106NV-E2 Datasheet HTML 11Page - Rohm BD9106NV-E2 Datasheet HTML 12Page - Rohm BD9106NV-E2 Datasheet HTML 13Page - Rohm BD9106NV-E2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
Datasheet
10/46
BD9106FVM BD9107FVM BD9109FVM BD9110NV BD9120HFN
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0J3J0AJ00090-1-2
02.Oct.2014 Rev.003
Typical Performance Curves – continued
Typical Waveforms
]
Figure 19. Frequency vs Input Voltage
Input Voltage: VCC [V]
Figure 20. Soft Start Waveform
Figure 18. Circuit Current vs Temperature
Temperature: Ta [°C]
VCC=5V
VCC=5V
Ta=25°C
IO=0A
VOUT
[VOUT=1.8V]
VCC=PVCC
=EN
Figure 21. SW Waveform
( IO=10mA)
VCC=5V
Ta=25°C
VOUT
SW
VOUT=1.8V]
[SLLM control


Similar Part No. - BD9106NV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9106FVM ROHM-BD9106FVM Datasheet
309Kb / 5P
   1ch DC/DC Converter Controller IC built in synchronous rectifier
BD9106FVM ROHM-BD9106FVM Datasheet
651Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulators with Built-in Power MOSFET
BD9106FVM ROHM-BD9106FVM Datasheet
672Kb / 29P
   High-efficiency Step-down Switching Regulators with Built-in Power MOSFET
BD9106FVM ROHM-BD9106FVM Datasheet
1Mb / 29P
   4.0V(or 4.5V) to 5.5V, 0.8A 1ch Synchronous Buck Converter Integrated FET
BD9106FVM ROHM-BD9106FVM Datasheet
2Mb / 42P
   Synchronous Buck Converter Integrated FET
More results

Similar Description - BD9106NV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9329AEFJ ROHM-BD9329AEFJ_15 Datasheet
1Mb / 23P
   Synchronous Buck Converter with Integrated FET
BD8967FVM ROHM-BD8967FVM_15 Datasheet
745Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9122GUL ROHM-BD9122GUL_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9134MUV ROHM-BD9134MUV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD8961NV ROHM-BD8961NV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
BD9123MUV ROHM-BD9123MUV_14 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
BD9137MUV ROHM-BD9137MUV_14 Datasheet
2Mb / 26P
   Synchronous Buck Converter with Integrated FET
BD8964FVM ROHM-BD8964FVM_15 Datasheet
795Kb / 25P
   Synchronous Buck Converter with Integrated FET
BD9141MUV ROHM-BD9141MUV_15 Datasheet
958Kb / 26P
   Synchronous Buck Converter with Integrated FET
BD91361MUV ROHM-BD91361MUV_14 Datasheet
2Mb / 27P
   Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com