Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC400-0103Q0001KI1T Datasheet(PDF) 1 Page - Microchip Technology

Part # DSC400-0103Q0001KI1T
Description  Configurable Four Output, Low Jitter Crystal-less??Clock Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC400-0103Q0001KI1T Datasheet(HTML) 1 Page - Microchip Technology

  DSC400-0103Q0001KI1T Datasheet HTML 1Page - Microchip Technology DSC400-0103Q0001KI1T Datasheet HTML 2Page - Microchip Technology DSC400-0103Q0001KI1T Datasheet HTML 3Page - Microchip Technology DSC400-0103Q0001KI1T Datasheet HTML 4Page - Microchip Technology DSC400-0103Q0001KI1T Datasheet HTML 5Page - Microchip Technology DSC400-0103Q0001KI1T Datasheet HTML 6Page - Microchip Technology DSC400-0103Q0001KI1T Datasheet HTML 7Page - Microchip Technology DSC400-0103Q0001KI1T Datasheet HTML 8Page - Microchip Technology DSC400-0103Q0001KI1T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
 2016 Microchip Technology Inc.
DS20005612A-page 1
DSC400
Features
• Low RMS Phase Jitter: <1 ps (typ.)
• High Stability: ±25 ppm, ±50 ppm
• Wide Temperature Range:
- Industrial –40°C to +85°C
- Ext. Commercial –20°C to +70°C
• High Supply Noise Rejection: –50 dBc
• Four Format-Configurable Outputs:
- LVPECL, LVDS, HCSL, LVCMOS
• Available Pin-Selectable Frequency Table
- 1 Pin per Bank for 2 Frequency Sets
• Wide Frequency Range:
- 2.3 MHz – 460 MHz
• 20-Pin QFN Footprint (5.0 mm x 3.2 mm)
• Excellent Shock and Vibration Immunity
• High Reliability
- 20x better MTF than quartz-based devices
• Wide Supply Range of 2.25V to 3.6V
• Lead Free and RoHS-Compliant
• AEC-Q100 Automotive Qualified
Applications
• Communications and Networks
• Ethernet
- 1G, 10GBASE-T/KR/LR/SR, and FCoE
• Storage Area Networks
- SATA, SAS, Fibre Channel
• Passive Optical Networks
- EPON, 10G-EPON, GPON, 10G-PON
• HD/SD/SDI Video and Surveillance
• Automotive
• Media and Video
• Embedded and Industrial
General Description
The DSC400 is a four output crystal-less™ clock
generator. It utilizes proven PureSilicon™ MEMS
technology to provide excellent jitter and stability while
incorporating additional device functionality.
The nominal frequencies of the outputs can be identical
or independently derived from common PLLs.
Each output may be configured independently to
support a single-ended LVCMOS interface or a
differential interface. Differential options include
LVPECL, LVDS, or HCSL.
The DSC400 provides two independent select lines for
choosing
between
two
sets
of pre-configured
frequencies per bank. It also has two OE pins to allow
for enabling and disabling outputs.
The DSC400 is packaged in a 20-pin QFN (5 mm x
3.2 mm) and is available in extended commercial and
industrial temperature grades.
Block Diagram
CLK0+
BANK 2
OUTPUT
CONTROL
AND
DIVIDERS
CONTROL
CIRCUITRY
MEMS
PLL
OE1
OE2
FSB1
FSB2
BANK 1
CLK0-
CLK3+
CLK3-
CLK1+
CLK1-
CLK2+
CLK2-
PLL
Configurable Four Output, Low Jitter Crystal-less™ Clock Generator


Similar Part No. - DSC400-0103Q0001KI1T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC400-0103Q0001KI1T MICREL-DSC400-0103Q0001KI1T Datasheet
456Kb / 15P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
More results

Similar Description - DSC400-0103Q0001KI1T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC400 MICREL-DSC400 Datasheet
456Kb / 15P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
logo
Microchip Technology
DSA400 MICROCHIP-DSA400 Datasheet
889Kb / 20P
   Configurable Four Output, Low Jitter Clock Generator for Automotive
02/28/20
logo
Micrel Semiconductor
DSC2311 MICREL-DSC2311 Datasheet
632Kb / 5P
   Crystal-less??Configurable Two Output Clock Generator
logo
Microchip Technology
DSC2311 MICROCHIP-DSC2311 Datasheet
228Kb / 18P
   Crystal-less??Configurable Two-Output Clock Generator
06/23/16
logo
Micrel Semiconductor
DSC2311KM1-R0036 MICREL-DSC2311KM1-R0036 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
DSC2011FI2-F0016 MICREL-DSC2011FI2-F0016 Datasheet
594Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0008 MICREL-DSC2010FE2-B0008 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0003 MICREL-DSC2010FE2-B0003 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2311KI2-R0045 MICREL-DSC2311KI2-R0045 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC2123FI2-E0024 MICROCHIP-DSC2123FI2-E0024 Datasheet
1Mb / 7P
   Crystal-less??Configurable Clock Generator
November 01, 2017 Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com