Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8312HFN Datasheet(PDF) 4 Page - Rohm

Part # BD8312HFN
Description  1ch Synchronous Buck Converter Integrated MOSFET
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8312HFN Datasheet(HTML) 4 Page - Rohm

  BD8312HFN_15 Datasheet HTML 1Page - Rohm BD8312HFN_15 Datasheet HTML 2Page - Rohm BD8312HFN_15 Datasheet HTML 3Page - Rohm BD8312HFN_15 Datasheet HTML 4Page - Rohm BD8312HFN_15 Datasheet HTML 5Page - Rohm BD8312HFN_15 Datasheet HTML 6Page - Rohm BD8312HFN_15 Datasheet HTML 7Page - Rohm BD8312HFN_15 Datasheet HTML 8Page - Rohm BD8312HFN_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4/21
TSZ02201-0Q3Q0NZ00360-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
17. Feb.2015 Rev.002
www.rohm.com
TSZ22111・15・001
BD8312HFN
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Maximum Applied Power Voltage
VCC, PVCC
15
V
Maximum Input Current
IINMAX
1.0
A
Power Dissipation
Pd
0.63
(Note 1)
W
Operating Temperature Range
Topr
-25 to +85
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Junction Temperature
Tjmax
+150
°C
(Note 1) When used at Ta = 25°C or more and installed on a 70x70x1.6
tmm board, the rating is reduced by 5.04mW/°C.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Recommended Operating Conditions (Ta = 25°C)
Parameter
Symbol
Rating
Unit
Power Supply Voltage
VCC
3.5 to 14
V
Output Voltage
VOUT
1.2 to 12
V
Electrical Characteristics (Unless otherwise specified, Ta = 25°C, VCC = 7.4V)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
[Low Voltage Input Malfunction Preventing Circuit]
Detection Threshold Voltage
VUV
-
2.9
3.2
V
VREG monitor
Hysteresis Range
ΔVUVHY
100
200
300
mV
[Oscillator]
Oscillation Frequency
fOSC
1.38
1.5
1.62
MHz
[Regulator]
Output Voltage
VREG
4.65
5.0
5.35
V
[Error AMP]
INV Threshold Voltage
VINV
0.99
1.00
1.01
V
Input Bias Current
IINV
-50
0
+50
nA
VCC=12.0V ,
VINV=6.0V
Soft-Start Time
tSS
3.2
5.3
7.4
msec
[PWM Comparator]
LX Max Duty
DMAX
-
-
100
(Note 1)
%
[Output]
PMOS ON-Resistance
RONP
-
450
600
m
Ω
NMOS ON-Resistance
RONN
-
300
420
m
Ω
Leak Current
ILEAK
-1
0
+1
µA
[STB]
STB Pin
Control Voltage
Operation
VSTBH
2.5
-
11
V
No-Operation
VSTBL
-0.3
-
+0.3
V
STB Pin Pull-Down Resistance
RSTB
250
400
700
k
Ω
[Circuit Current]
Standby Current
VCC Pin
ISTB1
-
-
1
µA
PVCC Pin
ISTB2
-
-
1
µA
Circuit Current at Operation VCC
ICC1
-
600
900
µA
VINV=1.2V
Circuit Current at Operation PVCC
ICC2
-
30
50
µA
VINV=1.2V
(Note 1) 100% is MAX Duty as behavior of a PWM comparator. wherein High side PMOS is 100% at ON state because the same or less input voltage than
output voltage is supplied. This causes the SCP to activate and stop the operation of the DC/DC converter .


Similar Part No. - BD8312HFN_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8312HFN ROHM-BD8312HFN_10 Datasheet
487Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN ROHM-BD8312HFN_11 Datasheet
436Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD8312HFN_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8313HFN ROHM-BD8313HFN_15 Datasheet
1Mb / 31P
   1ch Synchronous Buck Converter Integrated MOSFET
BD8306MUV ROHM-BD8306MUV Datasheet
1Mb / 29P
   Integrated 2.0A MOSFET 1ch Buck-Boost Converter
BD9G341AEFJ-LB ROHM-BD9G341AEFJ-LB Datasheet
2Mb / 30P
   1ch Buck Converter Integrated FET
BD95821MUV ROHM-BD95821MUV Datasheet
992Kb / 26P
   7.5V to 15V, 2A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
BD95861MUV ROHM-BD95861MUV Datasheet
1Mb / 26P
   7.5V to 18V, 6A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
BD95831MUV ROHM-BD95831MUV Datasheet
853Kb / 26P
   7.5V to 15V, 3A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
BD9122GUL-E2 ROHM-BD9122GUL-E2 Datasheet
955Kb / 19P
   2.5V to 5.5V, 0.3A 1ch Synchronous Buck Converter integrated FET
BD9123MUV ROHM-BD9123MUV_12 Datasheet
1,001Kb / 22P
   2.7V to 5.5V, 1.2A 1ch Synchronous Buck Converter integrated FET
BD9141MUV ROHM-BD9141MUV_12 Datasheet
1Mb / 21P
   4.5V to 13.2V, 2A 1ch Synchronous Buck Converter integrated FET
BD9130NV-E2 ROHM-BD9130NV-E2 Datasheet
891Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com