Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8303MUV Datasheet(PDF) 8 Page - Rohm

Part # BD8303MUV
Description  Synchronous Buck-Boost Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8303MUV Datasheet(HTML) 8 Page - Rohm

Back Button BD8303MUV_15 Datasheet HTML 4Page - Rohm BD8303MUV_15 Datasheet HTML 5Page - Rohm BD8303MUV_15 Datasheet HTML 6Page - Rohm BD8303MUV_15 Datasheet HTML 7Page - Rohm BD8303MUV_15 Datasheet HTML 8Page - Rohm BD8303MUV_15 Datasheet HTML 9Page - Rohm BD8303MUV_15 Datasheet HTML 10Page - Rohm BD8303MUV_15 Datasheet HTML 11Page - Rohm BD8303MUV_15 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8/23
BD8303MUV
© 2014 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0Q3Q0NZ00320-1-2
16.Feb.2015 Rev.002
Typical Performance Curves - continued
Figure 9. BOOT Pin Current vs BOOT Pin Voltage
BOOT Pin Voltage [V]
0
20
40
60
80
100
120
140
0
1
2
3
4
5
6
Figure 10. OUT Voltage vs VCC Voltage
(Line Regulation)
VCC Voltage [V]
4.950
4.975
5.000
5.025
5.050
0
5
10
15
Load Current [mA]
4.950
4.975
5.000
5.025
5.050
0
500
1000
1500
Figure 12.
MAX Duty / MIN Duty vs Ambient Temperature
Ambient Temperature [℃]
0
10
20
30
40
50
60
70
80
90
100
-40
0
40
80
120
SW1 Max Duty
SW2 Max Duty
SW2 Min Duty
Figure 11. OUT Voltage vs Load Current
(Load Regulation)


Similar Part No. - BD8303MUV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8303MUV-E2 ROHM-BD8303MUV-E2 Datasheet
398Kb / 18P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
More results

Similar Description - BD8303MUV_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43335-Q1 TI1-TPS43335-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   Single-Boost, Dual Synchronous-Buck Controller
logo
Linear Technology
LT3791EFE-1 LINER-LT3791EFE-1 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
   60V Synchronous 4-Switch Buck-Boost Controller
LT3790 LINER-LT3790 Datasheet
603Kb / 10P
   60V Four-Switch Synchronous Buck-Boost Controller
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
   Low IQ, 60V Synchronous BoostBuck Controller
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
   Low IQ, 38V Synchronous BoostBuck Controller
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
3Mb / 47P
   40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
logo
Linear Technology
LT3791-1 LINER-LT3791-1_15 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
LTC3859 LINER-LTC3859_15 Datasheet
634Kb / 42P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com