Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9G341AEFJ-LB Datasheet(PDF) 2 Page - Rohm

Part # BD9G341AEFJ-LB
Description  1ch Buck Converter Integrated FET
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9G341AEFJ-LB Datasheet(HTML) 2 Page - Rohm

  BD9G341AEFJ-LB Datasheet HTML 1Page - Rohm BD9G341AEFJ-LB Datasheet HTML 2Page - Rohm BD9G341AEFJ-LB Datasheet HTML 3Page - Rohm BD9G341AEFJ-LB Datasheet HTML 4Page - Rohm BD9G341AEFJ-LB Datasheet HTML 5Page - Rohm BD9G341AEFJ-LB Datasheet HTML 6Page - Rohm BD9G341AEFJ-LB Datasheet HTML 7Page - Rohm BD9G341AEFJ-LB Datasheet HTML 8Page - Rohm BD9G341AEFJ-LB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2/26
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111
• 15 • 001
BD9G341AEFJ-LB
TSZ02201-0Q3Q0AJ00500-1-2
28.Sep.2016 Rev.003
Pin Configuration
LX 1
GND 2
VC 3
6 EN
8 VCC
FB 4
5 RT
7 BST
Thermal Pad
Pin Description
Pin No.
Pin Name
Description
1
LX
Switching node. It should be connected as near as possible to the schottky
barrier diode, and inductor.
2
GND
Ground pin. GND pattern is kept from the current line of input capacitor to
output capacitor.
3
VC
The output of the internal error amplifier. The phase compensation
implementation is connected between this pin to GND.
4
FB
Voltage feedback pin. This pin is the error-amp input with the DC voltage is
set at 1.0V with feed-back operation.
5
RT
The internal oscillator frequency set pin. The internal oscillator is set with a
single resistor connected between this pin and the GND pin.
Recommended frequency range is 50kHz to 750kHz
6
EN
Shutdown pin. If the voltage of this pin is below 1.3V,the regulator will be in a
low power state. If the voltage of this pin is between 1.3V and 2.4V. The IC
will be in standby mode. If the voltage of this pin is above 2.6V, the regulator
is operational. An external voltage divider can be used to set under voltage
threshold. If this pin is left open circuit. when converter is operating. This pin
output 10uA source current. If this pin is left open circuit, a 10uA pull up
current source configures the regulator fully operational.
7
BST
Boost input for bootstrap capacitor
The external capacitor is required between the BST and the Lx pin.
A 0.1uF ceramic capacitor is recommended.
8
VCC
Input supply voltage pin.
-
Thermal Pad
Connect to GND.
Figure 2.Pin Configuration (TOP VIEW)


Similar Part No. - BD9G341AEFJ-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9G341AEFJ ROHM-BD9G341AEFJ Datasheet
2Mb / 29P
   12V to 76V input voltage range 3A output current
More results

Similar Description - BD9G341AEFJ-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9122GUL-E2 ROHM-BD9122GUL-E2 Datasheet
955Kb / 19P
   2.5V to 5.5V, 0.3A 1ch Synchronous Buck Converter integrated FET
BD9123MUV ROHM-BD9123MUV_12 Datasheet
1,001Kb / 22P
   2.7V to 5.5V, 1.2A 1ch Synchronous Buck Converter integrated FET
BD9141MUV ROHM-BD9141MUV_12 Datasheet
1Mb / 21P
   4.5V to 13.2V, 2A 1ch Synchronous Buck Converter integrated FET
BD9130NV-E2 ROHM-BD9130NV-E2 Datasheet
891Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD9132MUV ROHM-BD9132MUV_12 Datasheet
970Kb / 20P
   2.7V to 5.5V, 3.0A 1ch Synchronous Buck Converter integrated FET
BD9134MUV ROHM-BD9134MUV_12 Datasheet
1,011Kb / 21P
   4.5V to 5.5V, 3.0A 1ch Synchronous Buck Converter Integrated FET
BD9329AEFJ-LB ROHM-BD9329AEFJ-LB Datasheet
769Kb / 21P
   4.2V to 18V, 3A 1ch Synchronous Buck Converter integrated FET
BD8963EFJ ROHM-BD8963EFJ_12 Datasheet
1Mb / 23P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD8964FVM ROHM-BD8964FVM_12 Datasheet
972Kb / 18P
   4.0V to 5.5V, 1.2A 1ch Synchronous Buck Converter Integrated FET
BD9122GUL ROHM-BD9122GUL_12 Datasheet
889Kb / 19P
   2.5V to 5.5V, 0.3A 1ch Synchronous Buck Converter integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com