Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM185 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM185
Description  Adjustable Micropower Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM185 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM185 Datasheet HTML 1Page - National Semiconductor (TI) LM185 Datasheet HTML 2Page - National Semiconductor (TI) LM185 Datasheet HTML 3Page - National Semiconductor (TI) LM185 Datasheet HTML 4Page - National Semiconductor (TI) LM185 Datasheet HTML 5Page - National Semiconductor (TI) LM185 Datasheet HTML 6Page - National Semiconductor (TI) LM185 Datasheet HTML 7Page - National Semiconductor (TI) LM185 Datasheet HTML 8Page - National Semiconductor (TI) LM185 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Ordering Information
Package
Temperature Range
NSC
Drawing
−55˚C to 125˚C
−40˚C to 85˚C
0˚C to 70˚C
TO-46
LM185BH
H03H
LM185BH/883
LM185BYH
LM185BYH/883
TO-92
LM285BXZ
LM385BXZ
Z03A
LM285BYZ
LM385BYZ
LM285Z
LM385BZ
LM385Z
8-Pin SOIC
LM285M
LM385M
M08A
LM285BYM
LM385BM
20-Leadless Chip
Carrier
LM185BE/883
E20A
Block Diagram
00525013
Typical Applications
1.2V Reference
5.0V Reference
00525014
00525002
www.national.com
2


Similar Part No. - LM185

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM185 NSC-LM185 Datasheet
713Kb / 14P
   Adjustable Micropower Voltage References
LM185 NSC-LM185 Datasheet
211Kb / 11P
   MICROCIRCUIT DATA SHEET
LM185 NSC-LM185 Datasheet
723Kb / 14P
   Adjustable Micropower Voltage References
LM185-1.2 NSC-LM185-1.2 Datasheet
698Kb / 11P
   Micropower Voltage Reference Diode
LM185-1.2 NSC-LM185-1.2 Datasheet
293Kb / 10P
   Micropower Voltage Reference Diode
More results

Similar Description - LM185

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM185QML NSC-LM185QML Datasheet
713Kb / 15P
   Adjustable Micropower Voltage References
LM385-ADJ NSC-LM385-ADJ Datasheet
713Kb / 14P
   Adjustable Micropower Voltage References
LM185 NSC-LM185_08 Datasheet
723Kb / 14P
   Adjustable Micropower Voltage References
logo
Texas Instruments
LM185-ADJ TI-LM185-ADJ_15 Datasheet
1Mb / 23P
[Old version datasheet]   Adjustable Micropower Voltage References
5962-9091402QYA TI-5962-9091402QYA Datasheet
459Kb / 15P
[Old version datasheet]   LM185QML Adjustable Micropower Voltage References
LM185-ADJ TI1-LM185-ADJ Datasheet
708Kb / 16P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
LM385MX TI-LM385MX Datasheet
1Mb / 23P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
LM385Z TI-LM385Z Datasheet
1Mb / 23P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com