Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3620A Datasheet(PDF) 4 Page - Keysight Technologies

Part # E3620A
Description  E3620A and E3630A Non-programmable DC Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E3620A Datasheet(HTML) 4 Page - Keysight Technologies

  E3620A Datasheet HTML 1Page - Keysight Technologies E3620A Datasheet HTML 2Page - Keysight Technologies E3620A Datasheet HTML 3Page - Keysight Technologies E3620A Datasheet HTML 4Page - Keysight Technologies E3620A Datasheet HTML 5Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Ordering information
E3620A Dual-output power supply
E3630A Triple-output power supply
Standard shipped accessories
Product reference CD, power cord
Power options
Opt. 0E3 230 Vac ± 10%
Opt. 0EM 115 Vac ± 10%
Opt. 0E9 100 Vac ± 10%
Rackmount kits*
E3620A
To rackmount two instruments
side-by-side
– Lock-link Kit (P/N 5061-9694)
– Flange Kit (P/N 5063-9212) or 34191A
To rackmount one or two instruments in
a sliding support shelf
– Support Shelf (P/N 5063-9255)
– Slide Kit (P/N 1494-0015) required
for support shelf
For a single instrument, also order filler
panel (P/N 5002-3999)
* Rackmounting with 1CM or lock-link/flange kit
requires
– Keysight or customer support rails
– Keysight Support Rails-E3663AC.
Supplemental Characteristics
E3620A
E3630A
Control mode
CV/CL
CV/CL (± 20 V)
CV/CF (+ 6 V)
Temperature coefficient per ºC
Voltage
< 0.02% + 1 mV
Current
Output Drift
Voltage
Less than 0.1% + 5 mV total drift for 8 hours after initial warm-up of 30 minutes
Current
N/A
Temperature range
Derate output current 50% between 40 ºC to 55 ºC
Cooling
Convection cooling
Isolation
± 240 Vdc
AC Input
100 Vac ± 10%, 47–63 Hz (opt. 0E9)
115 Vac ± 10%, 47–63 Hz (std)
230 Vac ± 10%, 47–63 Hz (0E3)
Weight
5.0 kg (11.0 lbs) net, 6.25 kg (13.8 lbs) shipping
3.8 kg (8.4 lbs) net, 5.1 kg (11.3 lbs) shipping
Size
88.1 mm H x 212.3 mm W x 392.4 mm D
3.5” H x 8.4” W x 15.4” D
88.1 mm H x 212.3 mm W x 318.4 mm D
3.5” H x 8.4” W x 12.5” D
Warranty
Three year for E3600 Series power supplies
Three months for standard shipped accessories
Product regulation
Certified to CSA 22.2 No. 231; conforms to IEC 1010-1; carries CE mark; complies with CISPR-11,
Group 1, Class A, KC South Korean EMC Mark, Canadian ICES/NMB-001, Australian C Tick Mark
Other options
Opt. 1CM or 34190A rackmount kit*
(Only applicable for E3620A)
Opt. UK6 Commercial calibration
certificate with test result data
E3600A-100 Test lead kit
Manual sets
Please visit
www.keysight.com/find/manuals
for the latest revisions of manuals.
04 | Keysight | E3620A and E3630A Non-programmable DC Power Supplies – Data Sheet


Similar Part No. - E3620A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E3620A HP-E3620A Datasheet
92Kb / 5P
   Agilent E36XX-Series Manual dc Power Supplies
More results

Similar Description - E3620A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E3630A KEYSIGHT-E3630A Datasheet
488Kb / 5P
   Non-programmable DC Power Supplies
E36103A KEYSIGHT-E36103A Datasheet
2Mb / 8P
   Programmable DC Power Supplies
E3646A KEYSIGHT-E3646A Datasheet
808Kb / 6P
   Programmable DC Power Supplies
logo
B&K Precision Corporati...
9120A BK-9120A Datasheet
800Kb / 3P
   Programmable DC Power Supplies
logo
Keysight Technologies
E3633A KEYSIGHT-E3633A Datasheet
997Kb / 5P
   Programmable DC Power Supplies
E3632A KEYSIGHT-E3632A Datasheet
997Kb / 5P
   Programmable DC Power Supplies
E3645A KEYSIGHT-E3645A Datasheet
808Kb / 6P
   Programmable DC Power Supplies
logo
List of Unclassifed Man...
1785A ETC2-1785A Datasheet
109Kb / 1P
   Programmable DC Power Supplies
logo
Keysight Technologies
E36105A KEYSIGHT-E36105A Datasheet
2Mb / 8P
   Programmable DC Power Supplies
E36106A KEYSIGHT-E36106A Datasheet
2Mb / 8P
   Programmable DC Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com