Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3936SLX Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3936SLX
Description  Lighting Management System for Six White LEDs and One RGB or FLASH LED
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3936SLX Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP3936SLX Datasheet HTML 7Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 8Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 9Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 10Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 11Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 12Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 13Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 14Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
I
2C Compatible Interface (Continued)
I
2C Timing Parameters
V
DD1, 2 = 3.0V to 4.5V, VDD_IO = 1.8V to VDD1, 2
Symbol
Parameter
Limits
Units
Min
Max
1
Hold Time (repeated) START Condition
0.6
µs
2
Clock Low Time
1.3
µs
3
Clock High Time
600
ns
4
Setup Time for a Repeated START Condition
600
ns
5
Data Hold Time
300
900
ns
6
Data Setup Time
100
ns
7
Rise Time of SDA and SCL
20 + 0.1C
b
300
ns
8
Fall Time of SDA and SCL
15 + 0.1C
b
300
ns
9
Set-Up Time for STOP Condition
600
ns
10
Bus Free Time between a STOP and a START Condition
1.3
µs
C
b
Capacitive Load for Each Bus Line
10
200
pF
Note: Data guaranteed by design.
A/D Converter for Ambient Light Measurement
Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IN RANGE
Input Voltage
AD Output: 00h
1.23
V
AD Output: FFh
2.46
V
DNL
Differential Non-Linearity
–1.5
±1
+1.5
LSB
GE
Gain Error
−5
+5
LSB
PSS
Power Supply Sensitivity
3.1V
≤ V
DD
≤ 4.2V
±1/2
LSB
f(conv)
Conversion Rate
Without Averaging
217
Hz
With Averaging
(64 samples)
3.4
Hz
t
STARTUP
Startup Time
100
ms
I
AIN
Input Current
1.23 < AIN < 2.6V
±0.1
µA
I
AREF
Maximum Output Current
AREF Output Current Sink
200
µA
R
AREF
AREF Output Resistance
110
ADC output AIN[7:0] can be read from address 0CH after startup time. Overflow bit can be read from bit D7 in address 0BH. The
overflow bit indicates that input voltage exceeds the input voltage range of the ADC. The ADC output value in this case is FFH.
When averaging is on, the overflow is high, if any of the 64 conversion results in the averaging period overflows. Thus the
averaged result may be considerably below maximum and the overflow can still be high, if the input signal is noisy.
Examples for optical sensor are photodiode SHF2400 and phototransistor SFH3410 from Osram or BSC 3216 G1 optical sensor
from TDK.
ADC can be used for temperature measurement with a thermistor. It enables temperature compensated LED driving.
If ADC is not used, it should be disabled by writing en_ambadc bit low. AIN and AREF pins can be left unconnected
www.national.com
11


Similar Part No. - LP3936SLX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3936SL/NOPB TI1-LP3936SL/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Lighting Management System for Six White LEDs and One RGB
More results

Similar Description - LP3936SLX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3936 TI1-LP3936 Datasheet
1Mb / 30P
[Old version datasheet]   Lighting Management System for Six White LEDs and One RGB
logo
National Semiconductor ...
LP3933 NSC-LP3933 Datasheet
406Kb / 18P
   Lighting Management System for Six White LEDs and Two RGB or FLASH LEDs
logo
STMicroelectronics
STLD20CP1 STMICROELECTRONICS-STLD20CP1 Datasheet
298Kb / 19P
   Power management for white LED and camera flash
logo
Texas Instruments
LED171596A TI1-LED171596A Datasheet
1Mb / 153P
[Old version datasheet]   96-LED Matrix Driver for RGB and White LEDs
logo
ATMEL Corporation
MSL3082CS ATMEL-MSL3082CS Datasheet
2Mb / 16P
   8-string, High-power, White or RGB LED Driver for TV, Blacklighting, or Intelligent Solid-state Lighting
MSL2100BR ATMEL-MSL2100BR Datasheet
3Mb / 20P
   8-string, High-power, White or RGB LED Drivers for TVs, Monitors, or Intelligent Solid-state Lighting
logo
Advanced Analog Technol...
AAT2861IMK-1-T1 AAT-AAT2861IMK-1-T1 Datasheet
3Mb / 27P
   Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
logo
Advanced Analogic Techn...
AAT2860 ANALOGICTECH-AAT2860 Datasheet
2Mb / 23P
   Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
logo
Sharp Corporation
IR2E46Y SHARP-IR2E46Y Datasheet
344Kb / 14P
   Illumination and Flash RGB-LED Driver
logo
Advanced Analogic Techn...
AAT3128 ANALOGICTECH-AAT3128 Datasheet
630Kb / 13P
   RGB LED Fashion Lighting Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com