Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3936 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3936
Description  Lighting Management System for Six White LEDs and One RGB or FLASH LED
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3936 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3936 Datasheet HTML 1Page - National Semiconductor (TI) LP3936 Datasheet HTML 2Page - National Semiconductor (TI) LP3936 Datasheet HTML 3Page - National Semiconductor (TI) LP3936 Datasheet HTML 4Page - National Semiconductor (TI) LP3936 Datasheet HTML 5Page - National Semiconductor (TI) LP3936 Datasheet HTML 6Page - National Semiconductor (TI) LP3936 Datasheet HTML 7Page - National Semiconductor (TI) LP3936 Datasheet HTML 8Page - National Semiconductor (TI) LP3936 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
DD1,VDD2,VDD_IO, V(OUT, FB)
-0.3V to 6.0V
Voltage on Logic Pins
-0.3V to V
DD_IO +
0.3V, with 6.0V max
Voltage on LED Output Pins
-0.3V to V(FB) +
0.3V, with 6.0V max
Voltage on All Other Pins
-0.3V to V
DD1,2 +
0.3V, with 6.0V max
I (ROUT, GOUT, BOUT)
150 mA
I(V
REF)10 µA
Continuous Power Dissipation
(Note 3)
Internally Limited
Junction Temperature (T
J-MAX)
125˚C
Storage Temperature Range
−65˚C to +150˚C
Maximum Lead Temperature
260˚C
(Reflow soldering, 3 times) (Note 4)
ESD Rating (Note 5)
Human Body Model:
2 kV
Machine Model:
200V
Operating Ratings (Notes 1, 2)
V
DD1,VDD2
3.0V to 6.0V
V
DD_IO
1.8V – V
DD1,2
Recommended Load Current
0 mA to 250 mA
Junction Temperature (T
J) Range
−40˚C to +125˚C
Ambient Temperature (T
A) Range
(Note 6)
−40˚C to +85˚C
Thermal Properties
Junction-to-Ambient Thermal Resistance (
θ
JA),
SLD32A Package (Note 7)
72˚C/W
Electrical Characteristics (Notes 2, 8)
Limits in standard typeface are for T
J = 25˚C. Limits in boldface type apply over the operating ambient temperature range
(−40˚C
≤ T
A
≤ +85˚C). Unless otherwise noted, specifications apply to the Section Block Diagram with: V
DD1 =VDD2 =VDD_IO
= 3.6V, C
VDD1,CVDD2,CVDDIO = 1 µF, CIN,COUT = 10 µF, CVDDA = 1 µF, CVREF = 0.1 µF, LBOOST = 10 µH (Note 9).
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
DD1,2
Supply Voltage
3.0
3.6
6.0
V
I
DD
Standby Supply Current
(V
DD1 and VDD2 current)
NSTBY = L (register)
CS, SCL, DI, NRST = H
V
DD1,VDD2 = 3.6V
1
7
µA
No-Load Supply Current
(V
DD1 and VDD2 current, boost off)
NSTBY = H (reg.)
EN_BOOST = L (reg.)
SCL, CS, DI, NRST = H
170
300
µA
Full Load Supply Current
(V
DD1 and VDD2 current, boost on)
NSTBY = H (register)
NRST, CS, SCL, DI = H
RGB_EN = L
WLED1…6=L
EN_AMBADC = L
1mA
I
DD_IO
V
DD_IO Standby Supply Current
NSTBY = L (register)
CS, SCL, DI, NRST = H
1µA
V
DD_IO Operating Supply Current
1 MHz Clock Frequency
C
L =50pFatDOpin
20
µA
V
REF
Reference Voltage (Note 10)
I
REF
≤ 1 nA,
Test Purposes Only
1.205
−2
1.23
1.255
+2
V
%
V
DDA
LDO Output Voltage
IV
DDA < 1µA
2.688
–4
2.8
2.912
+4
%V
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of
the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the
Electrical Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pins (GND1, GND2, GND_T, GND_BOOST, GND_WLED, GND_RGB).
Note 3: Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 160˚C (typ.) and disengages at TJ =
140˚C (typ.).
Note 4: For detailed soldering specifications and information, please refer to National Semiconductor Application Note 1125: Laminate CSP/FBGA
Package (AN-1125).
Note 5: The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged
directly into each pin. MIL-STD-883 3015.7
www.national.com
4


Similar Part No. - LP3936

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3936 TI1-LP3936 Datasheet
1Mb / 30P
[Old version datasheet]   Lighting Management System for Six White LEDs and One RGB
LP3936SL/NOPB TI1-LP3936SL/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Lighting Management System for Six White LEDs and One RGB
More results

Similar Description - LP3936

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3936 TI1-LP3936 Datasheet
1Mb / 30P
[Old version datasheet]   Lighting Management System for Six White LEDs and One RGB
logo
National Semiconductor ...
LP3933 NSC-LP3933 Datasheet
406Kb / 18P
   Lighting Management System for Six White LEDs and Two RGB or FLASH LEDs
logo
STMicroelectronics
STLD20CP1 STMICROELECTRONICS-STLD20CP1 Datasheet
298Kb / 19P
   Power management for white LED and camera flash
logo
Texas Instruments
LED171596A TI1-LED171596A Datasheet
1Mb / 153P
[Old version datasheet]   96-LED Matrix Driver for RGB and White LEDs
logo
ATMEL Corporation
MSL3082CS ATMEL-MSL3082CS Datasheet
2Mb / 16P
   8-string, High-power, White or RGB LED Driver for TV, Blacklighting, or Intelligent Solid-state Lighting
MSL2100BR ATMEL-MSL2100BR Datasheet
3Mb / 20P
   8-string, High-power, White or RGB LED Drivers for TVs, Monitors, or Intelligent Solid-state Lighting
logo
Advanced Analog Technol...
AAT2861IMK-1-T1 AAT-AAT2861IMK-1-T1 Datasheet
3Mb / 27P
   Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
logo
Advanced Analogic Techn...
AAT2860 ANALOGICTECH-AAT2860 Datasheet
2Mb / 23P
   Backlight/Flash LED Driver and Multiple LDO Lighting Management Unit
logo
Sharp Corporation
IR2E46Y SHARP-IR2E46Y Datasheet
344Kb / 14P
   Illumination and Flash RGB-LED Driver
logo
Advanced Analogic Techn...
AAT3128 ANALOGICTECH-AAT3128 Datasheet
630Kb / 13P
   RGB LED Fashion Lighting Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com